Part Number Hot Search : 
AMS255B GP30M C68HC71 DR300 KBK10A FN3138 HC244 4312MV
Product Description
Full Text Search
 

To Download M9120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  keysight technologies pxi matrix switch modules M9120A, m9121a, m9122 a data sheet
02 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet overview product description the keysight technologies, inc. pxi matrix switch modules activate multiple channels in a single instance. select a switch row to connect to any column and create routing for multiple signals between instruments and the device under test. choose from high-speed, long-life reed relays capable of switching up to 100 vrms with up to 20 w of power, or the higher power armature relays capable of switching up to 60w of power. multiple switch matrices offer a variety of power and switch density options. installation and coniguration is fast and easy with standard cable connections or an optional connector block, soft front panels, and keysight connection expert. in addition, software drivers support the most common programming environments such as visual studio, c, c++, visual basic, matlab, and labview. applications C aerospace and defense C automotive C electronic test C medical C semiconductor features C quickly connect multiple high-voltage points C high-density modules provide more connections in a smaller area C up to 256 2-wire crosspoints C high-speed, long-life reed relays or higher power armature relays C software drivers support the most common programming environment C optional connector blocks offer reliable measurement from robust, high-pincount interconnects C easy programming and control with soft front panels and keysight command expert customer values C connect multiple points for high-pin-count applications C get the performance you need with high-speed 1000 s reed relay switches or up to 60 w per channel C work in your programming environment of choice and reduce development time C fast and easy module installation and coniguration
03 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet hardware platform compliance the matrix switch modules are pxi compliant with a j1 connector and can be used in pxi chassis with cpci (j1), pxi-1 (j1 only), or pxie hybrid slot connectors. the pxi format offers high performance in a small, rugged package. it is an ideal deployment platform for many automated test systems. in addition, a wide array of com- plementary pxi products are currently available, such as multimeters, waveform generators, local oscillators, digitizers, and rf switch modules. software platform io libraries keysight io libraries suite offers fast and easy instrument connections and now extends to modular instruments. io libraries suite 16 adds support for pxi, helping you display all of the modules in your system, whether they are pxi, pxie, or axie, as well as view information about installed software. in addition, the new version allows you to more easily ind the right driver and start module soft front panels directly with keysight connection expert. drivers keysight provides instrument drivers that work with your choice of software, saving time and preserving software and hardware investments. keysight modular instruments come with ivi-com, ivi-c, and labview software drivers that work in the most popular test and measurement development environments including labview, matlab, labwindows/cvi, visual studio c, c++, c#, vee, and visual basic. with a broad selection of drivers already included, any keysight pxi matrix switch can be swapped out, replaced, or upgraded with the latest version, requiring only minimal software adjustments. easy software integration in addition, application code examples are included for labview, labwindows/cvi, visual studio c, c++, c#, visual basic, and matlab, providing switch set-up and basic functionality. these application code examples are easily modiied to quickly integrate the switch module into your measurement system. software applications keysight soft front panels provide easy-to-use instrument communications. the pxi matrix switch graphical user interface guides developers through module setup so users can quickly conigure the switch states. switch control is also possible through the wide selection of instrument program interfaces. easy setup ... test ... and maintenance figure 1. matrix switch soft front panel
04 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet speciication and characteristic summary following is a summary of speciications and characteristics for the keys ight pxi matrix switches. more detailed specii - cations and characteristics for each module are featured later in this doc ument. speciications and characteristics matrix switch speciication and characteristic summary multiplexer switches description type # slots channels switch speed (typical) max voltage current switch and carry relay type connectors M9120A matrix switch pxi 1-slot 4x32, 2-wire 3 msec 100 vrms 1 2 a/2 a armature 78 dsub connector block or cable m9121a high density matrix switch pxi 1-slot 4x64, 2-wire < 1 msec 2 100 vrms 1 0.5 a/0.5 a 0.5 a/0.5 a 200 lfh connector block or cable m9122a matrix switch pxi 1-slot 8x32, 1-wire 3 msec 100 vrms 1 2 a/2 a armature 50 dsub connector block or cable 1. not for connection to mains
05 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet M9120A 4x32, 2-wire pxi matrix switch the M9120A high-density matrix is designed to switch medium voltage/power signals. the 128, 2-wire armature relays offer higher voltage switching and up to 60w per channel. this module is ideal for telecom applications that need to simultaneously send and return signals. the matrix module includes a 4-wire-wide bus to route signals between test instruments and your device under test. to create larger matrices, multiple modules can be linked together, for example, four rows of two M9120A modules can be joined to create a 4x64 matrix. easily con - nect to the matrix with a 78-pin dsub female connector or cable. speciications and characteristics (continued) figure 2. M9120A 4x32, 2-wire, armature relays M9120A speciications and characteristics general speciications channels 4x32 switch type medium power, 2-wire armature max volts 1 100 vrms max switch rating/carry rating 2.0 a switching characteristics (nominal) max power 60 w switch speed (typical) 3 msec inital path resistance, differential (typical) 500 m connectors 78 dsub connector block or cable bandwidth 7.5 mh z dc isolation, ch-ch, ch-gnd 25c / 40%rh (typical) 25c / 80%rh (typical) 40c / 80%rh (typical) 1x10 10 1x10 8 1x10 7 thermal offset, single-ended (typical) 8 v relay life, operations 2 low power load (typical) rated power load (typical) > 1x10 7 > 1x10 5 1. not for connection to mains 2. relay life is deined as path resistance <1.4 figure 3. 78-pin dsub connector block
06 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet m9121a 4x64, 2-wire pxi high-density matrix switch the m9121a ultra-high-density 4x64, full-crosspoint switch matrix, offers high-speed reed relay signal switching in a single pxi module. the crosspoints of the high-speed, 2-wire, long-life reed switches can be rapidy activated to route signals in your test system. the matrix relays support signal switching up to 100 vrms with 10 w maximum power. the module includes a 4-wire-wide bus to route signals between test instruments and your device under test. to create larger matrices, multiple modules can be linked together. for example, four rows of two m9121a modules can be joined to create a 4x128 matrix. easily connect to the matrix with a high-density, 200-pin low force helix (lfh) connector or cable. speciications and characteristics (continued) figure 4. m9121a 4x64, 2-wire, reed relays m9121a speciications and characteristics general speciications channels 4x64 switch type ultra-high-density, 2-wire reed max volts 1 100 vrms max switch rating/carry rating 0.5 a switching characteristics (nominal) max power 10 w switch speed (typical) < 1 ms inital path resistance, differential (typical) 900 m connectors 200 lfh connector block or cable bandwidth 10 mhz dc isolation, ch-ch, ch-gnd, typical per channel 25c / 40%rh 25c / 80%rh 40c / 80%rh 1x10 10 1x10 7 1x10 6 thermal offset, differential (typical) 6 v relay life, operations 2 low power load (< 10 v) load (typical) up to 100 v (typical) 1x10 9 1x10 6 1. not for connection to mains 2. relay life is deined as path resistance <1.4 figure 5. 200-pin lfh connector block
07 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet the m9122a high-density, full 8x32 crosspoint switch matrix offers high-voltage switching in a pxi module. the matrix is designed with durable electromechanical switches that are capable of switching up to 100 vrms, with up to 60 w of power. choose from crosspoints arranged in eight rows and 32 columns that can be activated instantaneously to route signals in your test system. the module includes an 8-wire-wide bus to easily route signals between test instruments and the device under test. to create larger matrices, multiple modules can be linked together. for example, create a larger matrix by joining eight rows of two m9122a modules to create a 16x32 matrix. easily connect to the matrix with a 50-pin dsub connector or cable. m9122a 8x32, 1-wire, pxi matrix switch figure 6. m9122a 8x32, 1-wire, armature relays m9122a speciications and characteristics general speciications channels 8x32 switch type 1-wire, armature max volts 1 100 vrms max switch rating/carry rating 2.0 a switching characteristics (nominal) max power 60 w switch speed (typical) 3 msec inital path resistance, single ended (typical) 250 m connectors 50 dsub connector block or cable bandwidth 5 mhz dc isolation, ch-ch, ch-gnd 25c / 40%rh (typical) 25c / 80%rh (typical) 40c / 80%rh (typical) 1x10 10 1x10 8 1x10 7 thermal offset, single-ended (typical) 6 v relay life, operations 2 low power load (typical) rated power load (typical) 1x10 7 1x10 5 1. not for connection to mains 2. relay life is deined as path resistance <1.4
08 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet speciications and characteristics general speciications slot type pxi 1-slot connector type M9120A m9121a m9122a 78 dsub connector block or cable 200 lfh connector block or cable 50 dsub connector block or cable physical characteristics dimensions C 3u/1-slot pxi/compactpci standard C connector slot compatibility: cpci (j1), pxi-1, pxie hybrid slot C front panel complies with ieee1101.10 certiication and compliance weight M9120A m9121a m9122a 260 g (.57 lbs) 400 g (.88 lbs) 380 g (.87 lbs) power requirements M9120A m9121a m9122a +3.3v 0 0 100 ma (typ) +5v 400 ma (typ) 400 ma (280 ma) (typ) 400 ma (typ), 1.3 a max +12v 0 0 50 ma (typ) environmental characteristics 1, 2 temperature operating: 0 to 55c non-operating: -40 to +70c relative humidity relative humidity: up to 95% r.h. at 40? c, non-condensing, pollution degree 1 emc european emc directive 2004/108/ec C iec/en 61326-1 C cispr pub 11 group 1, class a C as/nzs cispr 11 C ices/nmb-001 canadian ism device ics-001 safety european low voltage directive 2006/95/ec C etl, ul/iec/en 61010-1, 2nd edition altitude under relative humidity altitude: up to 4.6 km (15,000 ft) warm-up time 15 minutes, max 1. samples of this product have been type tested in accordance with the keysi ght environmental test manual and veriied to be robust against the environmental stresses of storage, transportation, and end-use; t hose stresses include, but are not limited to temperature, humidity, sh ock, vibration, altitude, and power line conditions. 2. test methods are aligned with iec 60068-2 and levels are similar to mil-pr f-28800f class 3
09 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet speciications and characteristics (continued) system requirements topic windows 7 and vista requirements windows xp requirements operating systems windows 7 (32-bit and 64-bit) windows vista, sp1 and sp2 (32-bit and 64-bit) windows xp, service pack 3 1 ghz 32-bit (x86), 1 ghz 64-bit (x64) (no support for itanium 64) 1 ghz 32-bit (x86), 1 ghz 64-bit (x64) (no support for itanium 64) 600 mhz or higher required 800 mhz recommended available disk space 1 1.5 gb available hard disk space, includes: C 1 gb available for microsoft .net framework 3.5 sp1 2 C 100 mb for keysight io libraries suite 1.5 gb available hard disk space, includes: C 1 gb available for microsoft .net framework 3.5 sp1 2 C 100 mb for keysight io libraries suite video support for directx 9 graphics with 128 mb graphics memory recommended (super vga graphics is supported) super vga (800 x 600) 256 colors or more browser microsoft internet explorer 7.0 or greater microsoft internet expl orer 6.0 or greater 1. because of the installation procedure, less memory may be required for o peration than is required for installation. 2. net framework runtime components are installed by default with windo ws vista and windows 7. therefore, you may not need this amount of available disk space.
10 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet speciications and characteristics (continued) instrument connection software keysight io library keysight io libraries suite offers a single entry point for a connection to modular and traditional instruments. it automatically discovers interfaces, chassis, instruments, and identiies updates to ivi instrument drivers. io libraries suite safely installs in side-by-side mode with ni i/o software. free software download from a.com ( www.keysight.com/ ind/iosuite ) module management keysight connection expert the keysight connection expert is the graphical user interface included in the io libraries suite that allows you to search for, verify and update ivi instrument and soft front panel drivers for modular and traditional instruments. free software included in the io libraries ( www.keysight. com/ind/iosuite ) module setup and usage keysight soft front panel the pxi module includes a soft front panel (sfp), a soft- ware-based graphical user interface (gui) which enables the instruments capabilities from your pc. included on cd-rom with module programming driver development environments drivers lvi-com ivi-c labview visual basic visual studio (vb.net, c#, c/c++) vee labview, labwindows/cvi, matlab included on cd-rom with module or download from www. keysight .com programming assitance command expert assists in inding the right instrument commands and setting correct parameters. a simple interface includes documentation, examples, syntax checking, command execution and debug tools to build sequences for integration in excel, matlab, visual studio, labview, vee, systemvue. free software download from www. keysight .com ( www.keysight.com/ ind/commandexpert ) programming examples each module includes programming program examples available for labview, labwindows/cvi, visual studio c, c++, c#, visual basic, and matlab download from www. keysight .com signal generation software signal studio suite of signal-creation tools which provides performanceopti- mized reference signals for: w-cdma/hspa+, cdma2000/1xev-do, gsm/edge/evo, lte/lte-advanced fdd, lte/lte-advanced tdd, td-scdma/hsdpa, wlan 802.11a/b/g/n/ac, and bluetooth. licensed software ( www.keysight.com/ ind/signalstudio ) system view a systemClevel eda that accelerates design and veriication at the physical layer where advanced digital signal processing meets rf. licensed software ( www.keysight.com/ ind/eesof-systemvue ) matlab interactive tools and command-line functions for instrument control and data analysis tasks such as signal processing, signal modulation, digital iltering, and curve itting. licensed software signal analysis software vector signal analysis 89600 vsa software sees through the complexity of emerging and existing industry standards serving as your window into complex signal interactions licensed software ( www.keysight.com/ ind/vsa )
11 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet setup and calibration services assistance on day startup assistance an keysight technologies applications eng ineer will help you get started and install the modules in a chassis, conigure the controller, load software and make irst measurements. included in base coniguration calibration and traceability factory calibration keysights modular products M9120A, m9121a, m9122a are factory calibrated and shipped with an iso-9002, nist-trace- able calibration certiicate. included in base coniguration calibration cycle a one year calibration cycle is recommended included in base coniguration calibration sites C at keysight worldwide service centers C on-site by keysight C by self-maintainers more information on www.keysight.com/ind/info - line r1282a annual calibration service C keysight calibration C keysight calibration + uncertainties C keysight calibration + uncertainties + guardbanding C standards compliance C ansi z540.3-2006, iso 17025:2005, ansi z540-1-1994, iso 9001:2008 additional service, not included in the warranty
12 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet coniguration and ordering hardware model description each switch includes: getting started guide, software drivers, and keysight i/o libraries M9120A pxi matrix switch: 4x32, 2-wire, 100v/2a, em relays m9121a pxi high-density matrix switch: 4x64, 2-wire, 100v/0.5a, reed relays m9122a pxi matrix switch: 8x32, 1-wire, 100v/2a, armature relays accessories M9120A description y1181a pxi connector block: 78-pin, shielded, female dsub y1187a pxi connector cable: 78-pin, male-to female, 1 meter y1188a pxi connector cable: 78-pin, male-to female, 2 meter m9121a description y1182a pxi connector block: 200-pin, shielded, male y1189a pxi connector cable: 200-pin, lfh male to four 50 pin dtype female connectors, 1 meter y1190a pxi connector cable: 200-pin, lfh male to four 50 pin dtype female connectors, 2 meter m9122a description y1180a pxi connector block: 50-pin, female dsub y1185a pxi connector cable: 50-pin, male-tofemale, 1 meter y1186a pxi connector cable: 50 pin, male-tofemale, 2 meter related products model description m9018a getting started guide, software drivers, and keysight i/o libraries m9021a pxi matrix switch: 4x32, 2-wire, 100v/2a, em relays m9045b pxi high-density matrix switch: 4x64, 2-wire, 100v/0.5a, reed relays y1200b pxi matrix switch: 8x32, 1-wire, 100v/2a, armature relays m9048a pcie pc adapter y1202a pcie cable: x8, 2.0m (used with m9047b) software model description supported operating systems microsoft windows xp (32-bit), microsoft windows vista (32/64-bit) microsoft windows 7 (32/64-bit) standard compliant drivers ivi-com, ivi-c, labview, matlab supported application development environments (ade) visualstudio (vb.net, c#, c/c++), labview, labwindows/cvi, matlab keysight io libraries includes: visa libraries, keysight connection expert, io monitor recommended chassis coniguration for the ultimate in speed and lexibility, combine your switches with other pxi modules in the keysight m9018a pxie chassis as follows: C select a pxie system module, pcie cable interface,or embed- ded controller (the keysight m9021a is recommended) C if an external computer is being used, select an appropriate pc interface card (the keysight m9047a is recommended with an external pc) C select an appropriate cable to connect the computer interface board to the system module (the y1202a is recommended to connect the m9047a and m9021a) C select rack mount and emc iller panel kits as required
13 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet deinitions for speciications warranty and calibration advantage services: calibration and warranty keysight advantage services is committed to your success throughout your equipments lifetime speciications describe the warranted performance of calibrated instruments that have been stored for a mini- mum of 2 hours within the operating temperature range of 0 to 55c, unless otherwise stated, and after a 45 minute warm-up period. data represented in this document are speciications unless other wise noted. characteristics describe product performance that is useful in the application of the product, but that is not covered by the product warranty. characteristics are often referred to as typical or nominal values. C typical describes characteristic performance, which 80% of the instruments will meet when operated over a 20 to 30c temperature range. typical performance is not warranted. C nominal describes representative performance that is useful in the application of the product when oper- ated over a 20 to 30c temperature range. nominal performance is not warranted. note: all graphs contain measured data from several units at room temperature unless otherwise noted. warranty standard warranty is 1 year 1 r-51b-001-3c 1 year return-to-keysight warranty extended to 3 years 1. excludes relay wear-out.
mykeysight www.keysight.com/find/mykeysighta personalized view into the information most relevant to you. www.axiestandard.org advancedtca ? extensions for instrumentation and test (axie) is an open standard that extends the advancedtca for general purpose and semiconductor test. keysight is a founding member of the axie consortium. atca ? , advancedtca ? , and the atca logo are registered us trademarks of the pci industrial computer manufacturers group. www.lxistandard.org lan extensions for instruments puts the power of ethernet and the web inside your test systems. keysight is a founding member of the lxi consortium. www.pxisa.org pci extensions for instrumentation (pxi) modular instrumentation delivers a rugged, pc-based high-performance measurement and automation system. three-year warranty www.keysight.com/find/threeyearwarrantykeysights commitment to superior product quality and lower total cost of ownership. the only test and measurement company with three-year warranty standard on all instruments, worldwide. keysight assurance plans www.keysight.com/find/assuranceplansup to five years of protection and no budgetary surprises to ensure your instruments are operating to specification so you can rely on accurate measurements. www.keysight.com/go/quality keysight technologies, inc. dekra certified iso 9001:2008 quality management system keysight channel partners www.keysight.com/find/channelpartners get the best of both worlds: keysights measurement expertise and product breadth, combined with channel partner convenience. pcie is a registered trademarks of pci-sig. www.keysight.com/find/modular www.keysight.com/find/pxi-switch for more information on keysight technologies products, applications or services, please contact your local keysight office. the complete list is available at: www.keysight.com/find/contactus americas canada (877) 894 4414 brazil 55 11 3351 7010 mexico 001 800 254 2440 united states (800) 829 4444 asia paciic australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 other ap countries (65) 6375 8100 europe & middle east austria 0800 001122 belgium 0800 58580 finland 0800 523252 france 0805 980333 germany 0800 6270999 ireland 1800 832700 israel 1 809 343051 italy 800 599100 luxembourg +32 800 58580 netherlands 0800 0233200 russia 8800 5009286 spain 800 000154 sweden 0200 882255 switzerland 0800 805353 opt. 1 (de)opt. 2 (fr) opt. 3 (it) united kingdom 0800 0260637 for other unlisted countries: www.keysight.com/find/contactus (bp-09-23-14) 14 | keysight | pxi matrix switch modules M9120A, m9121a, m9122a - data sheet this information is subject to change without notice.? keysight technologies, 2013 - 2014 published in usa, august 3, 2014 5990-7182en www.keysight.com


▲Up To Search▲   

 
Price & Availability of M9120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X