Part Number Hot Search : 
TDA21201 10A01 54ACS M6218N 1N2246A BUL52B 74AC2 MP101
Product Description
Full Text Search
 

To Download EX32900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EX32900 series www.etherwan.com 1 rev. a2 overview etherwans EX32900 series is a compact industrial unmanaged gigabit switching platform, designed for easy deployment in harsh environments. the EX32900 series is equipped with five or eight gigabit ethernet ports, or a combination of gigabit copper ports and one gigabit fiber port for long distance connectivity. although unmanaged, the EX32900 is feature-rich with jumbo frame support, full wire speed gigabit throughput, qos support and eco-friendly ieee802.3az eee (energy efficient ethernet) compliant, making the EX32900 series a powerful yet energy efficient network switch. etherwan"when connectivity is crucial." spotlight ? industrial gra de ? supports -10c to 60c (14f t o 140f) operating temperature ? supports din-rail mounting ? jumbo f rame s upport ? up to 10k bytes (ex32905/ex32914 series) ? up to 9720 b ytes (ex32908/ex32917 series) ? fiber c onnectivity ? up to one 1000base-sx port with sc and st options ? high reliability ? fanless design ? no moving parts EX32900 series industrial unmanaged 5/8-port 10/100/1000base gigabit etherne t s witch
EX32900 series www.etherwan.com 2 rev. a2 interface ethernet ports ? ex32905/ex32914: 10/100/1000base-t: 5 or 4 ports 1000base-x: 0 or 1 ports ? ex32908/ex32917: 10/100/1000base-t: 8 or 7 ports 1000base-x: 0 or 1 ports led indicators ? ex32905/ex32914: per unit: power (green) per port: 10/100m(green), 1000m (yellow) ? ex32908/ex32917: per unit: power 1 (green), power 2 (green), alarm (red) per port: 10/100m(green), 1000m (yellow) alarm contact (ex32908/ex32917 only) ? one relay output with current 1a@250vac ? supports normal close and normal open environment operating temperature ? -10c to 60c (14f to 140f) tested @ -20c to 70c (-4f to 158f) storage temperature ? -40c to 85c (-40f to 185f) ambient relative humidity ? 5% to 95% (non-condensing) regulatory approvals iso ? manufactured in an iso9001 facility safety ul60950 (ex32905/ex32914 series only) emi fcc part 15b, class a vcci class a en61000-6-4 en55022 class a ems en61000-6-2 ? en61000-4-2 (esd standards) ? en61000-4-3 (radiated rfi standards) ? en61000-4-4 (burst standards) ? en61000-4-5 (surge standards) ? en61000-4-6 (induced rfi standards) ? en61000-4-8 (magnetic field standards) environmental test compliances iec60068-2-6 fc (vibration) iec60068-2-27 e a (shock) fed s td 101c me thod 5007.1 (fr ee f all w/ pack age) hardware specifications technology standards ? ieee802.3 10base-t ? ieee802.3u 100base-tx/100base-fx ? ieee802.3ab 1000base-t ? ieee802.3z 1000base-sx/1000base-lx ? ieee802.3x, full duplex flow control ? ieee802.3az energy efficient ethernet ? ieee802.1p quality of service (qos) forward and filtering rate ? 14,880pps for 10mbps ? 148,810pps for 100mbps ? 1,488,100pps for 1000mbps packet buffer memory ? ex31905/ex32914: 1m bits ? ex32908/ex32917: 192kb processing type ? store-and-forward ? auto negotiation ? half-duplex back-pressure and ieee802.3x full-duplex flow control ? auto mdi/mdix jumbo frame ? ex32905/ex32914: 10k bytes ? ex32908/ex32917: 9720 bytes address table size ? ex32905/ex32914: 8k mac addresses ? ex32908/ex32917: 4k mac addresses power input voltage ? 12 to 48vdc power consumption ? 6.5w max. 0.25a @ 24vdc protection ? reverse polarity protection mechanical casing ? plastic case ? ip30 dimensions ? ex32905/ex32914: 26mm (w) x 76.5mm (d) x 114mm (h) (1.02" (w) x 3.06" (d) x 4.33" (h)) ? ex32908/ex32917: 35mm (w) x 86mm (d) x 149mm (h) (1.4" (w) x 3.44" (d) x 5.96" (h)) weight ? ex32905/ex32914: 0.2kg (0.44lb.) ? ex32908/ex32917: 0.3kg (0.66lb.) installation ? din-rail (top hat type 35mm)
EX32900 series www.etherwan.com 3 rev. a2 dimensions 35mm (1.4?) 26mm (1.02?) 86mm (3.44?) 76.5mm (3.06?) top top 8-port model 5-port model side front front back back side botom botom ordering information model ex32905 industrial unmanaged 5-port 10/100/1000base-t gigabit ethernet switch ex32914- industrial unmanaged 4-port 10/100/1000base-t+ 1-port 1000base-x gigabit ethernet switch ex32908 industrial unmanaged 8-port 10/100/1000base-t gigabit ethernet switch ex32917- industrial unmanaged 7-port 10/100/1000base-t+ 1-port 1000base-x gigabit ethernet switch * din-rail mounting kit included optical port options ( ) 1000base-sx(sc)-550m 5 1000base-sx(st)-550m a 1000base-lx(sc)-10km r 1000base-bx(sc) wdm-tx:1310nm/rx:1550nm-20km s 1000base-bx(sc) wdm-tx:1550nm/rx:1310nm-20km optional accessories dr-30-24 30w/1.5a din-rail 24vdc industrial power supply (for terminal block) dr-60-24 60w/2.5a din-rail 24vdc industrial power supply (for terminal block) dr-75-24 75w/3.2a din-rail 24vdc industrial power supply (for terminal block) dr-120-24 120w/5a din-rail 24vdc industrial power supply (for terminal block) 41-136046-x 36w/3a 12vdc hardened power adapter with open wire in aluminum housing (for terminal block) (x) = 1: us, 2: eu, 3: uk, 4: au, 5: jp, 6: sa


▲Up To Search▲   

 
Price & Availability of EX32900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X