Part Number Hot Search : 
ST7544 1N5945BP ZHX1223 TM8713 MAX9376 NSPR510A HT1621 A8294
Product Description
Full Text Search
 

To Download DTC623TUT106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc623tu / dtc623tk transistors 1/2 digital transistors (built-in resistor) dtc623tu / dtc623tk z features in addition to the features of regular digital transistors. 1) low saturation voltage, typically v ce (sat) =40mv at i c / i b =50ma / 2.5ma, makes these transistors ideal for muting circuits. 2) these transistors can be used at high current levels, i c =600ma. z structure npn digital transistor (built-in resistor type) z equivalent circuit b : basec : collector e : emitter r r=2.2k ? b e c z external dimensions (unit : mm) each lead has same dimensions abbreviated symbol : r02 each lead has same dimensions abbreviated symbol : r02 umt3 (1) emitter(2) base (3) collector smt3 (1) emitter(2) base (3) collector 0 0.1 + 0.1 0 1.25 0.1 2.1 0.1 0.3 0.15 0.05 0.1min. (3) 0.9 0.1 0.7 0.1 0.2 0.65 (2) 2.0 0.2 1.3 0.1 (1) 0.65 0.8 0.1 0.15 0.3min. 1.1 (2) (1) 2.8 0.2 (3) 2.9 0.2 1.9 0.2 0.95 0.95 + 0.1 0.06 0.4 + 0.1 0.05 1.6 + 0.2 0.1 + 0.2 0.1 z absolute maximum ratings (ta=25 c) parameter symbol v cbo v ceo 200 p c tstg limits 2020 55 to + 150 unit vv mw c c collector-base voltagecollector-emitter voltage collector power dissipation storage temperature emitter-base voltagecollector current v ebo i c 12 600 v ma tj 150 junction temperature sot-323 sot-346 downloaded from: http:///
dtc623tu / dtc623tk transistors 2/2 z electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit conditions bv cbo 20 vi c = 50 a i c = 1ma i e = 50 a v cb = 20v i c = 50ma, i b = 2.5ma v eb = 12v v ce = 10v, i e = 50ma, f = 100mhz v i = 5v, r l = 1k ? , f = 1khz bv ceo 20 v bv ebo 12 v i cbo 0.5 a v ce (sat) 40 150 mv i ebo 0.5 a v ce = 5v, i c = 50ma h fe 820 2700 f t 150 mhz r 1 1.54 2.2 2.86 k ? r on 0.4 ? collector-base breakdown voltagecollector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio input resistance transition frequency output "on" resistance ? transition frequency of the device. ? z packaging specifications and h fe packaging typecode taping taping package basic ordering unit (pieces) umt3 dtc623tudtc623tk t106 3000 smt3 t146 3000 type z electrical characteristic curves 100 1000 10000 0.1 1 10 100 1000 collector current : i c (ma) dc current gain : h fe fig.1 dc current gain vs. collector current 25 c 40 c v ce = 5v 100 c 1 10 100 1000 10000 0.1 1 10 100 1000 collector current : i c (ma) fig.2 collector-emitter saturation voltage vs. collector current collector saturationvoltage : v ce (sat) (mv) 40 c 25 c i c / i b = 20 / 1 100 c 0.1 1 10 100 1000 0.1 1 10 100 input voltage : v i (v) on resistance : r on ( ? ) fig.3 "on" resistance vs. input voltage ta = 25 c f = 1khz r l = 1k ? h fe = 1500 (5v / 50ma) z r on measurement circuit fig.4 output "on" resistance (r on ) measurement circuit v 0 v 0 v i v 0 v i v i 100mv(rms) f=1khz output input r l =1k ? r on = r l v downloaded from: http:///
appendix appendix1-rev1.1 the products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. notes no technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of rohm co.,ltd. the contents described herein are subject to change without notice. the specifications for the product described in this document are for reference only. upon actual use, therefore, please request that specifications to be separately delivered. application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. rohm co.,ltd. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by rohm co., ltd. is granted to any such buyer. products listed in this document are no antiradiation design. about export control order in japan products described herein are the objects of controlled goods in annex 1 (item 16) of export trade control order in japan. in case of export from japan, please confirm if it applies to "objective" criteria or an "informed" (by miti clause) on the basis of "catch all controls for non-proliferation of weapons of mass destruction. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC623TUT106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X