Part Number Hot Search : 
6292BCRZ TB0400A P6KE250A UFS160G TB0400A TIP122TU A2755 S24C0
Product Description
Full Text Search
 

To Download B41795C7108Q001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors axial-lead and soldering star capacitors series/type: b41695, b41795 date: october 2015 ? epcos ag 2015. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
applications automotive electronics features high vibration stability, special design with high vibration stability up to 45 g available upon request up to 150 c operating temperature up to 35 v dc optimized cv value high ripple current capability compact design storage for up to 15 years at a temperature of up to 35 c. if the capacitor is stored for longer than two years, the operating voltage must be applied for one hour to ensure the specified leakage current. rohs-compatible construction charge/discharge-proof, polar aluminum case with insulating sleeve negative pole connected to case terminals axial leads, welded to ensure perfect electrical contact soldering star for upright mounting on pcb available alternative axial-lead design with double-sided plates for horizontal mounting available upon request taping and packing axial-lead capacitors will be delivered in pallet package capacitors with d l 16 30 mm are also available taped on reel soldering star capacitors are packed in cardboard axial-lead and soldering star capacitors b41695, b41795 optimized cv value  up to 150 c page 2 of 18 please read cautions and warnings and important notes at the end of this document.
1) if optimum circuit design is used, the values are lower by 30%. 2) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. 3) v op : see useful life graph 4) esr max at 100 hz, 20 c specifications and characteristics in brief rated voltage v r 25 ... 40 v dc surge voltage v s 1.15  v r rated capacitance c r 620 ... 10000 f capacitance tolerance  10/+30%  q leakage current i leak (5 min, 20 c) self-inductance esl 1) diameter d (mm) 12 14 16 18 20/21 terminals length l (mm) approx. esl (nh) axial 25  22  30  29     38 30 21 24 29 34  35   31   39   33 38 45 49     50 soldering star 25  6  30  30 6 7 8 10  35   9   39   9 11 13 49     14 useful life 2) requirements: 150 c; v op ; 0.5  i ac,r 3) > 1000 h  d c/c  30% of initial value 140 c; v r ; i ac,r > 1000 h esr 3 times initial specified limit 4) 125 c; v r ; i ac, r > 3000 h i leak initial specified limit 85 c; v r ; i ac, max > 8000 h 40 c; v r ; 2.1  i ac, r > 200000 h voltage endurance test post test requirements: 125 c; v r 2000 h  d c/c  10% of initial value esr 1.3 times initial specified limit 4) i leak initial specified limit vibration resistance test to iec 60068-2-6, test fc: frequency range 10 hz ... 2 khz, displace- ment amplitude max. 1.5 mm, acceleration max. 20 g , duration 3 2 h. capacitor mounted by its wire leads at a distance of (6 1) mm from the case and additionally clamped by the case. iec climatic category to iec 60068-1: 55/125/56 (  55 c/+125 c/56 days damp heat test) detail specification sectional specification similar to cecc 30301-802 iec 60384-4 b41695, b41795 optimized cv value  up to 150 c page 3 of 18 please read cautions and warnings and important notes at the end of this document.
b41695, axial-lead capacitors dimensional drawing dimensions, weights and packing units d l d max i max approx. weight packing units (pcs.) mm mm g pallet reel 12 30 12.5 30.5 5.1 288 450 14 25 14.5 25.5 5.7 200 350 14 30 14.5 30.5 6.8 200 350 16 30 16.5 30.5 8.9 180 250 16 35 16.5 35.5 10.4 180  16 39 16.5 40 11.7 180  18 25 18.5 25.5 9.3 160  18 30 18.5 30.5 11.1 160  18 39 18.5 40 14.7 160  20 29 20.5 29.5 13.5 140  21 39 21.5 40 20.0 140  21 49 21.5 50 25.0 110  b41695, b41795 optimized cv value  up to 150 c page 4 of 18 please read cautions and warnings and important notes at the end of this document.
b41795, soldering star capacitors dimensional drawings mounting holes d = 12 mm ... 14 mm mounting holes d = 16 mm ... 21 mm dimensions, weights and packing units d l d max i max c 0.1 e 0.1 approx. weight packing units mm mm mm mm g pcs. 12 30 13.5 32 12.5 3.0 5.4 480 14 25 15.5 27 14.5 3.0 6.1 480 14 30 15.5 32 14.5 3.0 7.2 480 16 30 17.5 32 16.5 3.0 9.4 300 16 35 17.5 37 16.5 3.0 10.9 200 16 39 17.5 41.5 16.5 3.0 12.2 200 18 25 19.5 27 18.5 3.0 9.9 300 18 30 19.5 32 18.5 3.0 11.8 300 18 39 19.5 41.5 18.5 3.0 15.4 200 21 39 22.5 41.5 21.5 3.5 21.0 324 21 49 22.5 51.5 21.5 3.5 26.0 264 b41695, b41795 optimized cv value  up to 150 c page 5 of 18 please read cautions and warnings and important notes at the end of this document.
overview of available types v r (v dc) 25 40 case dimensions d l (mm) c r ( m f) 620 12 30 1000 14 30 1100 12 30 1300 14 25 1400 16 30 1800 16 35 18 30 2000 16 39 2400 18 25 20 29 2500 16 30 2600 18 39 3300 18 30 3600 16 39 3900 21 39 4300 20 29 4700 18 39 5100 21 49 7200 21 39 10000 21 49 b41695, b41795 optimized cv value  up to 150 c page 6 of 18 please read cautions and warnings and important notes at the end of this document.
case dimensions and ordering codes v r v dc c r 100 hz 20 c m f case dimensions d l mm ordering code axial pallet ordering code axial reel ordering code soldering star 25 1100 12 30 b41695c5118q001 b41695c5118q003 b41795c5118q001 1300 14 25 b41695c5138q001 b41695c5138q003 b41795c5138q001 2400 18 25 b41695c5248q001 b41795c5248q001 2500 16 30 b41695c5258q001 b41695c5258q003 b41795c5258q001 3300 18 30 b41695c5338q001 b41795c5338q001 3600 16 39 b41695c5368q001 b41795c5368q001 4300 20 29 b41695c5438q001 4700 18 39 b41695c5478q001 b41795c5478q001 7200 21 39 b41695c5728q001 b41795c5728q001 10000 21 49 b41695c5109q001 b41795c5109q001 40 620 12 30 b41695c7627q001 b41695c7627q003 b41795c7627q001 1000 14 30 b41695c7108q001 b41695c7108q003 B41795C7108Q001 1400 16 30 b41695c7148q001 b41695c7148q003 b41795c7148q001 1800 16 35 b41695c7188q001 b41795c7188q001 1800 18 30 b41695d7188q001 b41795d7188q001 2000 16 39 b41695c7208q001 b41795c7208q001 2400 20 29 b41695c7248q001 2600 18 39 b41695c7268q001 b41795c7268q001 3900 21 39 b41695c7398q001 b41795c7398q001 5100 21 49 b41695c7518q001 b41795c7518q001 b41695, b41795 optimized cv value  up to 150 c page 7 of 18 please read cautions and warnings and important notes at the end of this document.
technical data c r 100 hz 20 c m f case dimensions d l mm esr max 100 hz 20 c m w esr max 100 hz  40 c m w esr max 10 khz 20 c m w z max 100 khz 20 c m w i ac,max 10 khz 105 c a i ac,max 10 khz 125 c a i ac,r 10 khz 125 c a i ac,max 10 khz 150 c a v r = 25 v dc 1100 12 30 219 2450 164 160 3.4 2.5 1.7 0.8 1300 14 25 193 2060 146 142 3.4 2.6 1.7 0.9 2400 18 25 104 1120 79 76 5.3 4.0 2.7 1.3 2500 16 30 108 1080 83 81 5.0 3.7 2.5 1.2 3300 18 30 77 820 58 56 6.7 5.0 3.4 1.7 3600 16 39 76 750 59 57 6.7 5.0 3.4 1.7 4300 20 29 62 630 47 46 7.4 5.6 3.7 1.9 4700 18 39 54 570 41 40 9.0 6.8 4.5 2.3 7200 21 39 39 380 30 29 10.7 8.0 5.4 2.7 10000 21 49 29 270 22 22 13.7 10.3 6.9 3.4 v r = 40 v dc 620 12 30 243 2370 159 155 3.4 2.6 1.7 0.9 1000 14 30 158 1470 105 102 4.4 3.3 2.2 1.1 1400 16 30 120 1050 82 79 5.0 3.7 2.5 1.2 1800 16 35 95 820 65 63 6.0 4.5 3.0 1.5 1800 18 30 87 820 58 56 6.7 5.0 3.4 1.7 2000 16 39 85 740 58 56 6.7 5.0 3.4 1.7 2400 20 29 68 620 46 45 7.5 5.6 3.7 1.9 2600 18 39 61 570 41 40 9.1 6.8 4.5 2.3 3900 21 39 44 380 30 29 10.7 8.0 5.4 2.7 5100 21 49 34 290 23 23 13.6 10.2 6.8 3.4 b41695, b41795 optimized cv value  up to 150 c page 8 of 18 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. useful life 1) depending on ambient temperature t a under ripple current operating conditions at v r useful life 1) depending on case temperature t c under ripple current operating conditions at v r b41695, b41795 optimized cv value  up to 150 c page 9 of 18 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. useful life 1) depending on ambient temperature t a under ripple current operating conditions at v op v r = 25 v: v op 20 v; v r = 40 v: v op 35 v useful life 1) depending on case temperature t c under ripple current operating conditions at v op v r = 25 v: v op 20 v; v r = 40 v: v op 35 v b41695, b41795 optimized cv value  up to 150 c page 10 of 18 please read cautions and warnings and important notes at the end of this document.
frequency factor of permissible ripple current i ac versus frequency f frequency characteristics of esr typical behavior equivalent series resistance esr versus frequency f typical behavior for 1800 f/40 v impedance z versus frequency f typical behavior for 1800 f/40 v b41695, b41795 optimized cv value  up to 150 c page 11 of 18 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have been optimized both with a view to the intended application and with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, some of the high-voltage electrolytes used by epcos are self-extinguishing. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no alternative materials are currently known. however, the amount of dangerous materials used in our products is limited to an absolute minimum. materials and chemicals used in epcos aluminum electrolytic capacitors are continuously adapted in compliance with the epcos corporate environmental policy and the latest eu regulations and guidelines such as rohs, reach/svhc, gadsl, and elv. mds (material data sheets) are available on the epcos website for all types listed in the data book. mds for customer specific capacitors are available upon request. msds (material safety data sheets) are available for all of our electrolytes upon request. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: no electrolyte should come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected areas immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid inhaling electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b41695, b41795 optimized cv value  up to 150 c page 12 of 18 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages of opposite polarity should be prevented by connecting a diode. 3.1.6 "reverse voltage" mounting position of screw- terminal capacitors screw terminal capacitors must not be mounted with terminals facing down unless otherwise specified. 11.1. "mounting positions of capacitors with screw terminals" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2.5 nm m6: 4.0 nm 11.3 "mounting torques" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" passive flammability avoid external energy, e.g. fire. 8.1 "passive flammability" b41695, b41795 optimized cv value  up to 150 c page 13 of 18 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" active flammability avoid overload of the capacitors. 8.2 "active flammability" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply excessive mechanical stress to the capacitor terminals when mounting. 10 "maintenance" storage do not store capacitors at high temperatures or high humidity. capacitors should be stored at +5 to +35 c and a relative humidity of 75%. 7.3 "shelf life and storage conditions" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. detailed information can be found on the internet under www.epcos.com/orderingcodes. b41695, b41795 optimized cv value  up to 150 c page 14 of 18 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur d t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des geh?usebodens t time zeit d t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b41695, b41795 optimized cv value  up to 150 c page 15 of 18 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan d dissipation factor verlustfaktor l failure rate ausfallrate e 0 absolute permittivity elektrische feldkonstante e r relative permittivity dielektrizit?tszahl w angular velocity; 2  p  f kreisfrequenz; 2  p  f note all dimensions are given in mm. b41695, b41795 optimized cv value  up to 150 c page 16 of 18 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 17 of 18
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 18 of 18


▲Up To Search▲   

 
Price & Availability of B41795C7108Q001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X