Part Number Hot Search : 
M2015 MBR10005 MA11FCA B66233 DDZ10CS C4514 2N6781 FN4814
Product Description
Full Text Search
 

To Download 7-338728-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description loc dist all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/11) restricted to this drawing is a controlled document. te connectivity 1:1 1:1 customer drawing 338728 m.gosselink - - - - - 5:1 1 1 h 108-19052 114-13318 - see table see table mm 0.2 0.1 0.05 0.01 - -$-" h - micro-match male on board smd connector - 2011 2011 00779 - h ecr -13-008840 30aug2013 smt rp 1,50 (minimum solder- path length) 3,00 1,50 "a" 1.27 2.54 d = 44 mm d = mm 24 7,50 6,5 0,2 '"c" "b" "a" = (n-1) x 1.27 .15 max. 5 1,68 0,50 2,54 1,27 "e" 7,0 4,6 +0,2 -0,1 0,30 7,0 item no description material finish 1 housing pa 4.6, 30% gf, color: red 2 contact tin brass 3 pick and place feature pa 4.6, 30% gf, color grey number of positions n vacuum pick and place feature "a" "b" "c" tape width "d" "e" pn -without pn -with 4 338728-4 7-338728-4 3.8 8.3 7.2 24 0.1 6 338728-6 7-338728-6 6.4 10.8 9.7 24 1.3 8 338728-8 7-338728-8 8.9 13.4 12.2 24 2.6 10 1-338728-0 8-338728-0 11.4 15.9 14.8 24 3.9 12 1-338728-2 8-338728-2 14.0 18.5 17.3 44 5.1 14 1-338728-4 8-338728-4 16.5 21.0 19.9 44 6.4 16 1-338728-6 8-338728-6 19.0 23.5 22.4 44 7.7 18 1-338728-8 8-338728-8 21.6 26.1 24.9 44 8.9 20 2-338728-0 9-338728-0 24.1 28.6 27.5 44 10.2 - xxxxxxxxxxx date: - notes: 1 packaging according eia-481/din iec 286, reel n380 mm 3 -5 m tin over 0.5m nickel plating. recommended pcb lay-out top view user direction of feed packaging/reeling direction scale 3:1 2 1 3 1:1 1:1 all contacts section a-a a 0,50 a 0.10 2 2


▲Up To Search▲   

 
Price & Availability of 7-338728-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X