Part Number Hot Search : 
D74ALV 1041J M62720GP NE559 R100F MAX696 157X00 CEFB105
Product Description
Full Text Search
 

To Download 41791-0005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/11/2014 please check www.molex.com for latest part information part number: 26-60-4050 status: active overview: kk? interconnect system - molex description: kk? 396 header, vertical, friction lock, 5 circuits, tin (sn) plating documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41791 application power, wire-to-board overview kk? interconnect system - molex product name kk? 396 upc 800753585942 physical breakaway no circuits (loaded) 5 circuits (maximum) 5 color - resin natural durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester net weight 1.870/g number of rows 1 orientation vertical pc tail length 3.56mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 3.96mm plating min - mating 5.080m plating min - termination 5.080m polarized to mating part yes polarized to pcb no shrouded partial stackable yes temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41791 series mates with 2139 kk? crimp housing, 41695 kk? crimp housing, 6442 kk? crimp housing, 2145 pcb connector, 41815 pcb connector, 3069 kk? crimp housing
duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 41791-0005 reference - drawing numbers product specification ps-08-50 sales drawing sda-41791 this document was generated on 07/11/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 41791-0005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X