Part Number Hot Search : 
18N65 WGP15G65 47M35 W39NC60 TA75902F SC441A 0120S A3030
Product Description
Full Text Search
 

To Download 4124DG-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 4124d npn epitaxial silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2013 unisonic technologies co., ltd qw-r204-031.b middling voltage fast-switching npn power transistor ? description the utc 4124d is a middling voltage npn power transistor. it uses utc?s advanced technology to provide customers with high switching speed and high reliability, etc. the utc 4124d is suitable for electronic ballasts, commonly power amplifier circuit and energy-saving light etc. ? features * high switching speed * high reliability ? symbol ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 4124dl-t92-b 4124DG-T92-B to-92 b c e tape box 4124dl-t92-k 4124dg-t92-k to-92 b c e bulk 4124dl-t92-r 4124dg-t92-r to-92 b c e tape reel 4124dl-t60-k 4124dg-t60-k to-126 b c e bulk note: pin assignment: b: base c: collector e: emitter 4124dl-t92-b (1)packing type (2)package type (3)lead free (1) b: tape box, k: bulk, r: tape reel (2) t92: to-92, t60: to-126 (3) l: lead free, g: halogen free
4124d npn epitaxial silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r204-031.b ? absolute maximum ratings (t c =25 c) parameter symbol ratings unit collector-base voltage (v be =0) v ces 350 v collector-emitter voltage (i b =0) v ceo 200 v emitter-base voltage v ebo 7 v continuous collector current dc i c 2 a pulse (note 2) i cp 4 a base current dc i b 1 a pulse (note 2) i bp 2 a total dissipation to-92 p c 1.5 w to-126 20 w junction temperature t j 150 c storage temperature range t stg -55~+150 c note: 1. absolute maximum ratings are stress ratings only and functional device operation is not implied. absolute maximum ratings are those values beyond wh ich the device could be permanently damaged. 2. pulse test: pulse width=5.0ms, duty cycle<10%. ? thermal characteristics parameter symbol ratings unit junction to case to-92 jc 80 c/w to-126 6.25 c/w ? electrical characteristics parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =1ma, i b =0 350 v collector-emitter breakdown voltage bv ceo i c =10ma, i b =0 200 v emitter-base breakdown voltage bv ebo i e =1ma, i c =0 7 v collector cut-off current i cbo v cb =350v, i e =0 100 a collector-emitter cut-off current i ceo v ce =200v, i b =0 50 a emitter cut-off current i ebo v eb =7v, i c =0 10 a collector-emitter sa turation voltage v ce ( sat ) 1 i c =0.5a, i b =0.1a 0.8 v v ce ( sat ) 2 i c =1.5a, i b =0.5a 1.0 v base-emitter satura tion voltage v be ( sat ) i c =1a, i b =0.25a 1.5 v dc current gain h fe1 i c =0.2a,v ce =5v 8 50 h fe2 i c =2a,v ce =5v 5 transition frequency f t i c =0.5a, v ce =10v 4 mhz storage time t s v cc =24v, i c =0.5a, i b1 =-i b2 =0.1a 4 s fall time t f 0.7 s
4124d npn epitaxial silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r204-031.b ? typical characteristics 0 0 collector current vs. collector-base voltage collector current, i c (ma) collector-base voltage, v cbo (v) 500 collector current vs. collector-emitter voltage collector current, i c (ma) 100 200 400 0.2 0.4 0.6 0.8 1.0 1.2 100 200 300 400 collector-emitter voltage, v ceo (v) 0 2 4 6 8 10 12 0300 23 5 0 0.4 0.8 1.2 1.6 2 4 1 2.4 0 collector current vs. collector-emitter voltage collector-emitter voltage, v ce (v) 6 i b =7.19ma i b =136.24ma i b =263.85ma utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 4124DG-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X