Part Number Hot Search : 
LTC1701B TXN18107 MP690 AA64X SMF12A 050RDA2 MST6M182 SMB68
Product Description
Full Text Search
 

To Download 30C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 5 www.aecsensors.com sales department tel: (888) 847-6552 30C20 defnite purpose contactor ? 30c 20fla defnite purpose contactor ? robust 1 - 4 pole contactor ? arc covers as standard ? industry standard mounting ? rohs compliant ? ul file no: e61703 ref: 30C20 101711jhm contact data table 1 arrangements: 1 form x (spst-no-dm) with or without shunt 2 form x (dpst-no-dm) 3 form x (3pst-no-dm) 4 form x (4pst-no-dm) material: agcdo, agsnoino model no full load amps (fla) poles line voltage (vac) locked rotor amps (lra) resistive amps max. hp voltage 1 phase 3 phase 30C20-1021 20 1 120 120 30 120 1 240/277 120 240 2 480 100 600 80 30C20-1022 20 2 120 120 30 120 1.5 240/277 120 240 3 480 100 480 7.5 600 80 600 7.5 30C20-1023 20 3 120 120 30 110/120 1.5 240/277 120 200/240 3 7.5 480 100 480 7.5 600 80 600 7.5 30C20-1024 20 4 120 120 30 120 1.5 240/277 120 240 3 7.5 480 100 480 7.5 600 80 600 7.5 fla rating tested for 30,000 cycles of endurance at 240/480/600vac per ul508. resistive heat rating tested for 250,000 cycles at 277vac. lra rating tested for 6000 cycles of locked rotor endurance per ul508.
30C20 defnite purpose contactor page 2 of 5 www.aecsensors.com sales department tel: (888) 847-6552 general specifcations table 2 initial operate time ms 20 terminations release time ms 10 (typical) coil terminals 1 pole 2 pole 3 pole 4 pole 0.250 qc + #6-32 screw (dual 0.250 qc optional) - per terminal bounce time ms 10 arc cover standard insulation system ul class b 130c initial dielectric strength power terminals 1 pole 2 pole #10-32 screw or #14-4 box lug + dual 0.250 qc between contacts and coil vac 2200 between poles vac 2200 (includes shunt) 3 pole 4 pole #10-32 screw or #14-4 box lug + quad 0.250 qc between open contacts vac 2200 temperature range c -40 ... +65 recommended tightening torque #10-32 22 in.lbf (2.49 nm) unit weight (approx.) 1 pole 0.5 lb box lug 40 in.lbs (4.52 nm) 2 pole 0.6 lb wire size #10-32 16-8awg* 3 pole 1.0 lb box lug 14-4awg 4 pole 1.24 lb * must use ring terminals ordering codes type contact material contact arrangement cover protection and terminations coil code special options 3 0 c 2 0 - 1 0 2 - 1 - - contact ratings 20 - 20 fla see tables 3 to 6 contact material 10 - agcdo (standard) 70 - agsnoino contact number & arrangement 21 - spst-no 22 - dpst-no 23 - 3pst-no 24 - 4pst-no cover protection category 1 - ip00, no overall cover termination codes (see drawings for full specifcations) 1 - #10-32 combination philips screw with quad qc blades 2 - same as 1 with sems screw and pressure plate 3 - #14-4awg box lug with quad qc blades (box lug with quick connect) 4 - #14-4awg box lug with dual qc blades (box lug with quick connect) (standard for 40fla) 5 - #10-32 combination phillips screw with dual qc blades (standard for 20-30fla) 6 - #14-2awg box lug with qc blades (standard for 50-60fla) 7 - #14-1awg box lug with qc blades (standard for 75-150fla) reserved for customer specifc requirements 001 - dual 0.25 qc blades for coil terminations 002 - 999 - optional customer specifc number t terminals l terminals ref: 30C20 101711jhm
30C20 defnite purpose contactor american electronic components inc., 1101 lafayette st. elkhart, in46516 page 3 of 5 www.aecsensors.com sales department tel: (888) 847-6552 ref: 30C20 10171110jhm coil data (30C20-1022 ) table 4 voltage: 24-277vac 50/60hz. see coil data below. (480vac available but not ul approved) insulation class: ul class b (130c) coil voltage code rated voltage 50/60hz coil resistance (ohms) coil operating voltage (vac) minimum inrush nominal coil power must release must operate max voltage va @ 50hz va @ 60hz va @ 50hz va @ 60hz 5024 24 11 6 18 30 33 30 8 6.5 5120 120 237 20 88 132 33 30 8 6.5 5230 208/240 1000 40 177 264 33 30 8 6.5 5277 277 1600 50 221 300 33 30 8 6.5 5480 480 4200 100 380 528 33 30 8 6.5 coil data (30C20-1021 ) table 3 voltage: 24-277vac 50/60hz. see coil data below. (480vac available but not ul approved) insulation class: ul class b (130c) coil voltage code rated voltage 50/60hz coil resistance (ohms) coil operating voltage (vac) minimum inrush nominal coil power must release must operate max voltage va @ 50hz va @ 60hz va @ 50hz va @ 60hz 5024 24 18 6 18 30 31 28 6 5 5120 120 420 20 88 132 31 28 6 5 5230 208/240 1800 40 177 264 31 28 6 5 5277 277 2500 50 221 300 31 28 6 5 5480 480 8000 100 380 528 31 28 6 5 coil data (30C20-1023 ) table 5 voltage: 24-277vac 50/60hz. see coil data below. (480vac available but not ul approved) insulation class: ul class b (130c) coil voltage code rated voltage 50/60hz coil resistance (ohms) coil operating voltage (vac) minimum inrush nominal coil power must release must operate max voltage va @ 50hz va @ 60hz va @ 50hz va @ 60hz 5024 24 7 6 18 30 65 60 7.5 6 5120 120 180 20 88 132 65 60 7.5 6 5230 208/240 719 40 177 264 65 60 7.5 6 5277 277 900 65 220 300 65 60 7.5 6 5480 480 3100 150 384 520 65 60 7.5 6 coil data (30C20-1024 ) table 6 voltage: 24-277vac 50/60hz. see coil data below. (480vac available but not ul approved) insulation class: ul class b (130c) coil voltage code rated voltage 50/60hz coil resistance (ohms) coil operating voltage (vac) minimum inrush nominal coil power must release must operate max voltage va @ 50hz va @ 60hz va @ 50hz va @ 60hz 5024 24 6 6 18 30 62 59 9 7 5120 120 150 20 88 132 62 59 9 7 5230 208/240 600 40 177 264 62 59 9 6 5277 277 750 65 220 300 62 59 9 7 5480 480 4200 150 384 520 62 59 9 7
30C20 defnite purpose contactor ref: 30C20 101711jhm page 4 of 5 www.aecsensors.com sales department tel: (888) 847-6552 overall dimensions fig. 1 dimensions in inches (millimetres) 3 pole 4 pole 2 pole 1 pole
30C20 defnite purpose contactor ref: 30C20 101711jhm page 5 of 5 www.aecsensors.com sales department tel: (888) 847-6552 1 no/nc quick connects 1 no/nc screw terminals one spdt switch per side two spdt switches per side american electronic components inc,. 1100 lafayette st., elkhart, in 46516 toll free: (888) 847-6552, tel: (574) - 295-6330 www.aecsensors.com specifcations and availability are liable to change without notice. power terminations termination codes: 1 & 5 standard on 20-30fla #10-32 combination phillips/slotted and 5/16 hex head screw with #12 washer termination code: 2 optional on 20-40fla #10-32 sems screw with pressure plate termination codes: 3 & 4 box lug 14-4 awg (cu/al) 0.25 6 dimension in inches auxillary switches for 3 & 4 pole contactors description contact arrangement termination part number single unit interlock confguration. one on each side - max set up to two switches spst-no + spst-nc break before make 0.250 qc 30ca1q single unit interlock confguration. one on each side - max set up to two switches spst-no + spst-nc break before make #6-32 screw terminals 30ca1s spdt circuit one switch per side spdt 0.250 qc 30cb1q spdt circuit two switches per side 2 x spdt 0.250 qc 30cb2s auxillary switch contact rating spst-no+spst-nc spdt voltage rating 120vac 240vac 480vac 600vac 120vac 250vac amps - break 3.00 1.50 0.75 0.60 0.5 0.25 amps - make 30 15 7.5 6 15 15 amps - continuous 10 10 10 10 10 10


▲Up To Search▲   

 
Price & Availability of 30C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X