Part Number Hot Search : 
220S2171 2SA2062 TB1S350F KE103 00221 LTC2159 S8230 13000
Product Description
Full Text Search
 

To Download 1714005126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/22/2016 please check www.molex.com for latest part information part number: 1714005126 status: active overview: impel? and impel? plus backplane solutions description: impel? 92 ohm, 6 pair right-angle daughtercard, 1.90mm pitch, right guided, 16 columns, 192 circuits, plated through hole dimension 0.36mm, keying orientation a documents: 3d model application specification as-171320-991-001 (pdf) drawing (pdf) application specification as-171320-992-001 (pdf) product specification ps-171320-999-001 (pdf) rohs certificate of compliance (pdf) application specification as-171320-990-001 (pdf) agency certification ul e29179 general product family backplane connectors series 171400 application coplanar, daughtercard component type pcb receptacle overview impel? and impel? plus backplane solutions product name impel? upc 887191241005 physical circuits (loaded) 192 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part yes keying to mating part yes material - metal high performance alloy (hpa) material - plating mating gold material - plating termination nickel, tin material - resin high temperature thermoplastic net weight 88.417/g number of columns 8 number of pairs 6 number of rows 12 orientation right angle pc tail length 1.30mm pcb locator no pcb retention none pcb thickness - recommended 1.00mm packaging type tray pitch - mating interface 1.90mm, 3.00mm pitch - termination interface 1.90mm, 3.00mm plating min - mating 0.762m temperature range - operating -55c to +85c electrical current - maximum per contact 0.75a data rate 40.0 gbps impedance 92? shield type full shield voltage - maximum 150v ac (rms) solder process data series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/21/2016 (20 june 2016) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 171400 series mates with impel? vertical backplane header 171395-5617 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # impel? daughtercard module removal tool 0621009760
lead-freeprocess capability n/a material info reference - drawing numbers application specification as-171320-990-001, as-171320-991-001, as-171320-992-001 product specification ps-171320-999-001 sales drawing sd-171400-0004 symbol/footprint data sym-171400-5126 impel? daughter card press-in tool 0622018923 this document was generated on 11/22/2016 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1714005126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X