Part Number Hot Search : 
10N65KL WV8B8 TA78M12S BD9241F FDG6313N HC1G14 13N50 L8560
Product Description
Full Text Search
 

To Download 1417892 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1417892 08/15/2016???page? 1 ?/? 5 sensor/actuator cable?-?sac-4p-ms/10,0-542/ fs sco bk?-?1417892 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) sensor/actuator cable, 4-position, pvc, yellow ral 1021, plug straight m12 speedcon, a-coded, on socket straight m12 speedcon, a-coded, cable length: 10 m key commercial data packing unit 1 stk weight per piece (excluding packing) 50.0 g custom tariff number 85444290 country of origin united states technical data dimensions length of cable 10 m ambient conditions ambient temperature (operation) -25 c ... 90 c (plug / socket) degree of protection ip65 general rated current at 40c 4 a rated voltage 250 v number of positions 4 insulation resistance 10 m coding a - standard standards/regulations m12 connector iec?61076-2-101 status display no protective circuit/component unwired 4 3 1 2 3 4 2 1 46,8 ?11 ?14,8 m12 44 ?11 ?14,8 m12 1 14 3 3 2 2 4
https://www.phoenixcontact.com/us/products/1417892 08/15/2016???page? 2 ?/? 5 sensor/actuator cable?-?sac-4p-ms/10,0-542/ fs sco bk?-?1417892 technical data general overvoltage category ii degree of pollution 3 insertion/withdrawal cycles 100 torque 0.4 nm (m12 connector) material flammability rating according to ul 94 hb contact material cusn contact surface material ni/au contact carrier material tpu gf material of grip body tpu, hardly inflammable, self-extinguishing material, knurls zinc die-cast, nickel-plated sealing material nbr standards and regulations standard designation m12 connector standards/regulations iec?61076-2-101 flammability rating according to ul 94 hb cable cable type pvc yellow 105 c cable type (abbreviation) 542 ul awm style 2517 (105c/300 v) awg signal line 22 core diameter including insulation 1.27 mm 0.03 mm wire colors brown, blue, black, white overall twist 4 wires, twisted external sheath, color yellow external cable diameter d 5 mm 0.2 mm minimum bending radius, flexible installation 8 x d cable weight 36 kg/km outer sheath, material pvc material conductor insulation pvc conductor material tin-plated cu litz wires insulation resistance (550 m ohms/m @ 500v) conductor resistance max. 50.5 /km (20 c) nominal voltage, cable 300 v special properties ul standards pltc and itc other resistance uv resistant 4 3 1 2 3 4 2 1 46,8 ?11 ?14,8 m12 44 ?11 ?14,8 m12 1 14 3 3 2 2 4
https://www.phoenixcontact.com/us/products/1417892 08/15/2016???page? 3 ?/? 5 sensor/actuator cable?-?sac-4p-ms/10,0-542/ fs sco bk?-?1417892 technical data cable ambient temperature (operation) -30 c ... 105 c (cable, fixed installation) drawings schematic diagram pin assignment m12 plug, 4-pos., a-coded, view plug side schematic diagram pin assignment m12 socket, 4-pos., a-coded, view female side cable cross section pvc yellow 105 c?[542] dimensional drawing m12 x 1 plug, straight dimensional drawing m12 x 1 socket, straight circuit diagram contact assignment of the m12 plug and the m12 socket classifications ecl@ss ecl@ss 8.0 27279218 ecl@ss 9.0 27060311 4 3 1 2 3 4 2 1 46,8 ?11 ?14,8 m12 44 ?11 ?14,8 m12 1 14 3 3 2 2 4
https://www.phoenixcontact.com/us/products/1417892 08/15/2016???page? 4 ?/? 5 sensor/actuator cable?-?sac-4p-ms/10,0-542/ fs sco bk?-?1417892 classifications etim etim 5.0 ec001855 accessories accessories protective cap sealing cap?-?prot-m12 fs-pa-chain?-?1430873 m12 sealing cap made of plastic with fixing band, for sensor cables, for free m12 sockets ? ? screw plug?-?prot-m12 ms-pa-chain?-?1430899 m12 sealing cap with fixing band, for sensor cables, for free m12 sockets ? ? safety locking locking clip?-?sac-m12-exclip-m?-?1558988 locking clip for the pin side of sensor/actuator cables with m12 connector and m12 connectors for assembly, for knurl diameter: 15 mm or for allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections without tools ? ? locking clip?-?sac-m12-exclip-f?-?1558991 locking clip for the socket side of sensor/actuator cables with m12 connector and m12 connectors for assembly, for knurl diameter: 15 mm or for allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections without tools ? ? screwdriver tools 4 3 1 2 3 4 2 1 46,8 ?11 ?14,8 m12 44 ?11 ?14,8 m12 1 14 3 3 2 2 4
https://www.phoenixcontact.com/us/products/1417892 08/15/2016???page? 5 ?/? 5 sensor/actuator cable?-?sac-4p-ms/10,0-542/ fs sco bk?-?1417892 accessories adapter insert?-?tsd-m sac-bit adapter?-?1212600 adapter bit for tsd-m...torque tools, e6.3-1/4" drive with 4 mm hexagon to accommodate sac bits ? ? tool?-?sac bit m12-d15?-?1208432 nut for assembling sensor/actuator cables with m12 connector and m12 connectors for assembly, with a knurl diameter of 15 mm, for 4?mm hexagonal drive ? ? torque tool torque screwdriver?-?tsd 04 sac?-?1208429 torque screwdriver, with preset torque of 0.4 nm and 4 mm hexagonal drive for m12 connectors ? ? torque screwdriver?-?tsd-m 1,2nm?-?1212224 torque screw driver, accuracy as per en?iso?6789 standard, adjustable from 0.3???1.2?nm ? ? phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com 4 3 1 2 3 4 2 1 46,8 ?11 ?14,8 m12 44 ?11 ?14,8 m12 1 14 3 3 2 2 4


▲Up To Search▲   

 
Price & Availability of 1417892

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X