Part Number Hot Search : 
4HC40 FDLL914A M52790 AV19W 13R475C 1N3025C 01800 P3302
Product Description
Full Text Search
 

To Download 1417687 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1417687 08/15/2016???page? 1 ?/? 5 power cable?-?sac-4p-mst/ 5,0-pur/fst sh sco?-?1417687 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) power cable, 4-position, pur halogen-free, black ral 9005, shielded, plug straight m12 speedcon, t-coded, on socket straight m12 speedcon, t-coded, cable length: 5 m, for direct current up to 12 a/60 v why buy this product easy and safe: 100% electrically tested plug-in components high-performance: dc connectors for up to 12 a and 60 v dc protection against incorrect connection using special t-coding shield power reliably C 360 shielding to reduce electromagnetic loads save time, thanks to installation with speedcon fast locking system our standard: robust halogen-free pur cable key commercial data packing unit 1 stk minimum order quantity 50 stk weight per piece (excluding packing) 760.0 g custom tariff number 85444290 country of origin germany technical data environmental product compliance reach svhc dote 15571-58-1 dimensions length of cable 5 m ambient conditions ambient temperature (operation) -25 c ... 85 c (plug / socket) ?15,4 54,8 ?15,4 52,8 1 14 3 3 2 2 4 1 2 4 3 1 2 4 3
https://www.phoenixcontact.com/us/products/1417687 08/15/2016???page? 2 ?/? 5 power cable?-?sac-4p-mst/ 5,0-pur/fst sh sco?-?1417687 technical data general rated current at 40c 12 a rated voltage 60 v number of positions 4 insulation resistance 10 g coding t power status display no protective circuit/component unwired overvoltage category iii degree of pollution 3 insertion/withdrawal cycles > 100 material flammability rating according to ul 94 v0 contact material cuzn contact surface material au contact carrier material pa material of grip body tpu, hardly inflammable, self-extinguishing material, knurls zinc die-cast, nickel-plated standards and regulations flammability rating according to ul 94 v0 cable cable type pur halogen-free black cable type (abbreviation) pur cable abbreviation ls9yc11y-ob conductor cross section 4x 1.5 mm2 awg power supply 16 core diameter including insulation 2.4 mm thickness, insulation 1.2 mm (outer cable sheath) wire colors brown, white, blue, black overall twist 4 wires optimally twisted shielding tinned copper-braided shield, approx. 85% covering external sheath, color black ral 9005 external cable diameter d 9.7 mm 0,3 mm smallest bending radius, fixed installation 49 mm smallest bending radius, movable installation 73 mm number of bending cycles 4000000 bending radius 97 mm ?15,4 54,8 ?15,4 52,8 1 14 3 3 2 2 4 1 2 4 3 1 2 4 3
https://www.phoenixcontact.com/us/products/1417687 08/15/2016???page? 3 ?/? 5 power cable?-?sac-4p-mst/ 5,0-pur/fst sh sco?-?1417687 technical data cable traversing path 10 m traversing rate 3 m/s acceleration 10 m/s2 torsion force 25 /m outer sheath, material pur material conductor insulation pp conductor material bare cu litz wires insulation resistance 10 m*km (at 20 c) conductor resistance 13.3 /km (at 20 c) nominal voltage, cable 300 v ac test voltage, cable 1500 v ac (5 min.) flame resistance according to en 60332-1-2 in acc. to ul 1581 vw1 halogen-free according to vde 0282-13 appendix c resistance to oil in accordance with din en 60811-2-1 according to din en 50363-10-2 ambient temperature (operation) -40 c ... 90 c (cable, fixed installation) -30 c ... 90 c (cable, flexible installation) drawings schematic diagram pin assignment for m12 plug, 4-pos., t-coded, view of plug side schematic diagram pin assignment of m12 socket, 4-pos., t-coded, socket side view ?15,4 54,8 ?15,4 52,8 1 14 3 3 2 2 4 1 2 4 3 1 2 4 3
https://www.phoenixcontact.com/us/products/1417687 08/15/2016???page? 4 ?/? 5 power cable?-?sac-4p-mst/ 5,0-pur/fst sh sco?-?1417687 cable cross section pur halogen-free black?[pur] dimensional drawing m12 x 1 plug, straight dimensional drawing m12 x 1 socket, straight circuit diagram contact assignment of the m12 connector and the m12 socket classifications ecl@ss ecl@ss 5.1 27061801 ecl@ss 8.0 27279218 ecl@ss 9.0 27060311 etim etim 5.0 ec001855 approvals approvals approvals ul listed / cul listed / culus listed ex approvals ?15,4 54,8 ?15,4 52,8 1 14 3 3 2 2 4 1 2 4 3 1 2 4 3
https://www.phoenixcontact.com/us/products/1417687 08/15/2016???page? 5 ?/? 5 power cable?-?sac-4p-mst/ 5,0-pur/fst sh sco?-?1417687 approvals approvals submitted approval details ul listed? ? ? mm2/awg/kcmil 16 nominal current in 12 a nominal voltage un 63 v cul listed? ? ? mm2/awg/kcmil 16 nominal current in 12 a nominal voltage un 63 v culus listed? phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com ?15,4 54,8 ?15,4 52,8 1 14 3 3 2 2 4 1 2 4 3 1 2 4 3


▲Up To Search▲   

 
Price & Availability of 1417687

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X