Part Number Hot Search : 
C100EP LM7818I E005712 C100EP DBL103G ADP32 SI4618 CP431
Product Description
Full Text Search
 

To Download 00011004PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 non resettable fuses sp 5x20 pigtail www.schurter.com /pg01_2 fuses miniature fuse with pigtail, 5.4 x 22.5 mm, quick-acting f, h, 250 vac iec 60127-2 250 vac quick-acting f description - iec standard fuse - h = high breaking capacity (ceramic tube) standards - iec 60127-2/1 - ul 248-14 - csa c22.2 no. 248.14 approvals - ul file number: e41599 applications - primary protection on pcb references packaging details weblinks pdf-datasheet, html-datasheet, general product information, packaging details, approvals, ce declaration of conformity , rohs, china-rohs, reach, distributor-stock-check, detailed request for product technical data rated voltage 250 vac rated current 0.5 - 16 a breaking capacity 500 a - 1500 a characteristic quick-acting f admissible ambient air temp. -55 c to 125 c climatic category 55/125/21 acc. to iec 60068-1 material: tube ceramic material: endcaps nickel-plated copper alloy material: axial leads tin-plated copper unit weight 1.67 g storage conditions 0 c to 60 c, max. 70% r.h. product marking , rated current, rated voltage, cha - racteristic, breaking capacity, approvals soldering methods wave, iron soldering profile solderability 235 c / 2 sec acc. to iec 60068-2-20, test ta, method 1 resistance to soldering heat 260 c / 5 sec acc. to iec 60068-2-20, test tb, method 1a dimension 22.5 mm ? a ? 5.4 max. 22.5 0.2 .xx = .tr: 75 0.3 .xx = .pt: 40 0.2 .xx = .pt: 40 0.2 in 6.3 a: ?a = 0.65 mm 8 a in 12.5 a: ?a = 0.8 mm in 16 a: ?a = 1.0 mm
2 non resettable fuses sp 5x20 pigtail www.schurter.com /pg01_2 fuses pre-arcing time rated current in 1.5 x in min. 2.1 x in max. 2.75 x in min. 2.75 x in max. 4.0 x in min. 4.0 x in max. 10.0 x in max. 0.5 a - 4 a 60 min 30 min 10 ms 2 s 3 ms 300 ms 20 ms 5 a - 6.3 a 60 min 30 min 10 ms 3 s 3 ms 300 ms 20 ms 8 a - 10 a 30 min 30 min 40 ms 20 s 10 ms 1 s 30 ms 12.5 a - 16 a 15 min 30 min 40 ms 20 s 10 ms 1 s 30 ms time-current-curves time in seconds 0.00 1 0.01 0. 1 1 10 100 1000 10000 100000 1 10 4 a 5 ? 6.3 a _ > 8 a multiple of rated current in all variants rated cur - rent [a] rated vol - tage [vac] breaking capacity voltage drop 1.0 in max. [mv] voltage drop 1.0 in typ. [mv] power dissi - pation 1.5 i n max. [mw] power dissi - pation 1.5 i n typ. [mw] melting i2t 10.0 intyp. [a2s] order number 0.5 250 1) 1800 830 2500 2400 0.098 l 0001.1001.pt 0.5 250 1) 1800 830 2500 2400 0.098 l 0001.1001.tr 0.63 250 1) 1500 800 2500 2400 0.207 l 0001.1002.pt 0.63 250 1) 1500 800 2500 2400 0.207 l 0001.1002.tr 0.8 250 1) 1200 580 2500 2400 0.469 l 0001.1003.pt 0.8 250 1) 1200 580 2500 2400 0.469 l 0001.1003.tr 1 250 1) 1000 600 2500 2500 0.75 l 0001.1004.pt 1 250 1) 1000 600 2500 2500 0.75 l 0001.1004.tr 1.25 250 1) 800 270 4000 1000 0.538 l 0001.1005.pt 1.25 250 1) 800 270 4000 1000 0.538 l 0001.1005.tr 1.6 250 1) 600 350 4000 1600 0.755 l 0001.1006.pt 1.6 250 1) 600 350 4000 1600 0.755 l 0001.1006.tr 2 250 1) 500 260 4000 1600 2 l 0001.1007.pt 2 250 1) 500 260 4000 1600 2 l 0001.1007.tr 2.5 250 1) 400 260 4000 1900 3.28 l 0001.1008.pt 2.5 250 1) 400 260 4000 1900 3.28 l 0001.1008.tr 3.15 250 1) 350 210 4000 1900 6.78 l 0001.1009.pt 3.15 250 1) 350 210 4000 1900 6.78 l 0001.1009.tr 4 250 1) 300 200 4000 2400 12.6 l 0001.1010.pt 4 250 1) 300 200 4000 2400 12.6 l 0001.1010.tr
3 non resettable fuses sp 5x20 pigtail www.schurter.com /pg01_2 fuses rated cur - rent [a] rated vol - tage [vac] breaking capacity voltage drop 1.0 in max. [mv] voltage drop 1.0 in typ. [mv] power dissi - pation 1.5 i n max. [mw] power dissi - pation 1.5 i n typ. [mw] melting i2t 10.0 intyp. [a2s] order number 5 250 1) 250 160 4000 2400 30.8 l 0001.1011.pt 5 250 1) 250 160 4000 2400 30.8 l 0001.1011.tr 6.3 250 1) 200 150 4000 3200 36.7 l 0001.1012.pt 6.3 250 1) 200 150 4000 3200 36.7 l 0001.1012.tr 8 250 1) 200 140 4000 3900 81.9 l 0001.1013.pt 8 250 1) 200 140 4000 3900 81.9 l 0001.1013.tr 10 250 1) 200 130 4000 4700 141 l 0001.1014.pt 10 250 1) 200 130 4000 4700 141 l 0001.1014.tr 12.5 250 2) - 110 - 6900 203 l 0001.1015.pt 12.5 250 2) - 110 - 6900 203 l 0001.1015.tr 16 250 2) - 120 - 7400 461 l 0001.1016.pt 16 250 2) - 120 - 7400 461 l 0001.1016.tr availability for all products can be searched real-time: http://www.schurter.com/stock-check/stock-check-schurter 1) iec: h = 1500 a @ 250 vac, p.f. = 0.7 - 0.8 1) ul: 10 ka @ 125 vac, p.f. = 0.7 - 0.8 / 1500 a @ 250 vac, p.f. = 0.7 - 0.8 2) iec: 1000 a @ 250 vac 2) ul: 500 a @ 125 vac, p.f. = 0.7 - 0.8 / 1000 a @ 125 vac / 500 a @ 250 vac packaging unit .xx = .pt bulk (1000 pcs.) .xx = .tr taped 33 cm reel (1000 pcs.) the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 19.11.2016


▲Up To Search▲   

 
Price & Availability of 00011004PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X