Part Number Hot Search : 
5SB10 34063A ST211 GTL2022 SP8604 TDZ16 EL2110CW 4LS37
Product Description
Full Text Search
 

To Download TSM60N750CPROG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 1 / 7 version: a14 to - 252 (dpak) to - 251 (ipak) key parameter performance parameter value unit v ds 60 0 v r ds(on) (max) 0. 75 q g 10.8 nc features super - junction technology high performance due to small figure - of - merit high ruggedness performanc e high commutation performance block diagram n - channel mosfet application power supply. lighting ordering information part no. package packing tsm 60 n 750 c h c5g to - 2 51 75 pcs / tube tsm 60 n 750 c p rog to - 2 52 2.5kpcs / 13 reel note: g denotes for hal ogen - and antimony - free as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds absolute maximum rating s ( t a = 25 o c unless otherwise noted ) parameter symbol limit unit ipak/dpak drain - source v oltage v ds 6 00 v gate - source voltage v gs 3 0 v continuous drain current (note 1 ) t c = 25 o c i d 6 a pulsed drain current (note 2 ) i dm 18 a total power dissipation @ t c =25 o c p dtot 62.5 w single pulsed avalanche energy (note 3 ) e as 90 mj single pulsed av alanche current (note 3 ) i as 1.9 a operating junction and storage temperature range t j , t stg - 55 to +1 50 o c pin definition : 1. gate 2. drain 3. source
ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 2 / 7 version: a14 t hermal performance parameter symbol limit unit ipak/dpak junction to case thermal resistance r ? jc 2 o c/w junction to ambient thermal resistance r ? ja 62 o c/w electrical specifications ( t j = 25 o c unless otherwise noted ) parameter conditions symbol min typ max u nit static (note 4 ) drain - source breakdown voltage v gs = 0 v, i d = 250 a bv dss 6 00 -- -- v gate threshold voltage v ds = v gs , i d = 250a v gs(th) 2 3 4 v gate body leakage v gs = 3 0 v, v ds = 0v i gss -- -- 100 na zero gate voltage drain current v ds = 6 0 0v, v gs = 0v i dss -- -- 1 a drain - source on - state resistance v gs = 10v, i d = 3 a r ds(on) -- 0. 53 0. 75 dynamic (note 5 ) total gate charge v ds = 3 8 0 v, i d = 6 a, v gs = 10 v q g -- 10.8 -- nc gate - source charge q gs -- 2.7 -- gate - drain charge q gd -- 3.7 -- input capacitance v ds = 100 v, v gs = 0v, f = 1.0mhz c iss -- 554 -- pf output capacitance c oss -- 46 -- g ate resistance f=1 mhz , open drain r g -- 2.7 -- switching (note 6 ) turn - on delay time v dd = 380v, r gen = 25 d = 6 a, v gs = 10v, t d(on) -- 17.3 -- ns turn - on rise time t r -- 22 -- turn - off delay time t d(off) -- 28 -- turn - off fall time t f -- 22 -- source - drain diode (note 4 ) forward on voltag e i s = 6 a, v gs =0v v sd - - - - 1.4 v r everse recovery time v r =200v, i s = 3 a di f /dt=100a/ rr -- 18 2 -- ns r everse recovery charge q rr -- 1. 3 -- notes: 1. current limited by package 2. p ulse width limited by the m aximum junction temperature 3. l=50 mh, i as = 1.9 a, v dd = 50 v, r g =25, start ing t j =25 o c 4. p ulse test: pw 300s , d u ty cycle 2% 5. for design aid only, not subject to production testing. 6. switching time is essentially independent of operatin g temperature.
ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 3 / 7 version: a14 electrical characteristics curve s output characteristics transfer characteristics on - resistance vs. drain current gate - source voltage vs. gate charge on - resistance vs. junction temperature source - drain diode forward current vs. voltage
ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 4 / 7 version: a14 electrical characteri stics curve s capacitance vs. drain - source voltage bv dss vs. junction temperature maximum safe operating are a (dpak/ipak) normalized thermal transient impedance, junction - to - case (dpak/ipak) 10 - 3 10 - 2 10 - 1 10 0 normalized effective transient thermal impedance 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 10 0 s quare wave pulse duration (s ) 10 1 duty=0.5 duty=0.2 duty=0.1 duty=0 .05 duty=0.02 duty=0.01 s ingle pulse
ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 5 / 7 version: a14 to - 251 (ipak) mechanical drawing unit: millimeters marking diagram y = year code m = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code
ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 6 / 7 version: a14 to - 252 (dpak) mechanical drawing unit: millimeters marking diagram y = year code m = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code
ts m60 n 750 60 0v, 6 a, 0. 75 n - channel power mosfet 7 / 7 version: a14 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product descrip tion only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implie d warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown her ein are not designed for use in medical, life - saving, or life - sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such impro per use or sale.


▲Up To Search▲   

 
Price & Availability of TSM60N750CPROG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X