Part Number Hot Search : 
DTA124 7C134 K3505 2113A AX150 SY5802 15KP180 RT1A1
Product Description
Full Text Search
 

To Download TLP2451A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 1 photocouplers gaa ? as infrared led & photo ic TLP2451A TLP2451A TLP2451A TLP2451A start of commercial production 2011-09 1. 1. 1. 1. applications applications applications applications ? industrial inverters ? mosfet gate drivers ? igbt gate drivers ? induction cooktop and home appliances 2. 2. 2. 2. general general general general the TLP2451A is a photocoupler in a so8 package that consists of a gaa ? as infrared light-emitting diode (led) optically coupled to an integrated high-gain, high-speed photodetector ic chip. it provides guaranteed performance and specifications at temperatures up to 125 . the TLP2451A has an internal faraday shield that provides a guaranteed common-mode transient immunity of 20 kv/ s. it has a totem-pole output that can both sink and source current. the TLP2451A is ideal for ibgt and power mosfet gate drive. 3. 3. 3. 3. features features features features (1) output peak current: 0.6 a (max) (2) operating temperature: -40 to 125 (3) supply current: 2 ma (max) (4) supply voltage: 10 to 30 v (5) threshold input current: 5 ma (max) (6) propagation delay time: 500 ns (max) (7) common-mode transient immunity: 20 kv/ s (min) (8) isolation voltage: 3750 vrms (min) (9) safety standards ul-approved: ul1577, file no.e67349 cul-approved: csa component acceptance service no.5a file no.e67349 vde-approved: en60747-5-5 (note 1) (note 1) (note 1) (note 1) note 1: when an en60747-5-5 approved type is needed, please designate the option (v4) option (v4) option (v4) option (v4) .
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 2 4. 4. 4. 4. packaging and pin configuration packaging and pin configuration packaging and pin configuration packaging and pin configuration 1: n.c 2: anode 3: cathode 4: n.c 5: gnd 6: output 7: n.c 8: v cc 5. 5. 5. 5. internal circuit (note) internal circuit (note) internal circuit (note) internal circuit (note) note: a 0.1 f bypass capacitor must be connected between pin 8 and pin 5. 6. 6. 6. 6. principle of operation principle of operation principle of operation principle of operation 6.1. 6.1. 6.1. 6.1. truth table truth table truth table truth table input h l led on off m1 on off m2 off on output h l 6.2. 6.2. 6.2. 6.2. mechanical parameters mechanical parameters mechanical parameters mechanical parameters characteristics creepage distances clearance distances internal isolation thickness min 4.2 4.2 unit mm 11-5k1s
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 3 7. 7. 7. 7. absolute maximum ratings (note) (unless otherwise specified, t absolute maximum ratings (note) (unless otherwise specified, t absolute maximum ratings (note) (unless otherwise specified, t absolute maximum ratings (note) (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) led detector common characteristics input forward current input forward current derating input forward current (pulsed) input forward current derating (pulsed) input reverse voltage input power dissipation input power dissipation derating peak high-level output current peak low-level output current output voltage supply voltage output power dissipation output power dissipation derating operating temperature storage temperature lead soldering temperature isolation voltage (t a 110 ) (t a 110 ) (t a 110 ) (t a = -40 to 125 ) (t a = -40 to 125 ) (t a 110 ) (10 s) ac, 60 s, r.h. 60%, t a = 25 symbol i f ? i f / ? t a i fp ? i fp / ? t a v r p d ? p d / ? t a i oph i opl v o v cc p o ? p o / ? t a t opr t stg t sol bv s note (note 1) (note 2) (note 2) (note 3) (note 4) rating 25 -0.67 1 -25 5 40 -1.0 -0.6 +0.6 35 35 160 -4.0 -40 to 125 -55 to 150 260 3750 unit ma ma/ a ma/ v mw mw/ a v mw mw/ vrms note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook ("handling precautions"/"derating concept and methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: pulse width (pw) 1 s, 300 pps note 2: exponential waveform. pulse width 2 s, f 10 khz note 3: 2 mm below seating plane. note 4: this device is considered as a two-terminal device: pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7 and 8 are shorted together. 8. 8. 8. 8. recommended operating conditions (note) recommended operating conditions (note) recommended operating conditions (note) recommended operating conditions (note) characteristics input on-state current input off-state voltage supply voltage peak high-level output current peak low-level output current operating frequency symbol i f(on) v f(off) v cc i oph i opl f note (note 1) (note 2) (note 3) min 7.5 0 10 typ. max 15 0.8 30 -0.2 +0.2 25 unit ma v a khz note: the recommended operating conditions are given as a design guide necessary to obtain the intended performance of the device. each parameter is an independent value. when creating a system design using this device, the electrical characteristics specified in this datasheet should also be considered. note: a ceramic capacitor (0.1 f) should be connected between pin 8 and pin 5 to stabilize the operation of a high- gain linear amplifier. otherwise, this photocoupler may not switch properly. the bypass capacitor should be placed within 1 cm of each pin. note 1: the rise and fall times of the input on-current should be less than 0.5 s. note 2: denotes the operating range, not the recommended operating condition. note 3: exponential waveform. i oph -0.3 a ( 2.0 s), i opl 0.3 a ( 2.0 s), t a = 125
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 4 9. 9. 9. 9. electrical characteristics (note) electrical characteristics (note) electrical characteristics (note) electrical characteristics (note) (unless otherwise specified, t (unless otherwise specified, t (unless otherwise specified, t (unless otherwise specified, t a a a a = -40 to 125 = -40 to 125 = -40 to 125 = -40 to 125 ) ) ) ) characteristics input forward voltage input forward voltage temperature coefficient input reverse current input capacitance peak high-level output current peak low-level output current high-level output voltage low-level output voltage high-level supply current low-level supply current threshold input current (l/h) threshold input voltage (h/l) supply voltage symbol v f ? v f / ? t a i r c t i oph i opl v oh v ol i cch i ccl i flh v fhl v cc note (note 1) (note 1) test circuit fig. 12.1.1 fig. 12.1.2 fig. 12.1.3 fig. 12.1.4 fig. 12.1.5 fig. 12.1.6 test condition i f = 10 ma, t a = 25 i f = 10 ma v r = 5 v, t a = 25 v = 0 v, f = 1 mhz, t a = 25 i f = 5 ma, v cc = 15 v, v 8-6 = 4 v i f = 5 ma, v cc = 15 v, v 8-6 = 10 v i f = 0 ma, v cc = 15 v, v 6-5 = 2 v i f = 0 ma, v cc = 15 v, v 6-5 = 10 v i f = 5 ma, v cc = 10 v, i o = -100 ma v f = 0.8 v, v cc = 10 v, i o = 100 ma i f = 10 ma, v cc = 10 to 30 v, v o = open i f = 0 ma, v cc = 10 to 30 v, v o = open v cc = 15 v, v o > 1 v v cc = 15 v, v o < 1 v min 1.45 0.2 0.4 6.0 0.8 10 typ. 1.55 -2.0 60 -0.4 0.5 8.5 0.35 1.1 1.1 1.2 max 1.7 10 -0.2 -0.4 1.0 2.0 2.0 5 30 unit v mv/ a pf a v ma v note: all typical values are at t a = 25 . note: this device is designed for low power consumption, making it more sensitive to esd than its predecessors. extra care should be taken in the design of circuitry and pc board implementation to avoid esd problems. note 1: i o application time 50 s, single pulse. 10. 10. 10. 10. isolation characteristics (unless otherwise specified, t isolation characteristics (unless otherwise specified, t isolation characteristics (unless otherwise specified, t isolation characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) characteristics total capacitance (input to output) isolation resistance isolation voltage symbol c s r s bv s note (note 1) (note 1) test conditions v s = 0 v, f = 1 mhz v s = 500 v, r.h. 60% ac, 60 s ac, 1 s, in oil dc, 60 s, in oil min 1 10 12 3750 typ. 0.8 10 14 10000 10000 max unit pf ? vrms vdc note 1: this device is considered as a two-terminal device: pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7 and 8 are shorted together.
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 5 11. 11. 11. 11. switching characteristics (note) switching characteristics (note) switching characteristics (note) switching characteristics (note) (unless otherwise specified, t (unless otherwise specified, t (unless otherwise specified, t (unless otherwise specified, t a a a a = -40 to 125 = -40 to 125 = -40 to 125 = -40 to 125 ) ) ) ) characteristics propagation delay time (l/h) propagation delay time (h/l) rise time fall time pulse width distortion common-mode transient immunity at output high common-mode transient immunity at output low symbol t plh t phl t r t f |t phl - t plh | cm h cm l note (note 1) (note 1) (note 1) (note 1) (note 1) (note 2) (note 3) test circuit fig. 12.1.7 fig. 12.1.8 test condition i f = 0 5 ma, v cc = 30 v, r g = 47 ? , c g = 3 nf i f = 5 0 ma, v cc = 30 v, r g = 47 ? , c g = 3 nf i f = 0 5 ma, v cc = 30 v, r g = 47 ? , c g = 3 nf i f = 5 0 ma, v cc = 30 v, r g = 47 ? , c g = 3 nf i f = 0 5 ma, v cc = 30 v, r g = 47 ? , c g = 3 nf v cm = 1000 v p-p , i f = 5 ma, v cc = 30 v, t a = 25 , v o(min) = 26 v v cm = 1000 v p-p , i f = 0 ma, v cc = 30 v, t a = 25 , v o(max) = 1 v min 30 30 20 20 typ. 50 50 25 25 max 500 500 350 unit ns kv/ s note: all typical values are at t a = 25 . note 1: f = 25 khz, duty = 50%, input current t r = t f = 5 ns, c l is approximately 15 pf which includes probe and stray wiring capacitance. note 2: cm h is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic high state (v o > 26 v). note 3: cm l is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic low state (v o < 1 v).
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 6 12. 12. 12. 12. test circuits and characteristics curves test circuits and characteristics curves test circuits and characteristics curves test circuits and characteristics curves 12.1. 12.1. 12.1. 12.1. test circuits test circuits test circuits test circuits fig. fig. fig. fig. 12.1.1 12.1.1 12.1.1 12.1.1 i i i i oph oph oph oph test circuit test circuit test circuit test circuit fig. fig. fig. fig. 12.1.2 12.1.2 12.1.2 12.1.2 i i i i opl opl opl opl test circuit test circuit test circuit test circuit fig. fig. fig. fig. 12.1.3 12.1.3 12.1.3 12.1.3 v v v v oh oh oh oh test circuit test circuit test circuit test circuit fig. fig. fig. fig. 12.1.4 12.1.4 12.1.4 12.1.4 v v v v ol ol ol ol test circuit test circuit test circuit test circuit fig. fig. fig. fig. 12.1.5 12.1.5 12.1.5 12.1.5 i i i i cch cch cch cch test circuit test circuit test circuit test circuit fig. fig. fig. fig. 12.1.6 12.1.6 12.1.6 12.1.6 i i i i ccl ccl ccl ccl test circuit test circuit test circuit test circuit fig. fig. fig. fig. 12.1.7 12.1.7 12.1.7 12.1.7 switching time test circuit and waveform switching time test circuit and waveform switching time test circuit and waveform switching time test circuit and waveform fig. fig. fig. fig. 12.1.8 12.1.8 12.1.8 12.1.8 common-mode transient immunity test circuit and waveform common-mode transient immunity test circuit and waveform common-mode transient immunity test circuit and waveform common-mode transient immunity test circuit and waveform
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 7 13. 13. 13. 13. soldering and storage soldering and storage soldering and storage soldering and storage 13.1. 13.1. 13.1. 13.1. precautions for soldering precautions for soldering precautions for soldering precautions for soldering the soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective of whether a soldering iron or a reflow soldering method is used. ? when using soldering reflow. the soldering temperature profile is based on the package surface temperature. (see the figure shown below, which is based on the package surface temperature.) reflow soldering must be performed once or twice. the mounting should be completed with the interval from the first to the last mountings being 2 weeks. fig. fig. fig. fig. 13.1.1 13.1.1 13.1.1 13.1.1 an example of a temperature profile an example of a temperature profile an example of a temperature profile an example of a temperature profile when sn-pb eutectic solder is used when sn-pb eutectic solder is used when sn-pb eutectic solder is used when sn-pb eutectic solder is used fig. fig. fig. fig. 13.1.2 13.1.2 13.1.2 13.1.2 an example of a temperature profile an example of a temperature profile an example of a temperature profile an example of a temperature profile when lead(pb)-free solder is used when lead(pb)-free solder is used when lead(pb)-free solder is used when lead(pb)-free solder is used ? when using soldering flow (applicable to both eutectic solder and lead(pb)-free solder) preheat the device at a temperature of 150 (package surface temperature) for 60 to 120 seconds. mounting condition of 260 within 10 seconds is recommended. flow soldering must be performed once. ? when using soldering iron complete soldering within 10 seconds for lead temperature not exceeding 260 or within 3 seconds not exceeding 350 heating by soldering iron must be done only once per lead. 13.2. 13.2. 13.2. 13.2. precautions for general storage precautions for general storage precautions for general storage precautions for general storage ? avoid storage locations where devices may be exposed to moisture or direct sunlight. ? follow the precautions printed on the packing label of the device for transportation and storage. ? keep the storage location temperature and humidity within a range of 5 to 35 and 45% to 75%, respectively. ? do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty conditions. ? store the products in locations with minimal temperature fluctuations. rapid temperature changes during storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the solderability of the leads. ? when restoring devices after removal from their packing, use anti-static containers. ? do not allow loads to be applied directly to devices while they are in storage. ? if devices have been stored for more than two years under normal storage conditions, it is recommended that you check the leads for ease of soldering prior to use.
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 8 14. 14. 14. 14. land pattern dimensions for reference only land pattern dimensions for reference only land pattern dimensions for reference only land pattern dimensions for reference only unit: mm unit: mm unit: mm unit: mm 15. 15. 15. 15. marking marking marking marking
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 9 package dimensions package dimensions package dimensions package dimensions unit: mm weight: 0.11 g (typ.) package name(s) toshiba: 11-5k1s
2016-02-10 rev.2.0 ?2016 toshiba corporation TLP2451A 10 restrictions on product use restrictions on product use restrictions on product use restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively "toshiba"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact ("unintended use"). ("unintended use"). ("unintended use"). ("unintended use"). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for if you use product for if you use product for if you use product for unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for any infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. ? gaas (gallium arsenide) is used in product. gaas is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose gaas in product. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitation, the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLP2451A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X