Part Number Hot Search : 
MBZ27 2SAA1 AN1099 SDR1D JCS4N80C NJM2552 RM233615 CMX868
Product Description
Full Text Search
 

To Download TCNL107M006R0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  121 090215 tcn type 4 case size see table above 158 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance m = 20% 006 rated dc voltage 006 = 6.3vdc 016 = 16vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc how to order r packaging r = pure tin 7" reel 0055 esr in m features ? highest energy per volume ? conductive polymer electrode offers benign failure mode under recommended use conditions ? low esr ? undertab terminations layout: - high volumetric efficiency - low profile case sizes - high capacitance in smaller dimensions - close positioning of several parts for efficient high density pcb layout ? 3x reflow 260c compatible applications ? power backup for ssds (mlc, slc, efd, pcie), battery-powered portable equipment, industrial alarms, smart power meters, and mobile devices. case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h max. w p +0.50 (0.020) w n 0.20 a p +0.30 (0.012) a n +0.30 (0.012) code metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) -0.20 (0.008) l 1210 3528-10 3.50 (0.138) 2.80 (0.110) 1.00 (0.039) 2.10 (0.083) 2.10 (0.083) 1.15 (0.045) 1.35 (0.053) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) 2.10 (0.083) 2.10 (0.083) 1.15 (0.045) 1.35 (0.053) x 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) 3.25 0.20 3.25 (0.128) 2.00 (0.079) 3.20 (0.126) (0.1280.008) code eia eia l0.30 w0.30 h max. w 1 0.20 C a p +0.30 (0.012) a n +0.30 (0.012) code metric (0.012) (0.012) (0.008) -0.20 (0.008) -0.20 (0.008) 3 2924 7361-15 7.30 (0.287) 6.00 (0.240) 1.50 (0.059) 4.75 (0.187) C 2.00 (0.079) 3.20 (0.126) 4 2924 7361-20 7.30 (0.287) 6.00 (0.240) 2.00 (0.079) 4.75 (0.187) C 2.00 (0.079) 3.20 (0.126) w 1 dimension applies to the termination width for a dimensional area only. lead-free compatible component j-cap series highest joules/cc tantalum solid electrolytic chip capacitors with conductive polymer electrode 4 case xxxxx 158 j avx logo polymer capacitance value in pf 158 = 1500f rated voltage j = 6.3v lot code polarity band (anode+) l, t, x case xxxxx 156 j avx logo polymer capacitance value in pf 156 = 15f rated voltage j = 6.3v id code polarity band (anode+) marking maximum energy per case size w _ + h w p a n a p sw n l polarity band (anode+) w w _ + h w 1 a n a p sw 1 l polarity band (anode+) w under development case approved under size (mj) development (mj) l3.3 4.7 t4.7 6.5 x 14.9 18.2 3 C 38.8 4 32.7 38.8
122 090215 technical data: all technical data relate to an ambient temperature of +25c capacitance range: 4.7 f to 1500 f capacitance tolerance: 20% leakage current dcl: 0.1cv rated voltage (v r ) +85oc: 6.3 16 25 35 50 surge voltage (v s ) +85oc: 8 21 33 46 65 temperature range: -55c to +105c reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance 60% confidence level technical specifications j-cap series highest joules/cc tantalum solid electrolytic chip capacitors with conductive polymer electrode capacitance rated voltage dc to 85c, [mj] f code 6.3v (j) 16v (c) 25v (e) 35v (v) 50v (t) 4.7 475 t(200) [1.8] 10 106 t(200) [3.9] 22 226 t(200)* [4.3] 33 336 l(200)/t(200) [3.3] t(250)* [6.5] 4(200)* [26.3] 47 476 l(200)*/ t(200) [4.7] x(100) [9.2] x(100) [18.2] 100 107 l(200) [1.2] 3(70)* [19.6] 4(150)* [38.8] 3(150)* 150 157 l(200)/t(200) [1.7] x(70) [14.9] 4(70) [29.3] 220 227 t(200)* [2.6] 4(70) [21.8] 330 337 4(70) [32.7] 470 477 x(50) [5.4] 1000 108 3(100)* [11.6] x(200)/4(55) 1500 158 4(55) [17.4] capacitance and rated voltage range (letter denotes case size) available ratings, (esr ratings in mohms in brackets) [energy in mj] engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same re liability standards.
123 090215 j-cap series highest joules/cc tantalum solid electrolytic chip capacitors with conductive polymer electrode ratings & part number reference energy is calculated by this formula (consider derating factor): energy = ? c x ((vr x x) 2 C vx 2 ) where c = capacitance vr = rated voltage x = recommended derating factor vx= 3v (invariable) moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25oc. capacitance is measured at 120hz, 0.5rms with dc bias of 2.2 vol ts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. for typical weight and composition see page 220. note: avx reserves the right to supply a higher voltage rating in the same case size, to the same reliability standards. rated rated category product dcl df esr energy avx case cap voltage temp. voltage category (a) % max. (m) msl energy energy/volume energy/area part no. size (f) (v) (oc) (v) max. max. @ 100khz (mj) (mj/cm 3 ) (mj/cm 2 ) 6.3 volt @ 85c tcnl107m006#0200 l 100 6.3 85 5 105c 60 10 200 3 1.2 118 11.8 tcnl157m006#0200 l 150 6.3 85 5 105c 90 10 200 3 1.7 177 17.7 tcnt157m006#0200 t 150 6.3 85 5 105c 90 10 200 3 1.7 147 17.7 tcnx477m006#0050 x 470 6.3 85 6.3 85c 282 6 50 3 5.4 115 17.3 tcnx108m006#0200 x 1000 6.3 85 6.3 85c 600 30 200 3 11.6 246 36.9 tcn4108m006#0055 4 1000 6.3 85 6.3 85c 600 20 55 4 11.6 132 26.4 tcn4158m006#0055 4 1500 6.3 85 6.3 85c 900 20 55 4 17.4 198 39.6 16 volt @ 85c tcnl336m016#0200 l 33 16 85 16 85c 52.8 6 200 3 3.3 334 33.4 tcnt336m016#0200 t 33 16 85 16 85c 52.8 6 200 3 3.3 277 33.4 tcnt476m016#0200 t 47 16 85 16 85c 75.2 6 200 3 4.7 395 47.6 tcnx157m016#0070 x 150 16 85 16 85c 240 6 70 3 14.9 316 47.4 tcn4227m016#0070 4 220 16 105 16 105c 352 20 70 4 21.8 249 49.8 tcn4337m016#0070 4 330 16 85 16 85c 528 20 70 3 32.7 374 74.7 25 volt @ 85c tcnx476m025#0100 x 47 25 105 25 105c 117.5 6 100 3 9.2 195 29.3 tcn4157m025#0070 4 150 25 85 25 85c 375 20 70 4 29.3 335 67.0 35 volt @ 85c tcnt475m035#0200 t 4.7 35 85 35 85c 16.5 10 200 3 1.8 154 18.6 tcnt106m035#0200 t 10 35 85 35 85c 35 10 200 3 3.9 328 39.5 tcnx476m035#0100 x 47 35 85 28 105c 165 10 100 3 18.2 387 58.0 recommended derating rated voltage/ 85c 105c operating temp. 10v 90% 90% 16v 90% 80% 20v 80% 80%
124 090215 product category 105c test 105c series (temperature range -55oc to +105oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within +10/-20% of initial value for ur 16v within +20/-30% of initial value for ur 20v df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 1.25 x initial limit storage life 105oc, 0v, 2000h c/c within +10/-20% of initial value for ur 16v within +20/-30% of initial value for ur 20v df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 3 x initial limit humidity c/c within +30/-20% of initial value df 1.5 x initial limit esr 2 x initial limit +20oc -55oc +20oc +85oc +105oc +20oc temperature dcl il* n/a il* 10 x il* 12.5 x il* il* stability c/c n/a +0/-20% 5% +20/-0% +30/-0% 5% df il* 1.5 x il* il* 1.5 x il* 2 x il* il* visual examination no visible damage surge dcl initial limit voltage c/c within +10/-20% of initial value for ur 16v within +20/-30% of initial value for ur 20v df 1.25 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. also determine after application of 105oc temperature, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room tempera- ture. power supply impedance to be 0.1/v. determine after storage without applied voltage at 652oc and 952% relative humidity for 500 hours and then recovery 1-2 hours at room temperature. test temperature: 105oc+3/0oc test voltage: category voltage at 105oc surge voltage: 1.3 x category voltage at 105oc series protection resistance 1000100 discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +105+3/-0 15 6 +202 15 test 85c series (temperature range -55oc to +85oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within +10/-20% of initial value for ur 16v within +20/-30% of initial value for ur 20v df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 1.25 x initial limit storage life 85oc, 0v, 2000h c/c within +10/-20% of initial value for ur 16v within +20/-30% of initial value for ur 20v df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 5 x initial limit humidity c/c within +40/-20% of initial value df 1.5 x initial limit esr 2 x initial limit +20oc -55oc +20oc +85oc +20oc temperature dcl il* n/a il* 10 x il* il* stability c/c n/a +0/-20% 5% +20/-0% 5% df il* 1.5 x il* il* 1.5 x il* il* visual examination no visible damage surge dcl initial limit voltage c/c within +10/-20% of initial value for ur 16v within +20/-30% of initial value for ur 20v df 1.25 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. power supply impedance to be 0.1/v. determine after storage without applied voltage at 652oc and 952% relative humidity for 500 hours and then recovery 1-2 hours at room temperature. test temperature: 85+3/0oc test voltage: rated voltage surge voltage: 1.3 x rated voltage series protection resistance 1000100. discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +202 15 j-cap series highest joules/cc tantalum solid electrolytic chip capacitors with conductive polymer electrode * initial limit product category 85c * initial limit for use outside of recommended conditions and special request, please contact manufacturer.


▲Up To Search▲   

 
Price & Availability of TCNL107M006R0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X