Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download SK315A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - ideal for automated placement - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition - available: commercial or aec-q101-qualified molding compound, ul flammability classification rating 94v-0 base p/n with suffix "h" on p/n - automotive grade base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test with suffix "h" on p/n meet jesd 201 class 2 whisker test v rrm 20 30 40 50 60 90 100 150 200 v v rms 14 21 28 35 42 63 70 105 140 v v dc 20 30 40 50 60 90 100 150 200 v i f(av) a dv/dt v/ s t j o c t stg o c document number: ds_d1408072 version: p14 sk 315a sk 35a sk 36a sk 39a polarity: indicated by cathode band symbol weight: 0.07 g (approximately) sk 310a sk32a thru sk320 a surface mount schottk y barrier rectifier taiwan semiconductor mechanical data - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec features do-214ac (sma) - moisture sensitivity level: level 1, per j-std-020 case: do-214ac (sma) maximum average forward rectified current maximum ratings and electrical characteristics (t a =25 unless otherwise noted) sk 33a sk 34a sk 32a parameter unit sk 320a 3 note 1: pulse test with pw=300 s, 1% duty cycle typical thermal resistance r jl r ja operating junction temperature range storage temperature range ma o c/w 0.5 0.1 voltage rate of change (rated v r ) - maximum reverse current @ rated vr t j =25 t j =100 t j =125 10 5 10 10000 0.5 - v a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 70 0.95 maximum instantaneous forward voltage (note 1) @ 3 a v f 0.85 i r 0.2 - 55 to +150 - 55 to +150 25 66 maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 0.55 0.72
part no. part no. sk36a sk36a sk36a (t a =25 o c unless otherwise noted) document number: ds_d1408072 version: p14 h n/a sk32a thru sk320 a ordering information part no. suffix packing code packing code suffix package packing taiwan semiconductor sk3xxa (note 1) r3 g sma 1,800 / 7" plastic reel r2 sma 7,500 / 13" paper reel m2 sma 7,500 / 13" plastic reel f3 folded sma 1,800 / 7" plastic reel f2 folded sma 7,500 / 13" paper reel f4 folded sma 7,500 / 13" plastic reel e3 clip sma 1,800 / 7" plastic reel e2 clip sma 7,500 / 13" paper reel note 1: "xx" defines voltage from 20v (sk32a) to 200v (sk320a) example preferred p/n part no. suffix packing code packing code suffix description sk36a r3 r3 sk36a r3g r3 g green compound sk36ahr3 h r3 automotive grade ratings and characteristics curves 0 0.5 1 1.5 2 2.5 3 3.5 50 60 70 80 90 100 110 120 130 140 150 average forward current (a) lead temperature ( o c) fig.1 forward current derating curve resistive or inductive load 0 10 20 30 40 50 60 70 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current 8.3ms single half sine wave 0.001 0.01 0.1 1 10 100 0 20406080100 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics sk32a-sk36a, 25 o c sk39a-sk320a, 25 o c sk39a-sk320a, 125 o c sk32a-sk36a, 100 o c sk35a-sk36a, 125 o c 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics sk32a-sk34a sk35a-sk36a sk39a-sk320a pulse width=300 s 1% duty cycle
min max min max a 1.27 1.58 0.050 0.062 b 4.06 4.60 0.160 0.181 c 2.29 2.83 0.090 0.111 d 1.99 2.50 0.078 0.098 e 0.90 1.41 0.035 0.056 f 4.95 5.33 0.195 0.210 g 0.10 0.20 0.004 0.008 h 0.15 0.31 0.006 0.012 p/n = specific device code g = green compound yw = date code f = factory code document number: ds_d1408072 version: p14 e sk32a thru sk320 a taiwan semiconductor package outline dimensions dim. unit (mm) do-214ac (sma) marking diagram c3.93 d2.41 unit (inch) suggested pad layout symbol unit (mm) a 5.45 b1.52 unit (inch) 0.066 0.060 1.68 0.155 0.095 0.215 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance sk32 a -sk34 a sk35a-sk36a sk39a-sk320a f=1.0mhz vslg=50mvp \ p 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance a ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1408072 version: p14 sk32a thru sk320 a taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of SK315A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X