Part Number Hot Search : 
245DW CX24171 218500P G1200 KA78TXX SU169 5KP70A 01M18
Product Description
Full Text Search
 

To Download R2A20162NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r03ds0016ej0100 rev.1.00 2011.09.05 page 1 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 8-bit 2ch d/a converter with buffer R2A20162NS/sa/sp new product description features ? conversion from digital data to analog control data for home-use and industrial equipment. ? signal gain control or automatic adjustment of lcd-tv, pdp-tv or lcd display-monitor. ? blurring correction control or various control of the interchangeable lens of digital camera for self adjustment by combination with microcomputer and eeprom. (substitution of half fixed resistance) block diagram the r2a20162 is an integrated circuit semiconductor of cmos structure with 2 channels of built in d/a converters with output buffer op-amps. it is the electrical characteristic improvement version of the m62342. ? guarantee differential nonlinearity error : +/- 0.7lsb, nonlinearity error : +/- 1.0lsb, ? data transfer format: 10-bit serial data input type by 3 wire ( di, sck, ld ) ? output buffer op-amps: operable over entire voltage range from almost ground to vcc ( 0 to 5v ) ? high output current capacity: +/- 1ma or higher ? very mall size package line-up: son-8 (pin pitch: 0.5mm), tssop-8 (pin pitch 0.65mm) 10-bit shift register 8 7 6 8 channel decoder vcc clkld di gnd ao2 ao1 n.c. power on reset serial data transfer type input can easily be used through a combination of three lines: di, clk, and ld. outputs incorporate buffer op-amps that have a drive capacity of 1 ma or above for both sink source, and can operate over the entire voltage range from almost ground to vcc ( 0 to 5v ), making peripheral elements unnecessary and enabling configuration of a system with few component parts. very small son package is added to lineup. it is suitable for a small mounting and reduces the mounting area. application 8-bit upper segment r-2r 8-bit upper segment r-2r 8-bit latch 8-bit latch 3 2 1 4 5
R2A20162NS/sa/sp new product page 2 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 pin description pin arrangement R2A20162NS (top view) r2a20162sa/sp (top view) 1 2 3 4 8 7 6 5 ao1 ao2 n.c. vcc ld clk di gnd outline: prsp0008de-c [sp] ptsp-0008jc-b [sa] 1 2 3 4 8 7 6 5 ao1 ao2 n.c. vcc ld clk di gnd n.c.: not connected outline: pwsn0008ka-a [ns] gnd terminal gnd 5 power supply terminal vcc 4 not connected n.c. 3 a02 2 8-bit resolution d/a converter output terminals (after power-on, all channels are reset and dac data 00h is output.) ao1 1 load terminal (when high level is input to ld terminal, value in 10-bit shift register is loaded into decoder and 8-bit latch.) ld 8 serial clock input terminal (input signal from di terminal is input to 10-bit shift register at rise of serial clock.) clk 7 serial data input terminal. (input serial data with a 10-bit data length.) di 6 function pin name pin no . n.c.: not connected
R2A20162NS/sa/sp new product page 3 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 tstg topr k theta pd i ao vo vin vcc symbol ta>25deg ta=85deg continuous conditions mw/deg 6.75(ns) / 5.0(sa) / 6.8(sp) thermal derating factor ma -2.0 to +2.0 mw 270(ns) / 200(sa) / 272(sp) power dissipation v -0.3 to vcc+0.3 <6.5 output voltage buffer amplifier output current deg -40 to +125 storage temperature deg -30 to +85 operating temperature v -0.3 to vcc+0.3 <6.5 input voltage v -0.3 to +6.5 supply voltage unit ratings item absolute maximum ratings ( vcc= +5v +/-10%, gnd=0v, ta= -30 to +85deg unless otherwise noted) electrical characteristics *1 : when power supply is turned on, internal circuit is initia lized by power on reset circuit. but, if re-powered on quickly, initialize is not operate. so, k eep the time period of re-powered on (t por ). vcc internal reset signal t por tr vcc < 0.1v (equivalent to tr vcc ) vcc por resetting period gnd gnd v vcc ? 0.8vcc vcc < 4.0v v 1.9 1.5 ? vcc=0 to 2.7v vcc por operating voltage of internal resetting *1 s ? ? 100 vcc=0 to 2.7v tr vcc supply voltage rise-up time *1 ms ? ? 1 vcc < 0.1v t por time period of re-power on (power supply off ? on) *1 ma 2.5 0.7 0 clk = 1mhz operation, i ao =0a, data: 6ah (at maximum current) ma 1.0 ? -1.0 upper side saturation voltage = 0.3v lower side saturation voltage = 0.2v i ao buffer amplifier output drive range vcc=5.12v (20mv/ lsb), without load (i ao = 0a) i ao = +/-500a i ao = +/-100a 4.0v < vcc vin= 0 to vcc sda = scl = gnd, i ao =0a test conditions ro co s full s zero s l s dl v ao v ih v il i ilk icc vcc symbol lsb 2.0 ? -2.0 zero code error ohm ? 5.0 ? buffer amplifier output impedance vcc-0.2 ? 0.2 v vcc-0.1 ? 0.1 buffer amplifier output voltage range lsb 1.0 ? -1.0 nonlinearity a 10 ? -10 input leak current v 0.2vcc ? 0 input low voltage v vcc ? 0.5vcc input high voltage lsb 0.7 ? -0.7 differential nonlinearity lsb 2.0 ? -2.0 full scale error f 0.1 ? ? output capacitate load ma 1.6 0.5 0 supply current v 5.5 5.0 2.7 supply voltage max. typ. min. unit limits item resetting period (ta= +25deg unless otherwise noted)
R2A20162NS/sa/sp new product page 4 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 ac characteristics clk t cr t cf t ckh t ckl t dch t chd t chl t ldh t ldc t ldd di ld d/a output (note) timing chart above is a schematic repres entation of the timing of each signal type. clk signal input is high or low regardless, ld signal high input is enabled. ( vcc = +5v +/-10deg, gnd = 0v, ta = -30 to +85deg unless otherwise noted ) t ldd t ldh t ldc t chl t chd t dch t cf t cr t ckl t ckh f clk symbol ns -- 40 load high pulse width ns -- 40 clock low pulse width ns -- 40 clock high pulse width ns 200 -- clock rise time ns -- 40 load setup time ta=25deg, c l <100pf, v ao : 0.5 ?? 4.5v, the time until the output becomes the final value of 1/2 lsb. test conditions s 150 -- d/a output settling time ns 200 -- clock fall time ns --5 data setup time ns -- 30 data hold time ns -- 40 load hold time mhz 10 1.0 - clock frequency max. typ. min. unit limits item timing chart
R2A20162NS/sa/sp new product page 5 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 digital data format last lsb d5 d6 d9d8d7 d4d3d2d1d0 vcc/256 x 255 11111110 1 : 0 0 0 0 d2 1 : 0 0 0 0 d3 1 : 0 0 0 0 d4 1 : 1 1 0 0 d1 vcc 111 1 : ::: : vcc/256 x 4 000 1 vcc/256 x 3 000 0 vcc/256 x 2 000 1 vcc/256 x 1 000 0 dac output d7d6d5 d0 first msb dac data channel select data channel select data don?t care 1 1 don?t care 1 0 ao2 selected 0 1 ao1 selected 0 0 channel selection d9 d8 dac data data timing chart ( model ) di ld d/a output d2 d7 d8 d9 clk d6 d5 d1 d0 whether clk input is ?h? or ?l?, high level input of ld signal is recognized.
R2A20162NS/sa/sp new product page 6 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 ? supply voltage terminal (vcc) is also used for d/a converter upper reference voltage setting. if ripple or spike is input this terminal, accuracy of d/a converter is down, so, when use this device, please connect capacitor among vcc to gnd for stable d/a conversion. ? this ic?s output amplifier has an advantage to capacit ive load, so, it?s no problem at device action when connect capacitor ( 0.1 f max ) among output to gnd for every noise elimination. precaution for use application example 8 7 6 5 analog output terminals + 10f mcu 5v R2A20162NS / sa / sp ld clk di gnd 4 vcc 3 n.c. 2 ao2 1 ao1 package dimensions pwsn0008ka-a [ns] ordering information embossed taping/3,000 pcs. sa rtsp0008jc-b tssop-8 r2a20162sa embossed taping/2,500 pcs. sp prsp0008de-c sop-8 r2a20162sp embossed taping/5,000 pcs. ns pwsn0008ka-a son-8 R2A20162NS packing/quantity package type no. package code package name order part no.
R2A20162NS/sa/sp new product page 7 of 7 r03ds0016ej0100 rev.1.00 2011.09.05 prsp0008de-c [sp] ptsp0008jc-b [sa]
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is s ubject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also , please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control l aws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose rela ting to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporate d into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", an d "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics produ ct before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. fu rther, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended wh ere you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electroni cs data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or syst ems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas el ectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design . please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compati bility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2011 renesas electronics corporation. all rights reserved. colophon 1.1


▲Up To Search▲   

 
Price & Availability of R2A20162NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X