Part Number Hot Search : 
HZ30L UPD78P AX886 BL8303 AN1015 50117K MIC25 ESD16000
Product Description
Full Text Search
 

To Download PIC1265HP7R0MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (a) (d) (b) (e) 1. part no. expression : (b) dimension code (c) type code (a) series code 2. configuration & dimensions : a superworld electronics (s) pte ltd 3. schematic : (d) inductance code : 4r7 = 4.70uh (e) tolerance code : m = 20%, y = 30% pg. 1 12.50.3 b c 6.20.3 d 4.70.3 e 13.50.5 2.30.3 5. general specification : (c) (f) (f) f : rohs compliant 4r7 a b c d e 4. materials : p i c 1 2 6 5 h p 4 r 7 m f - ? (g) (g) 11~99 : internal controlled number 1229 05.11.2015 smd power inductors (rohs compliant) note : specifications subject to change without notice. please check our website for latest information. pic1265hp series recommended pc board pattern l h g g 8.0 h 14.2 l 5.0 unit:m/m (a) core (b) wire (c) terminal (d) ink (e) paint g) part temperature (ambient+temp. rise) : should not exceed 125c under worst case operating conditions. e) heat rated current (irms) will cause the coil temperature rise approximately t of 40c (keep 1min) f ) saturation current (isat) will cause l0 to drop 20%. c) storage temp. : -40c to +125c b) operating temp. : -40c to +125c a) test freq. : l : 100khz/1.0v h) storage condition (component in its packaging) i) temperature: -10 to 40c ii) humidity : 50~60% rh d) humidity range : 85 3% rh
superworld electronics (s) pte ltd pg. 2 6. electrical characteristics : inductance l part no. pic1265hpr33mf 0 0.33 ( h ) @ 0 a 0.65 dcr typ. @ 25c ( m ) irms ( a ) 46 68 ( a ) isat typ. typ. dcr ( m ) max. @ 25c 0.8 pic1265hpr40mf 0.40 0.7 44 64 1.0 pic1265hpr45mf 0.45 0.9 42 63 1.2 pic1265hpr47mf 0.47 0.9 41 63 1.2 pic1265hpr50mf 0.50 0.92 40 60 1.25 pic1265hp2r2mf 2.20 3.8 22 37 4.2 pic1265hp3r3mf 3.30 5.7 18 30 6.8 pic1265hp4r7mf 4.70 7.0 13.5 28 8.4 pic1265hp5r6mf 5.60 8.5 12.5 23 10 pic1265hp6r8mf 6.80 9.5 11.5 18 11.5 pic1265hp1r5mf 1.50 2.5 27 45 3.0 pic1265hpr82mf 0.82 1.5 33 50 1.9 pic1265hp8r2mf 8.20 12 10.5 16 15.5 pic1265hp330mf 33.0 48 8 11 58 pic1265hp101mf 100 180 2.5 3.5 200 smd power inductors (rohs compliant) pic1265hp series pic1265hp1r8mf 1.80 3.6 24 40 4.0 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. pic1265hpr15mf 0.15 0.49 55 118 0.60 pic1265hpr22mf 0.22 0.47 53 112 0.60 pic1265hpr30mf 0.30 0.6 48 72 0.72 pic1265hpr36mf 0.36 0.7 45 66 0.9 pic1265hpr56mf 0.56 1.05 37 58 1.2 pic1265hpr68mf 0.68 1.25 35 55 1.5 pic1265hp1r0mf 1.00 1.7 30 48 2.3 PIC1265HP7R0MF 7.00 10 11.2 17.7 12.3 pic1265hp100mf 10.0 13.2 10.0 15.5 16.5 pic1265hp120mf 12.0 16 9.5 14 20 pic1265hp130mf 13.0 21 9 13 24 pic1265hp150mf 15.0 23.2 9 12.5 28 pic1265hp220mf 22.0 32.5 9 12 37 pic1265hp470mf 47.0 76 6.5 9.5 90 tolerance code : m = 20%, y = 30%
superworld electronics (s) pte ltd pg. 3 7. characteristics curves : smd power inductors (rohs compliant) pic1265hp series pic1265hpr33mf pic1265hpr40mf 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. pic1265hpr36mf pic1265hpr15mf pic1265hpr22mf pic1265hpr30mf
superworld electronics (s) pte ltd pg. 4 7. characteristics curves : smd power inductors (rohs compliant) pic1265hp series pic1265hpr45mf pic1265hpr47mf pic1265hpr50mf pic1265hpr82mf 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. pic1265hpr56mf pic1265hpr68mf
superworld electronics (s) pte ltd pg. 5 7. characteristics curves : smd power inductors (rohs compliant) pic1265hp series pic1265hp1r5mf pic1265hp2r2mf pic1265hp3r3mf pic1265hp4r7mf pic1265hp1r8mf 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. pic1265hp1r0mf
pic1265hp5r6mf pic1265hp6r8mf pic1265hp8r2mf superworld electronics (s) pte ltd pg. 6 7. characteristics curves : smd power inductors (rohs compliant) pic1265hp series 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. pic1265hp100mf pic1265hp120mf PIC1265HP7R0MF
superworld electronics (s) pte ltd pg. 7 7. characteristics curves : smd power inductors (rohs compliant) pic1265hp series pic1265hp330mf pic1265hp101mf 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. pic1265hp470mf pic1265hp130mf pic1265hp150mf pic1265hp220mf
superworld electronics (s) pte ltd pg. 8 8. soldering c) never contact the ceramic with the iron tip e) use a 20 watt soldering iron with tip diameter of 1.0mm d) 1.0mm tip diameter (max) f) limit soldering time to 4~5 secs. 8-1.2 soldering iron (figure 2) : in the event that a soldering iron must be employed the following precautions are recommended. products attachment with soldering iron is discouraged due to the inherent process control limitations. recommended temperature profiles for re-flow soldering in figure 1. mildly activated rosin fluxes are preferred. the minimum amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. our terminations are suitable for all re-flow soldering systems. if hand soldering cannot be avoided, the preferred technique is the utilization of hot air a) preheat circuit and products to 150c. soldering tools. 8-1.1 solder re-flow : note : b) 355c tip temperature (max) temperature c over 1min. gradual cooling within 4-5s 350 150 preheating soldering cooling natural time(sec.) 60~150s 20~40s soldering temperature c 480s max. 60~180s 150 25 tp(260c/40s max.) 217 200 preheating cooling natural figure 1. re-flow soldering: 3 times max. figure 2. hand soldering: 1 times max. smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 05.11.2015 pic1265hp series
superworld electronics (s) pte ltd pg. 9 9. packaging information : az(mm) 7.00.1 9-3. packaging quantity pic1265 series ao(mm) 12.90.1 16.00.1 p(mm) bz(mm) 13.00.1 bo(mm) 14.10.1 ko(mm) 7.00.1 240.3 w(mm) 9-2. tape dimension 24.4+2.0/-0 a(mm) 13" x 24mm type 1002.0 b(mm) d d(mm) 13.50.5 330 c(mm) embossed carrier b a cover tape 9-1. reel dimension pic1265 4000 1000 carton chip / reel inner box size 500 2.00.5 ?c 4.0 1.5 2.0 4r7 d/c 11.50.1 f(mm) bo t b z ao az 3 f w p 1.75 d/c d/c d/c d/c d/c 0.350.05 t(mm) smd power inductors (rohs compliant) pic1265hp series 4r7 4r7 4r7 4r7 4r7 05.11.2015 note : specifications subject to change without notice. please check our website for latest information.
superworld electronics (s) pte ltd 9-4. tearing off force the force for tearing off cover tape is 10 to 130 grams in the arrow direction under the following conditions. top cover tape f base tape 165 to 180 room temp. (c) 5~35 room humidity (%) 45~85 tearing speed (mm/min) 300 room atm (hpa) 860~1060 pg. 10 (referenced ansi/eia-481-c-2003 of 4.11 standard) smd power inductors (rohs compliant) pic1265hp series 05.11.2015 note : specifications subject to change without notice. please check our website for latest information. a) products should be handled with care to avoid damage or contamination from perspiration and skin oils. 1. storage conditions : to maintain the solderabililty of terminal electrodes : a) recommended products should be used within 12 months from the time of delivery. b) the packaging material should be kept where no chlorine or sulfur exists in the air. b) vacuum pick up is strongly recommended for individual components. c) bulk handling should ensure that abrasion and mechanical shock are minimized. 2. transportation : application notice


▲Up To Search▲   

 
Price & Availability of PIC1265HP7R0MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X