Part Number Hot Search : 
I506ERW 100PS 10023 BP104S01 04424 15009 L6386AD MFL2815S
Product Description
Full Text Search
 

To Download PFL2510-102MEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C pfl2510 document 829-1 document 829-1 revised 06/30/15 ? low cost, low profle 1008 size power inductor ? provides current handling of much larger inductors; up to 4.1 a inductance 2 dcr (mohms) 3 srf typ 4 i sat (ma) 5 i rms (ma) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise pfl2510-151me_ 0.15 27 36 970 3400 3900 4100 2200 2900 pfl2510-221me_ 0.22 37 47 815 2900 3300 3400 1800 2500 pfl2510-681me_ 0.68 60 70 500 1300 1900 2300 1400 1800 pfl2510-102me_ 1.0 72 83 375 1300 1600 1800 1400 1900 pfl2510-222me_ 2.2 195 240 310 850 1100 1300 830 1100 pfl2510-332me_ 3.3 490 590 245 700 890 990 530 710 pfl2510-472me_ 4.7 760 900 175 660 830 890 430 580 designers kit c444 contains 5 of each value and 5 of each pfl2512 environmental rohs compliant, halogen free core material composite terminations rohs compliant matte tin over nickel over silver- platinum-glass frit. other terminations available at additional cost. weight 17.7 mg ambient temperature C40c to +125c with (40c rise) i rms current. maximum part temperature +165c (ambient + temp rise). derating storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 2000/7 reel; 7500/13 reel. plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing, 1.32 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . 1. when ordering, please specify termination and packaging codes: pfl2510-472m ec termination: e = rohs compliant matte tin over nickel over silver. special order, added cost: q = rohs tin-silver-copper (95.5/4/0.5) or p = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance tested at 7.9 mhz, 0.1 vrms using a coilcraft smd-a test fxture with an agilent/hp 4286 impedance analyzer and coilcraft-provided correlation pieces. 3. dcr measured using a micro-ohmmeter. 4. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd-d test fxture. 5. dc current at 25c that causes an inductance drop of 30% (typ) from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering.
pfl2510 series document 829-2 revised 06/30/15 document 829-2 typical l vs current typical l vs frequency dimensions are in inches mm te rm inal wraparound : approx 0.01/0,254 both ends recommended land pa ttern 0.110 2,79 0.018 0,457 0.040 1,02 max max 0.090 2,286 0.10 2,54 0.035 0,89 max 0.012 0,30 0.012 0,30 0.076 1,93 0.080 2,03 0.095 2,41 11 0 1000 100 frequenc y (mhz) inductance (h) 1 0 h 0 h 015 h 022 h 22 h 3 3 h 4 7 h 01 02 2 03 3 04 4 05 5 07 7 1 10 001 01 10 1 current (a) inductance (h) 1 0 h 0 h 2 2 h 3 3 h 4 7 h 01 02 2 03 3 04 4 05 5 07 7 1 10 015 h 022 h


▲Up To Search▲   

 
Price & Availability of PFL2510-102MEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X