Part Number Hot Search : 
F55J1R0E ANTXV2N US16121 APW7190 C3014 MAX1344 2SC39 58006
Product Description
Full Text Search
 

To Download NTCGP3UH153HCJDAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  march 2016 sensors ntcgp ntc sensor assembly (multilayer element) ntcdp ntc sensor assembly (glass-encapsulated axial lead) ntcrp ntc sensor assembly (glass-encapsulated radial lead) ntc sensor assembly products ntcgp ~ ntcdp ~ ntcrp series
(2/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntc sensor assembly products product lineup overview of the ntcgp ~ ntcdp ~ ntcrp ntcgp series resin dip type NTCGP3UH153HCJDAA lug terminal type ntcgp3ug503hczcca ntcdp series epoxy plastic case type ntcdp4ag103jcdbba epoxy fastening screw type ntcdp4ag103hcfcba abs plastic case type ntcdp3sx202xcbbaa plastic case type / oil temperature sensor ntcdp3lf720jxhcea plastic case type / atf oil temperature sensor ntcdp3lg111xxhbea ntcrp series pps resin case type/ 200c heat resistance ntcrp3vg493jcgbea product compatible with rohs directive compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/
(3/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. overview of the ntcgp ~ ntcdp ~ ntcrp part number construction (1) this code denotes ntc sensor. (2) structural classification code (3) assembly product (4) b constant (resistance temperature characteristics) this code indicates the value of b constant using a combination of one numeric and one alphabetic character. (5) b constant tolerance this code indicates tolerances using the following code. (6) nominal resistance this code indicates the resistance value existing at the speci- fied ambient temperature by two significant digits followed by the digit 0 (zero). (example) (7) nominal resistance tolerance tolerance is identified by the following codes. (8) ambient temperature for nominal resistance ambient temperatures for specified nominal-resistance values are indicated using the following codes. (9) envelope structural code (10) dimensional code of length (11) insulation material code of lead wire (12) terminal shapes code (13) tdk internal code ntc  p ?? ?????? (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) g multilayer element d glass-encapsulated axial lead r glass-encapsulated radial lead code tolerance (%) f1 g2 h3 j5 k10 xothers 470  471 5k  502 10k  103 150k  154 numeric code b constant (k) alphabetic code b constant (k) 1 1000 a 0 to 50 2 2000 b 51 to 100 3 3000 c 101 to 150 4 4000 d 151 to 200 5 5000 e 201 to 250 f251 to 300 g301 to 350 h351 to 400 j401 to 450 k451 to 500 l501 to 550 m551 to 600 n601 to 650 p651 to 700 q701 to 750 r751 to 800 s801 to 850 t851 to 900 u901 to 950 v951 to 999 note: although b constants are expressed as 1a, 1b, 2a, 2b, etc. using these two tables, the alphabetic characters do not denote tolerances;they have the meaning shown in the example below. (example) 1a=1000 (k) 1a=1050 (k) that is, the alphabetic character (in this example, a) indicates the range of values that can be specified by the thermistor user. code tolerance (%) f1 g2 h3 j5 k10 xothers code ambient temperature (c) a C20 b0 c2 5 d1 0 0 e2 0 0 f3 0 0 g2 0 xo t h e r s a abs resin case ?8.0mm j dipping type b abs resin case ?6.8mm k polyester resin mold c abs resin case ?6.0mm l copper case ?6.0mm d epoxy resin case ?5.5mm m copper case ?5.0mm e epoxy resin case ?6.0mm n composite type f epoxy resin case with screw hole z lug terminal type g pps resin case x others h pps resin mold a 150mm max. d 501 to 800mm b 151 to 300mm e 801 to 1000mm c 301 to 500mm f 1000mm min. " vinyl chloride (heat resistance: 105c) # cross-link vinyl chloride (heat resistance: 105c) $ cross-link polyethylene (heat resistance: 125c) % silicone & fluorocarbon polymer ' cross-link polyethylene (heat resistance: 150c) ; others a strip wire c with connector b with terminal z others
(4/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcgp series (multilayer element) resin dip type y NTCGP3UH153HCJDAA features adopts a multilayer element type ntc thermistor. fast heat responsiveness due to its small size. lead-free product. application room temperature detection (air conditioners, fan heaters etc.) temperature control (surface of to ilet seats with warm water was hing feature, etc.) water temperature detection (hot water pots etc.) temperature detection (refrigerator compartments, heated carpets etc.) shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. specifications nominal resistance r 25 =15k  /20k  /50k 3% b constant b 25/50 =3950k3% operating temperature range C20 to +80c thermal time constant 6s max.[in still water] heat dissipation constant 2.8mw/c[in still air] thermistor multilayer element type resin epoxy resin wires awg26 (sn-plated ?0.16mmx7) parallel cable with vinyl chloride sheath (heat proof 105c) end finish different specifications available including stripped, crimped and connector fitted. ? 5.0max. dimensions in mm 150 to 1000 ( 40 ) 153
(5/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcgp series (multilayer element  lug terminal type y ntcgp3ug503hczcca features possible to affix using a fastening screw and to pe rform stable temperature detection of the mounting surface. can be used for a wide temperature range ( C 40c to +150c). can be installed in vehicles. application temperature detection (inverters for solar power generation and projectors) substrate temperature detection (con verters for hevs and evs) shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant.  1 r 25 : compatible with the 5k  to 50k  range, b 25/50 : compatible with the 3400k to 4100k range  2 can be compatible with a heat resistance of +150c specifications nominal resistance  1 r 25 =50k 3% b constant  1 b 25/50 =3950k2% operating temperature range  2 C40 to +125c thermal time constant 6s max.[in still water] heat dissipation constant 3mw/c[in still air] thermistor multilayer element type resin epoxy resin wires seven awg26 parallel lines with polyethylene (125c) vinyl chloride/0.16 mm, sn-plated end finish different specifications available including stripped, crimped and connector fitted. ? 4.20.1 7.00.2 dimensions in mm 150 to 1000 160.2
(6/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcdp series (glass-encapsulated axial lead) epoxy plastic case type y ntcdp4ag103jcdbba features excellent in high reliability, high respo nsiveness, high heat resistance. two types are available. epoxy ( ? 5.5mm) type: priority given to heat responsiveness epoxy ( ? 6.0mm) type: compatible with copper case type of ? 6.0mm application temperature detection of refrigerator and vending machine compartments (air conditioners, refrigerators, vending machines, dishwashers, etc.) shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. nominal resistance r 25 =10k  5% b constant b 25/85 =4000k2% operating temperature range C40 to +150c thermal time constant 15s max.[in still water] heat dissipation constant 3.3mw/c[in still air] 150 to 1500 241 filling resin insulating covered wire epoxy plastic case ?d dimensions in mm type epoxy5.5 epoxy6.0 ?d 5.5 6.0 0 +3 C2
(7/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcdp series (glass-encapsulated axial lead) epoxy fastening screw type y ntcdp4ag103hcfcba features excellent in high reliability, high respo nsiveness, high heat resistance. fastening screw type; superi or surface temperature detection. application temperature detection of refrigerator and vending machine compartments (air conditioners, refrigerators, vending machines, dishwashers, etc.) shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. nominal resistance r 25 =10k  3% b constant b 25/85 =4000k2% operating temperature range C40 to +150c thermal time constant 15s max.[in still water] heat dissipation constant 3.3mw/c[in still air] 150 to 1000 240.5 60.3 30.5 4.50.3 10.20.2 5.60.2 dimensions in mm ?4.2 filling resin insulating covered wire 0 +3 C2
(8/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcdp series (glass-encapsulated axial lead) abs plastic case type y ntcdp3sx202xcbbaa features uses a plastic case that is compliant to food hygiene act. highly water-proof. inexpensive. application refrigerators, automatic vendi ng machines, air-conditioners. shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. nominal resistance r 3 =5.6k  0.2k  [3c] b constant b 3/50 =3850k100k operating temperature range C40 to +85c thermal time constant 30s max.[in still water] heat dissipation constant 2.5mw/c[in still air] 150 to 1000 25 plastic case filler resin 3 wire ?d dimensions in mm type abs ?6.0 abs ?6.8 abs ?8.0 ?d 6.0 6.8 8.0
(9/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcdp series (glass-encapsulated axial lead) plastic case type/ oil temperature sensor yntcdp3lf720jxhcea features high heat resistance. excellent oil resistance and atf resistance. application oil temperature detection for atf, tr ansmission oil, oil heaters, etc. shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. ? when requesting the bracket on which a sensor is fixed, please contact us. nominal resistance r 140 =0.072k  5%[140c] b constant b 20/80 =3520k2% operating temperature range C40 to +150c thermal time constant 60s max.[in still oil] heat dissipation constant 5mw/c[in still air] dimensions in mm ?9 (13) 2 240.5 ?11
(10/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcdp series (glass-encapsulated axial lead) plastic case type/ atf oil temperature sensor yntcdp3lg111xxhbea features high heat resistance. excellent oil resistance and atf resistance. detection portion is sealed by an o-ring allowing for direct detection of oil temperature. application oil temperature detection for atf, tr ansmission oil, oil heaters, etc. shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. nominal resistance r 145 =0.111k  2.5% b constant b 25/85 =3528k2% operating temperature range C40 to +150c thermal time constant 15s max.[in still oil] heat dissipation constant 3.5mw/c[in still air] dimensions in mm 9.50.2 8max. ( 31.55 ) ?9.46 +0 C0.1 12
(11/11) 20160323 / sensor_ntc-thermistor_assembly_en.fm sensors please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ntcrp series (glass-encapsulated radial lead) pps resin case type/ 200c heat resistance y ntcrp3vg493jcgbea features excellent atf resistance. operating temperature range: C40 to +200c fast heat responsiveness due to its small size. heating time constant  3.3 seconds (25c  85c/1  in oil) application coil temperature detection for ev, hev and phev drive motor inner temperature detection for the servomotor used for various industries shape & dimensions characteristics ? contact us for the other specification product about nominal resistance value and b constant. nominal resistance r 25 =49.12k  5% b constant b 25/80 =3992k2% operating temperature range C40 to +200c thermal time constant 10s max.[in still oil] heat dissipation constant 1.9mw/c[25c in still air] 4.50.3 3.00.3 dimensions in mm 120.5 150 to 300


▲Up To Search▲   

 
Price & Availability of NTCGP3UH153HCJDAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X