Part Number Hot Search : 
2SK996 BF800 AT54C EL4544 100CTF AAT3783 20030 S1503
Product Description
Full Text Search
 

To Download MBR2050PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free base p/n with prefix "h" on packing code - aec-q101 qualified terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test, with prefix "h" on packing code meet jesd 201 class 2 whisker test v rrm 35 45 50 60 90 100 150 v v rms 24 31 35 42 63 70 105 v v dc 35 45 50 60 90 100 150 v i f(av) a i rrm a 0.95 0.92 1.02 0.98 0.1 5 dv/dt v/ s r jc o c/w t j o c t stg o c document number: ds_d1308065 version: i13 - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data case: to-220ab polarity: as marked mbr2535ct thru mbr25150ct taiwan semiconductor dual common cathode schottk y rectifier features mbr 2535 ct mbr 2545 ct mbr 2550 ct mbr 2560 ct mbr 2590 ct to-220ab mbr 25100 ct mbr 25150 ct unit maximum repetitive peak reverse voltage maximum rms voltage mounting torque: 5 in-lbs maximum weight: 1.9 g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol maximum dc blocking voltage maximum average forward rectified current 25 peak repetitive forward current (rated vr, square wave, 20khz) i frm 25 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 200 a peak repetitive reverse surge current (note 1) 1 0.5 0.75 0.82 maximum instantaneous forward voltage (note 2) i f =12.5a, t j =25 i f =12.5a, t j =125 i f =25a, t j =25 i f =25a, t j =125 v f -0.92 0.73 - 0.88 maximum reverse current @ rated vr t j =25 t j =125 i r v - 0.75 0.85 -0.65 storage temperature range - 55 to +150 ma 15 10 voltage rate of change (rated v r ) 10000 note 1: tp = 2.0 s, 1.0khz note 2: pulse test with pw=300 s, 1% duty cycle 0.2 0.2 0.1 7.5 1.0 typical thermal resistance operating junction temperature range - 55 to +150
part no. part no. mbr2560ct mbr2560ct mbr2560ct (ta=25 unless otherwise noted) document number: ds_d1308065 version: i13 note 1: "xx" defines voltage from 35v (mbr2535ct) to 150v (mbr25150ct) 50 / tube mbr2535ct thru mbr25150ct taiwan semiconductor ordering information aec-q101 qualified packing code green compound code package packing green compound example preferred p/n aec-q101 qualified packing code green compound code description aec-q101 qualified ratings and characteristics curves mbr2560ct c0 c0 mbr2560ct c0g c0 mbr25xxct (note 1) prefix "h" c0 suffix "g" to-220ab mbr2560cthc0 h c0 g 0 5 10 15 20 25 30 0 50 100 150 average forward current (a) case temperature ( o c) fig.1- forward current derating curve resistive or inductiveload with heatsink 100 125 150 175 200 225 250 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2- maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4- typical reverse characteristics per leg tj=125 tj=25 mbr2535ct-mbr2545ct mbr2550ct-mbr25150ct 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3- typical instataneous forward characteristics per leg tj=125 pulse width=300 s 1% duty cycle tj=25 mbr2535ct-mbr2545ct mbr2550ct-mbr2560ct mbr2590ct-mbr25150ct
min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1308065 version: i13 marking diagram mbr2535ct thru mbr25150ct taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5- typical junction capacitance per leg f=1.0mhz vsig=50mvp-p mbr2535ct-mbr2545ct mbr2550ct-mbr25150ct 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(sec) fig. 6- typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1308065 version: i13 mbr2535ct thru mbr25150ct taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of MBR2050PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X