Part Number Hot Search : 
2N36S8 GRM219 RMFS200 BCW69 3842A X1232CP MAX703 3008P
Product Description
Full Text Search
 

To Download K1V10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   

  
 
    
  
                       !   "#    $  
 !%%  &  & '
( & 
 !      )   * +,   - . /  ) 0    !    
 $ )   * +,   - . /  ) 0  *     . ##  1 .   )  *  - 2   )   *   - .*  3 !    
  .  1 .  % )  1+,   )  *  - 2   )   *   - .* 0   .  1 .  % ) 4 +,   #    %   % !     5 0 5    6# #  2  #  # /)  7           8 1. &  & 8!  8 ) * +,   - . (  9 & !%%    '
& ' ) & '

   8 1.   8!
:  +    + ;3   !  &  &    ) 
: & - #2    #  
 : 1  2    #  $ "#    
  5<     '  - 2 3::8:           
 !       3::8:*  )   * :      9 
0.2 0.4 0.6 0.8 1 3 0.6 0.8 1 1.2 1.4 1.6 1.8 2 K1V10 k1v11 k1v12 pulse measurement tl=125 c [typ] tl=25 c [typ] instantaneous on-state voltage v t [v] instantaneous on-state current i t [a] typical on-state voltage
power dissipation 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0 0.2 0.4 0.6 0.8 1 1.2 1.4 K1V10 k1v11 k1v12 tj=125 c sine wave conduction angle 180 on-state current i t (rms) [a] power dissipation p [w]
maximum lead temperature 0 0.2 0.4 0.6 0.8 1 1.2 1.4 40 60 80 100 120 140 K1V10 k1v11 k1v12 tj=125 c sine wave conduction angle 180 allowable lead temperature tl [ c] on-state current i t (rms) [a]
maximum ambient temperature 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 20 40 60 80 100 120 140 K1V10 k1v11 k1v12 tj=125 c sine wave conduction angle 180 allowable ambient temperature ta [ c] on-state current i t (rms) [a] mounted on pcb 20mm l soldering land 3mm f l = 2~15mm
maximum surge on-state current 0 5 10 15 20 25 1 10 100 K1V10 k1v11 k1v12 non-repetitive sine wave 50hz conduction angle 180 free in air tj = 25 c 2 5 20 50 number of cycles [cycles] surge on-state current i tsm [a]
pulse on-state current rating 1 10 100 1000 1 10 100 K1V10 k1v11 k1v12 i p t 0 1/f current wave form free in air sine wave ta = 25 c 0 di t /dt limit line f = 1 ~ 120hz f = 1khz f = 5khz 2 20 50 200 5 pulse base width t 0 [ m s] peak pulse on-state current i p [a]
pulse on-state current derating 0 0.2 0.4 0.6 0.8 1 1.2 0 20 40 60 80 100 120 140 K1V10 k1v11 k1v12 i p t 0 1/f current wave form free in air sine wave ta = 25 c 0 f = 1 ~ 5khz f = 1 ~ 120hz ambient temperature ta [ c] pulse on-state current ratio i p (t) / i p (ta=25 c)
0.1 1 10 100 K1V10 k1v11 k1v12 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 q ja q jl transient thermal resistance duration t [s] transient thermal resistance q ja q jl [ c/w] mounted on pcb 20mm l soldering land 3mm f l = 2~15mm
breakover voltage - junction temperature 0.8 0.85 0.9 0.95 1 1.05 1.1 K1V10 k1v11 k1v12 -40 -20 0 20 40 60 80 100 120 140 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 junction temperature tj [ c] breakover voltage ratio v bo (t) / v bo (tj=25 c)


▲Up To Search▲   

 
Price & Availability of K1V10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X