Part Number Hot Search : 
BLH3356 PX5419A 1ZC16A ST2204 FCT827CS HCF4050 SMCJ24A 42225
Product Description
Full Text Search
 

To Download G3403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.1 may 29, 2013 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3403 global mixed-mode technology bidirectional i 2 c bus and smbus voltage level translator features ? 1-bit bidirectional translator ? i 2 c and smbus compatible ? less than 1.5ns maximum propagation delay to accommodate standard-mode and fast-model i 2 c devices and multiple masters ? allows voltage-level translator between ? 1.2v v ref1 and 2.5v, 3.3v, 5v v ref2 ? 1.8v v ref1 and 3.3v, 5v v ref2 ? 3.3v v ref1 and 5v v ref2 ? provides bidirectional voltage translation without direction pin ? low 3.5 on-state connection between input and output ports provides less signal distortion ? open-drain i 2 c i/o ports ? 5v tolerant i 2 c i/o ports to support mixed mode signal operation ? high impedance for scl1 and scl2 as en=low ? lock-up-free operation for isolation when en=low general description the G3403 is a bidirectional i 2 c and smbus volt- age-level translator with an enable (en) input, and is operational from 1.2v to 3.3v v ref1 and 2.5v to 5.5v v ref2 . it allows bidirectional voltage translations be- tween 1.2v and 5v, without use of directional pin. the low on-state resistance (r on ) of the switch ensures the connections to be with minimal propagation delay. when en is high, the translator switch is on, and the scl1 i/o is connected to the scl2 i/o, respectively, allowing bidirectional data flow between ports. when en is low, the translator switch is off, and a high-impedance exists between ports. in i 2 c applications, the bus capacitance limit of 400pf restricts the number of devices and bus length. the system designer could isolate two halves of a bus by using the G3403; thus, more i 2 c devices or longer trace length can be accommodated. in standard i 2 c system, pull-up resistors are required to provide the logic high levels on the translator?s bus. the size of these pull-up resistors depends on the system, but each side of the repeater must have a pull-up resistor. the G3403 is designed to work with standard-mode and fast-mode i 2 c devices. standard mode i 2 c devices only specify 3ma in a generic i 2 c system where standard mode devices and multiple masters are possible. under certain conditions, high termination currents can be used. when the scl1 or scl2 port is low, the clamp is in the on state, and a low resistance connection exists between the scl1 and scl2 ports. assuming the higher voltage is on the scl2 port, when the scl2 port is high, the voltage on the scl1 port is limited to the voltage set by v ref1 . when the scl1 is high, the scl2 port is pulled up to the drain pull-up supply volt- age (v dpu ) by pull-up resistors. this function allows a seamless translation between higher and lower volt- ages selected by the user, without any directional con- trol. ordering information order number marking temp. range package (green) G3403tl1u 343x -40 c to +85 c sc-70-6 (sot-363) note: tl: sc-70-6 (sot-363) 1: bonding code u: tape & reel pin configuration vref2 scl2 en vss vref1 1 2 3 4 5 6 G3403 scl1 sc-70-6 (sot-363) vref2 scl2 en vss vref1 1 2 3 4 5 6 G3403 scl1 sc-70-6 (sot-363)


▲Up To Search▲   

 
Price & Availability of G3403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X