Part Number Hot Search : 
5R100B BXMP1007 AD7811 MN3007 MNTXG 21308 UPD72 645ET
Product Description
Full Text Search
 

To Download FT2HA-5M-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ft ultra-miniature toggle switch  terminal pins : kinked  actuator color : yellow  features 6m usbnjojbuvsfuphhmftxjudigpsijhiefotjuz npvoujoh 8btibcmf 5fsnjobmqjoqjudinn *oefqfoefouefufounfdibojtnfotvsftmjhiu pqfsbujpobmgffm $mjqdpoubdunfdibojtngpsmpohufsndpoubdu sfmjbcjmjuz (pmeqmbufedpoubdut rohs compliant 8btibcmf  rating max. 28vdc 0.4va max. min. 1  a 20mvdc initial contact resistance 100m 
max.  1.5ma 200  vac  dielectric strength 250vac 1 minute insulation resistance 500m 
min.  250vdc  electrical life 10,000 cycles at max. rating 50,000 cycles at min. rating  d,e type  30,000 cycles at min. rating  f,g,h type  operating temperature range  40 ?? 85 ? storage temperature range  40 ?? 85 ?  part numbering "duvbupstibqf 0/?0/ 0/ ?0'' ? 0/ 0/ ? 0/ 0/ ?0/ 0/ ?0' '? 0/ 0/ ?0''? 0/ 0/ ?0' '? 0/ 5fsnjobmtuzmf d e f fa g h ha toggle type 1 pole 2 5 4 t pc straight right angle vertical mounting 2 poles f y t y 2 y d y  y 2 y m     z series code number of poles switching function standard m actuator shape /vncfs pgqpmft 5fsnjobmtuzmf 5zqf 1 2 'jh 'jh $pef $pef switching function $pef actuator shape 5fsnjobmtuzmfpg ? 4uzmf1$5fsnjobm ?   5 fsnjobmtuzmfpg ? 4uzmf7.5fsnjobm  5fsnjobmtuzmfpg ? 4uzmf3"5fsnjobm   on   momentary.
           -  >? /2&g 0$5.,1* ?? a .h\ :d\        -    -    g?/2&g  3duw qxpehu pdunlqj vlgh ?? a   >? -        -          /2&g 0$5.,1* .h\ :d\        - g?/2&g  3duw qxpehu pdunlqj vlgh          -    w       /2&g 0$5.,1* ?? a .h\ :d\   -      >?       -     g?/2&g  3duw qxpehu pdunlqj vlgh             -       >t>>> >t>>> w         /2&g 0$5.,1* ?? a .h\ :d\  -    >?    -  g?/2&g  3duw qxpehu pdunlqj vlgh   ft switching function part no. y ft1d-2m-z on  on ? ft1e-2m-z on off on ? ft1f-2m-z on  on   ft1g-2m-z  on  off  on  ? ft1h-2m-z on off  on  connecting terminals 2  3  2  1 switching function part no. y ft1d-5m-z on  on y ft1e-5m-z on off on ? ft1f-5m-z  on  on  ft1fa-5m-z on  on  ? ft1g-5m-z  on  off  on   ft1h-5m-z  on  off on ? ft1ha-5m-z on off  on  connecting terminals 2  1  2  3 switching function part no. ? ft2d-5m-z on  on  ft2e-5m-z on off on  ft2f-5m-z  on  on ? ft2fa-5m-z on  on  ? ft2g-5m-z  on  off  on  ? ft2h-5m-z  on  off on ? FT2HA-5M-Z on off  on  connecting terminals 2  1 5  4  2  3 5  6 switching function part no. y ft2d-2m-z on  on ? ft2e-2m-z on off on  ft2f-2m-z on  on   ft2g-2m-z  on  off  on   ft2h-2m-z on off  on  connecting terminals 2  3 5  6  2  1 5  4 spdt spdt dpdt dpdt terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. pc hole layouts  topview  pc hole layouts  topview  pc hole layouts  topview  pc hole layouts  topview   on   momentary.  made to order products. ? semi-standard products. 1$4usbjhiu 1$4usbjhiu 3jhiu"ohmf5fsnjobm 3jhiu"ohmf5fsnjobm
ft switching function part no. ? ft1d-4m-z on  on  ft1e-4m-z on off on  ft1f-4m-z on  on  ? ft1fa-4m-z  on  on ? ft1g-4m-z  on  off  on  ? ft1h-4m-z on off  on  ? ft1ha-4m-z  on  off on connecting terminals 2  3  2  1 switching function part no. y ft2d-4m-z on  on  ft2e-4m-z on off on  ft2f-4m-z on  on  ? ft2fa-4m-z  on  on ? ft2g-4m-z  on  off  on  ? ft2h-4m-z on off  on  ? ft2ha-4m-z  on  off on connecting terminals 2  3 5  6  2  1 5  4 spdt dpdt terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. pc hole layouts  topview  pc hole layouts  topview  7fsujdbmnpvoujohufsnjobm 7fsujdbmnpvoujohufsnjobm  on   momentary.  made to order products. ? semi-standard products. .h\ :d\        -    >?    -      -           3duw qxpehu pdunlqj vlgh           .h\ :d\        -    >?         -          3duw qxpehu pdunlqj vlgh -    ? manual soldering device  soldering iron 380 ? , max.; 3 seconds, max. ? auto soldering device  jet wave type or dip type 275 ? , max.; 6 seconds, max. ~ pre-heating should be done at temperatures from 80 to 120 ? and within 120 sec. ? when soldering two or more terminals to a common land, use solder resist to separate them.  flux cleaning ? solvent : fluorine or alcohol type. ? cleaning after soldering should be done after the pc board is exposed to room temperature (30 ? or below) for 1 to 2 hours. ? do not use ultrasonic cleaning.         ) 8 - , 6 2 . 8 ) 8 - , 6 2 . 8 plastick pack 100 pcs/pack >4 >/>0>. >@ vhf >6>. >/>0>. >0>5>3 ?  inquiry products.


▲Up To Search▲   

 
Price & Availability of FT2HA-5M-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X