Part Number Hot Search : 
221M16 CXD11 A29DL324 3KP10C NTR4170 M37643F8 180CA SFBDX92
Product Description
Full Text Search
 

To Download DUG07A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.sunled.com published date : feb 29, 2008 drawing no : sdsa2004 v3 checked : shi n chi p.1/4 part number: DUG07A 7.62mm (0.3?) single digit numeric display part number emitting color emitting material luminous intensity (if=10ma) ucd wavelength nm p description min. typ. DUG07A green gap 1900 7990 565 common anode , rt.hand decimal. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless` otherwise noted. 3.specifications are subjec t to change without notice . features 0.3 inch digit height. low current operation. excellent character appearance. easy mounting on p.c. boards or sockets. i.c. compatible. mechanically rugged. standard: gray face, white segment. rohs compliant. absolute maximum ratings (ta=25c ) ug (gap) unit reverse voltage v r 5 v forward current i f 25 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 140 ma power dissipation p t 62.5 mw operating temperature t a -40 ~ +85 storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3-5 seconds c ug (gap) unit forward voltage (typ.) (i f =10ma) v f 2.0 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength at peak emission (typ.) (i f =10ma) p 565 nm wavelength of dominant emission (typ.) (i f =10ma) d 568 nm spectral line half-width at half-maximum (typ.) (i f =10ma) ? 30 nm capacitance (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c )
www.sunled.com published date : feb 29, 2008 drawing no : sdsa2004 v3 checked : shi n chi p.2/4 part number: DUG07A 7.62mm (0.3?) single digit numeric display ? ug
www.sunled.com published date : feb 29, 2008 drawing no : sdsa2004 v3 checked : shi n chi p.3/4 part number: DUG07A 7.62mm (0.3?) single digit numeric display remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
www.sunled.com published date : feb 29, 2008 drawing no : sdsa2004 v3 checked : shi n chi p.4/4 part number: DUG07A 7.62mm (0.3?) single digit numeric display packing & label specifications DUG07A


▲Up To Search▲   

 
Price & Availability of DUG07A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X