Part Number Hot Search : 
DL4753A FN2837 SR360 CT501 ST9216 M4B31 SD263 5251B
Product Description
Full Text Search
 

To Download DMN5L06WKQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmn5l06wk q document number: ds 37584 rev. 1 - 2 1 of 6 www.diodes.com november 2014 ? diodes incorporated dmn5l06wk q new product n - channel enhancement mode mosfet product summary v (br)dss r ds(on) max i d max t a = + 25 c 5 0v 2m ? @ v gs = 5 v 280ma 2.5m ? @ v gs = 2.5 v 258ma 3m ? @ v gs = 1.8 v 235ma description and applications this mosfet is designed to minimize the on - state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal for high efficiency power management applications. ? general purpose interfacing switch features ? low on - resistance ? very low gate threshold voltage (1.0v max) ? low input capacitance ? fast switching speed ? low input/output leakage ? esd protected up to 2kv ? totally lead - free & fully rohs c ompliant (notes 1 & 2) ? halogen and antimony free. green device (note 3 ) ? qualified to aec - q101 s tandards for high reliability ? ppap capable (note 4) mechanical data ? case: sot - 323 ? case material: molded plastic, green molding compound. ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish C matte tin a nnealed over alloy 42 l eadframe . solderable per mil - std - 202, method 208 ? terminal connections: see diagram ? weight: 0.006 grams ( a pproximate ) ordering information (note 5 ) part number case packaging dmn5l06wk q - 7 sot - 323 3000/tape & reel note s: 1 . no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant . 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - free . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . automotive products are aec - q101 qualified and are ppap capable. aut omotive, aec - q101 and standard products are electrically and thermally the same, except where specified. for more information, please refer to http://www.diodes.com/quality/product_grade_ definitions/ 5 . for packaging details, go to our website at http://www.diodes.com/products/packages.html . marking information date code key year 2012 2013 2014 2015 2016 2017 2018 code z a b c d e f month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot - 323 top view esd protected up to 2kv top view dab = product type marking code ym = date code marking y = year (ex: a = 20 13 ) m = month (ex: 9 = september) g s d
dmn5l06wk q document number: ds 37584 rev. 1 - 2 2 of 6 www.diodes.com november 2014 ? diodes incorporated dmn5l06wk q new product maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit drain source voltage v dss 50 v gate - source voltage v gss ? d 300 800 ma thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit total power dissipation (note 6 ) p d 250 mw thermal resistance, junction to ambient r ja 500 c/w operating and storage temperature range t j , t stg - 65 to +150 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 8 ) drain - source breakdown voltage bv dss 50 ? ? gs = 0v, i d = 10 c = + 25c i dss ? ? ds = 50v, v gs = 0v gate - body leakage i gss ? ? gs = 12v, v ds = 0v v gs = 10v, v ds = 0v v gs = 5v, v ds = 0v on characteristics (note 8 ) gate threshold voltage v gs(th) 0.49 ? ds = v gs , i d = 250 ds (on) ? ? ? ? ? ? ? ? ? ? ? gs = 1.8v, i d = 50ma v gs = 2.5v, i d = 50ma v gs = 5.0v, i d = 50ma on - state drain current i d(on) 0.5 1.4 ? gs = 10v, v ds = 7.5v forward transconductance |y fs | 200 ? ? ds =10v, i d = 0.2a source - drain diode forward voltage v sd 0.5 ? gs = 0v, i s = 115ma dynamic characteristics (note 9 ) input capacitance c iss ? ? ds = 25v, v gs = 0v f = 1.0mhz output capacitance c oss ? ? rss ? ? d(on) ? ? dd = 30 v, v gs = 10 v, r g = 25 d = 2 00ma turn - on rise time t r ? ? d(off) ? ? f ? ? notes: 6 . device mounted on fr - 4 pcb. 7 . pulse width ? 10 s, duty cycle ? 1%. 8 . short duration pulse test used to minimize self - heating effect. 9 . guaranteed by design. not subject to production testing.
dmn5l06wk q document number: ds 37584 rev. 1 - 2 3 of 6 www.diodes.com november 2014 ? diodes incorporated dmn5l06wk q new product v gate source voltage (v) fig. 6 static drain-source on-resistance vs. gate-source voltage gs, r , s t a t i c d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? v , drain-source voltage (v) fig. 1 typical output characteristics ds v , gate-source voltage (v) fig. 2 typical transfer characteristics gs 0 i drain current (a) fig. 4 static drain-source on-resistance vs. drain current d , 1 10 r , s t a t i c d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? t , channel temperature (c) fig. 3 gate threshold voltage vs. channel temperature ch 0 -50 -25 0 25 50 75 100 125 150 1 i , drain current (a) fig. 5 static drain-source on-resistance vs. drain current d 10 r , s t a t i c d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ?
dmn5l06wk q document number: ds 37584 rev. 1 - 2 4 of 6 www.diodes.com november 2014 ? diodes incorporated dmn5l06wk q new product i , r e v e r s e d r a i n c u r r e n t ( a ) d r i , r e v e r s e d r a i n c u r r e n t ( a ) d r -50 0 50 100 150 250 200 150 50 100 0 t , ambient temperature ( c) fig. 11 derating curve - total a p , p o w e r d i s s i p a t i o n ( m w ) d t , ambient temperature ( c) fig. 7 a static drain-source on-state resistance vs. ambient temperature r , s t a t i c d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? 1 i , drain current (a) d fig.10 forward transfer admittance vs. drain current | y | , f o r w a r d t r a n s f e r a d m i t t a n c e ( s ) f s
dmn5l06wk q document number: ds 37584 rev. 1 - 2 5 of 6 www.diodes.com november 2014 ? diodes incorporated dmn5l06wk q new product package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. sot323 dim min max typ a 0.25 0.40 0.30 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d 0.650 bsc f 0.375 0.475 0.425 g 1.20 1.40 1.30 h 1.80 2.20 2.15 j 0.00 0.10 0.05 k 0.90 1.00 0.95 l 0.25 0.40 0.30 m 0.10 0.18 0.11 a 8c all dimensions in mm dimensions value (in mm) z 2.8 x 0.7 y 0.9 c 1.9 e 1.0 x e y c z c b k j m h l a g d a
dmn5l06wk q document number: ds 37584 rev. 1 - 2 6 of 6 www.diodes.com november 2014 ? diodes incorporated dmn5l06wk q new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of t his document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application , customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or fore ign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems witho ut the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices o r systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect it s safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2014 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMN5L06WKQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X