1 26 section 1 resis t ors r c d m l i f n o b r a c orderin g inf orma tion outline dra win g cos t ef f ectiv e high s t oc k le v els zer o-ohm link a v ailable the dcr r ang e is a v ailable in po w er r atings fr om 1/6w t o 2w . all pr oduct is taped, wit h special taping f or ms a v ailable as an op tion. all pr oduct is manuf actur ed t o specif ications el a rs1 96a , jl s-c-6 402 and iec-1 1 5. t ypical applications will r ang e fr om consumer pr oducts t o com puting and aut omo tiv e uses. all dcr? s ar e r ecognisable b y t heir pale beig e colour , and easily r eadable eia colour coding. n or mal small size l ?d h ?d dcr1 2 dcr25ss 3.3+0.4 1 .8+0.3 28+2.0 0.5+0.05 dcr25 dcr50ss 6.3+0.5 2.3+0.3 28+2.0 0.6+0.05 dcr50 dcr1 00ss 9.0+0.5 3.2+0.5 26+2.0 0.6+0.05 dcr1 00 dcr200ss 1 1 .5+1 .0 4.5+0.5 35+2.0 0.8+0.05 dcr200 1 5.5+1 .0 5.0+0.5 32+2.0 0.8+0.05 t ype p o w er/w max. w or king v olt ag e/v max. ov er load v olt ag e r ang e dcr1 2 0. 1 66 1 50 300 1-1 0m e2 4 dcr25 0.33 250 500 1-1 0m e2 4 dcr25ss 0.25 200 400 1-1 0m e2 4 dcr50 0.5 350 700 1-1 0m e2 4 dcr50ss 0.5 300 600 1-1 0m e2 4 dcr1 00 1 500 1 000 1-1 0m e2 4 dcr 1 0 0ss 1 400 800 1-1 0m e2 4 dcr200 2 500 1 000 1-1 0m e2 4 dcr 2 00s s 2 500 1 000 1-1 0m e2 4 d h h l d dcr 25 5 t 1 0k t ype 1 2 = 0. 1 66w 25 = 0.33w 25ss = 0.25w 50 = 0.50w 50ss = 0.50w 1 00 = 1w 1 00ss = 1w 200ss = 2w 200 = 2w t oler ance 5% t aping t = t ape & ammo bd = t ape/r eel v alue in ohms * p ar ts also a v ailable wit h 26mm widt h taping - add pt26 t o end of par t number w eldable type wit h copper lead wir e a v ailable t o special or der t aping specif ication a v ailable on pag e 1 3 4. dcr 50 becoming obsole t e - 50 ss t . oper ating t em per atur e -55c t o 1 55c * ran ge section 4 www.du bilier.co .uk
1 2 7 specific a tion r c d m l i f n o b r a c po wer de-ra tin g current n oise 10 3.0 1.0 0.3 0.1 0.03 10k 10m 100 1k 100k 1m nominal resistance / v/v perf ormance tes t tes t method appraise shor t t ime ov er load jis-c-5202 5.5 2.5 t imes r cwv f or 5 seconds (0.75%+0.05) dielectric w it hs t anding v olt age jis-c-5202 5.7 in v- bloc k f or 60 seconds b y t ype t em per ature coef f icient of r esis t ance jis-c-5202 5.2 -55?c t o 1 55?c b y t ype insulation r esis t ance jis-c-5202 5.6 in v-bloc k >1 000m solder ability jis-c-5202 6.5 260?c f or 5 seconds 95% min. co v er age r esis t ance t o sol v ent jis-c-5202 6.9 t r ic hlor oe t hane f or 1 min. wit h ultr asonic no de t erior ation of coatings & mar kings t erminal s trengt h direct load f or 1 0 sec. in the direction of t erminal leads >2.5k g (2 4.5n) pulse ov er load jis-c-5202 5.8 4 t imes r cwv 1 0000 cy cles (1 sec. on, 25 sec. of f) (1%+0.05) load lif e in humidity jis-c-5202 7 .9 402?c, 90~95% rh at r cwv f or 1 000 hr s. (3%+0.05) (1 .5 hr s. on, 0.5 hr s. of f) load lif e jis-c-5202 7 . 1 0 70?c at r cwv f or 1 000 hr s. (1 .5 hr s. on, 0.5 hr s of f) (3%+0.05) t em per ature cy cling jis-c-5202 7 .4 -55?c r oom t em p. 1 55?c r oom t em p. f or 5 cy cles (1%+0.05) r esis t ance t o soldering heat jis-c-5202 6.4 350?c 1 0?c f or 30.5 seconds (1%+0.05) 100 0 200 300 400 500 600 700 800 10 100 1k 10k 100k 1m 10m 100 80 60 40 20 0 7 0 155 0 2 0 180 100 120 140 ambient t e mperature / ? c p ercent rated load 4 0 tempera ture coefficient *r at ed continuous w or king v olt age (r cwv) = p o w er r ating x r esis t ance v alue section 4 www.du bilier.co .uk
|