Part Number Hot Search : 
15KP110 PR2001G1 2SB1116 LMR61W L9205A S6310MG LVCU0 L9205A
Product Description
Full Text Search
 

To Download CG-BGA-5016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  32.60 39.225 recommended torque = 1.5 in-lbs or using hex key, turn the compression screw clockwise one half a turn after it contacts the package. 36.15 5.00 17.90 1.55 0.50 13.15 45.74 30.72 19.61 3.52 11.65 5.05 49.07 23.03 1.35 clamshell ghz socket - direct mount, solderless features ? directly mounts to target pcb (needs tooling holes) with hardware ? high speed, reliable elastomer connection ? minimum real estate required ? compression plate distributes forces evenly ? ball guide prevents over compression of elastomer ? clamshell lid ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: cg-bga 16x16mm 0.65mm pitch 24x24 array bga436 primary dimension units are millimeters, secondary dimension units are [inches]. status: released rev. a date: 9/14/12 material: material finish: weight: 68.74 CG-BGA-5016 specification scale: 1.4:1 sheet: 1 of 4 drawn by: s. huang file: CG-BGA-5016
37.225 0.125 socket base size 22.7250.125 (x4) backing plate 18.7250.050 (x4) 1.710.10 (x4) non plated mounting hole 0.850.05 (x2) non plated alignment hole 2.54 2.1375 * 1.6375 * 1.8875 14.95 (x4) 0.29 pad 5.08 0.65 typ. 1.2500.125 (x4) 1.2500.125 (x4) 21.2250.125 no component area 21.2250.125 socket base size note: full bga pattern shown. please adjust pattern according to individual requirement. orientation mark *note: bga pattern is not symmetrical with respect to the mounting holes. the pattern is shifted to the right of center by 0.25mm. target pcb recommendations total thickness: 1.6mm min. plating: gold or solder finish max component ht. 13.2mm max component ht. 1.6mm max component ht. 0.5mm--close latch max component ht. 1.4mm--open latch ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: recommended pcb layout primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 9/14/12 material: material finish: weight: 68.74 CG-BGA-5016 drawing scale: 2.8:1 sheet: 2 of 4 drawn by: s. huang file: CG-BGA-5016
d e 0.15 z 0.15 z x y a a1 0.08 z 0.2 z z e b d1 e1 a1 location 0.15 m x y z 0.08 m z top view bottom view side view array: 24x24 dimensions are in millimeters. 1. interpret dimensions and tolerances per asme y14.5-1994. 2. dimension b is measured at the maximum solder bll diameter, parallel to datum plane z. 3. datum z (seating plane) is defined by the spherical crowns of the solder balls. 4. parallelisml measurement shall exclude any effect of mark on top surface of package. 5. irownood package code: bga436a1 dim min max a 1.4 a1 0.16 0.26 b 0.27 0.37 d 16 d1 14.95 e 16 e1 14.95 e 0.65 ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: compatible bga primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 9/14/12 material: material finish: weight: 68.74 CG-BGA-5016 drawing scale: 3:1 sheet: 3 of 4 drawn by: s. huang file: CG-BGA-5016
18.7250.05 (x4) 22.725 (x4) 4.00 (x4) 3.00 1.71 (x4) 5.00 2.50 6 15 4 3 12 1 14 10 17 13 11 9 16 2 8 7 5 backing plate top view backing plate side view item no. description material 1 socket base 7075-t6 aluminum alloy 2 clam shell lid for 17mm ic 7075-t6 aluminum alloy 3 compression plate 7075-t6 alumium alloy 4 m10 comression screw 7075-t6 aluminum alloy 5 precision compression spring, zinc- plated music wire, 1/2" length, .12" od, .016" wire zinc plated music wire 6 spring clamshell lid assembly steel music wire 7 hinge pin and snap ring, 3mm od, 25mm long, ss stainless steel (ferritic) 8 clamshell latch 7075-t6 aluminum alloy 9 ball guide kapton polyimide/cirlex 10 elastomer guide ultem 1000 11 0.5mm thick, 0.05x 0.05mm pitch, 50mm sqr, z-axis conductive angled elastomer 20 micron dia gold plated brass filaments arranged symettrically in a silicon rubber (63.5 degree angle), thickness: 0.5mm 12 test chip for 16x16mm 24x24 array 0.65mm pitch material 13 test pcb 16x16mm 24x24 array 0.65mm pitch material 14 16x16mm clamshell backing plate 7075-t6 aluminum alloy 15 screw, m3 x 12mm, low head cap, ss 18-8 stainless steel 16 dowel pin, 1/32" x 3/16", ss chrome stainless steel 17 #0-80 x .375 lg, soc hd cap screw, alloy stl, blk oxide alloy steel ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: skt and backing plate detail primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 9/14/12 material: material finish: weight: 68.74 CG-BGA-5016 drawing scale: 1.8:1 sheet: 4 of 4 drawn by: s. huang file: CG-BGA-5016


▲Up To Search▲   

 
Price & Availability of CG-BGA-5016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X