Part Number Hot Search : 
NYS240 150CT DRS201K 16800 BC858BR 47306 10310 0CTQ1
Product Description
Full Text Search
 

To Download CG-BGA-5003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  top view side view (section aa) 30.23mm [1.190"] 25.48mm [1.003"] a a 34.5mm + ic thickness a l l t o l e r a n c e s : 0.125mm (unless stated otherwise). materials and specifications are subject to change without notice. 1 2 3 page 1 of 4 features directly mounts to target pcb (needs tool ing holes) with hardware minimum real estate required compression plate distributes forces even ly clamshell lid compression plate: black anodized aluminum. thickness = 8.5 mm. compression screw: clear anodized aluminum. height = 25 mm, fluted knob socket base: black anodized aluminum. height = 6 mm. clam shell lid: black anodized aluminum. height = 16.5 mm. socket base screw: socket head cap screw, alloy steel with black oxide finish, 0-80 thread, 5/8" long. backing plate: black anodized aluminum. thickness= 4mm insulation plate: fr4/g10 1 m a t e r i a l s : 2 3 4 5 6 7 8 9 customer's bga ic 4 8 9 7 10 11 13 6 5 11 10 customer's pcb ic guide: ultem ball guide: kapton polyimide. elastomer guide: non-clad fr4. thickness = 0.475mm. 12 12 elastomer: 20 micron dia gold plated brass filaments arranged symmetrically in a silicone rubber (63.5 degree angle). thickness = 0.5mm. 13 latch: black anodised aluminum. status: released drawing: vinayak r rev: a date: 2/16/10 modified: file: CG-BGA-5003 dwg CG-BGA-5003 drawing ? 2010 ironwood electronics, inc. tele: (952) 229-8200 www.ironwoodelectronics.com scale: 1.33:1
socket body size non plated mounting hole non plated alignment hole orientation mark 1.25mm 0.13mm (x4) 1.25mm 0.13mm (x4) 5.080mm 15.225mm 0.125mm (x4) 12.725mm (x4) 2.540mm 4.1125mm 5.50mm *3.8625mm 0.50mm typ. ? 0.850mm 0.025mm (x2) 4.50mm 17.73mm sqr. backing plate outline ? 1.75mm 0.05mm (x4) ? 0.25mm pad (x120) soclet lid size page 2 of 4 recommended pcb layout tolerances: 0.025mm [0.001] unless stated otherwise. r e c o m m e n d e d p c b l a y o u t t o p v i e w * n o t e : b g a p a t t e r n i s n o t s y m m e t r i c a l w i t h r e s p e c t t o t h e m o u n t i n g h o l e s . t a r g e t p c b r e c o m m e n d a t i o n s total thickness: 1.6mm min. plating: gold or solder finish pcb pad height: same or higher than solder mask recommended pcb layout tolerances: 0.025mm [0.00 1] unless stated otherwise. all dimensions are in mm unless stated otherwise status: released drawing: vinayak r rev: a date: 2/16/10 modified: file: CG-BGA-5003 dwg CG-BGA-5003 drawing ? 2010 ironwood electronics, inc. tele: (952) 229-8200 www.ironwoodelectronics.com scale: 4:1
bottom view c o m p a t i b l e b g a s p e c z a1 0.08 z 0.10 z y 5 4 ? b 3 top view front view e d e x 3 4 5 dimensions are in millimeters. interpret dimensions and tolerances per asme y14.5m-1994. dimension b is measured at the maximum solder ball diameter, parallel to datum plane z. datum z (seating plane) is defined by the spherical crowns of the solder balls. parallelism measurement shall exclude any effect of mark on top surface of package. 1. 2. 10 x 12 array dim min max a 3.00 a1 0.25 b 0.30 d e e 0.5 bsc 0.225 6.0 bsc 7.0 bsc a ?0.15 ?0.08 x y page 3 of 4 status: released drawing: vinayak r rev: a date: 2/16/10 modified: file: CG-BGA-5003 dwg CG-BGA-5003 drawing ? 2010 ironwood electronics, inc. tele: (952) 229-8200 www.ironwoodelectronics.com scale: 8:1
side view top view description: b a c k i n g p l a t e w i t h i n s u l a t i o n p l a t e 17.73mm 2.50mm 2.50mm 12.725mm 0.025mm (x4) 4.00mm sqr. 7.94mm 2.00mm 4.00mm ? 1.61mm 0.05mm (x4) 1.27mm (x4) 1.59mm 4.00mm insulation plate backing plate 17.73mm all dimensions are in mm. all tolerences are +/- 0.125mm. (unless stated otherwise) page 4 of 4 status: released drawing: vinayak r rev: a date: 2/16/10 modified: file: CG-BGA-5003 dwg CG-BGA-5003 drawing ? 2010 ironwood electronics, inc. tele: (952) 229-8200 www.ironwoodelectronics.com scale: 4:1


▲Up To Search▲   

 
Price & Availability of CG-BGA-5003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X