Part Number Hot Search : 
IL91214 BD242B 31441 2A250 AEXXXXXX 015445 GKU60010 CBTLV
Product Description
Full Text Search
 

To Download CG-BGA-4021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21.225 36.490 32.600 39.225 37.225 2.390 ghz bga socket - direct mount, solderless features directly mounts to target pcb (needs tooling holes) with hardware ? high speed, reliable elastomer connection ? minimum real estate required ? compression plate distributes forces evenly ? ball guide prevents over compression of elastomer ? recommended torque: 1.3in-lbs ? ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.0254mm [0.001"], pitches (from true position) 0.0762mm [0.003"], substrate thickness tolerance 10%, all other tolerances 0.127mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: cg-bga225 16x16mm ic 15x15array primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 07/15/2014 material: n/a finish: n/a weight: 71.13 CG-BGA-4021 drawing scale: 3:2 sheet: 1 of 4 eng: b. fedde file: CG-BGA-4021 dwg drawn by: m. raske
4x 1.7000.100 2x 0.8500.025 0.500 0 0.375 0.625 6.625 7.375 9.3625 9.3625 0 1.000 1.000 4.2825 9.3625 7.000 7.000 9.3625 6.8225 21.225 37.225 socket base outline max component height 2.3mm *note: bga pattern is not symmetrical with respect to the mounting holes. the pattern is shifted 0.375mm right of center target pcb recommendations total thickness: 1.6mm minimum plating: gold or solder finish pcb pad height: same or higher than solder mask a1 0.035 a b 0.025 a b a b ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: recommended pcb layout primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 07/15/2014 material: n/a finish: n/a weight: 71.13 CG-BGA-4021 drawing scale: 4:1 sheet: 2 of 4 eng: b. fedde file: CG-BGA-4021 dwg drawn by: m. raske
d e a a1 b e dimensions are in millimeters. interpret dimensions and tolerances per asme y14.5m-1994. 1. dimension b is measured at the maximum solder ball diameter, parallel to datum plane z. 2. datum z (seating plane) is defined by the spherical crowns of the solder balls. 3. parallelism measurement shall exclude any effect of mark on top surface of package. 4. ironwood package code: bga225k dim min max a 3.0 a1 0.40 0.60 b 0.45 0.7 d 15.90 16.10 e 15.90 16.10 e 1.0 bsc ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: compatible device primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 07/15/2014 material: n/a finish: n/a weight: 71.13 CG-BGA-4021 drawing scale: 4:1 sheet: 3 of 4 eng: b. fedde file: CG-BGA-4021 dwg drawn by: m. raske
2 15 14 17 5 9 4 11 8 18 13 19 10 7 12 6 3 1 16 item no. description material 1 clam shell lid for 17mm ic 7075-t6 aluminum alloy 2 m10 comression screw 7075-t6 aluminum alloy 3 clamshell latch 7075-t6 aluminum alloy 4 cg socket base 16.325mm pocket 18.725mm holes 7075-t6 aluminum alloy 5 clamshell 16mm ic compression plate 7075-t6 alumium alloy 6 16x16mm clamshell backing plate 7075-t6 aluminum alloy 7 elastomer guide 16mm ic ultem 1000 8 ball guide bga 225 1.0mm pitch kapton polyimide/cirlex 9 bga 225 test chip 16x16mm 15x15 array material 10 bga 225 test pcb fr4 standard 11 dowel pin, 1/32" x 3/16", ss chrome stainless steel 12 #0-80 x .375 lg, soc hd cap screw, alloy stl, blk oxide alloy steel 13 0.75mm thick 0.1mm pitch 63 deg angled elastomer silicon rubber 14 screw, m3 x 12mm, low head cap, ss 18-8 stainless steel 15 spring clamshell lid assembly steel music wire 16 precision compression spring, zinc-plated music wire, 1/2" length, .12" od, .016" wire zinc plated music wire 17 hinge pin and snap ring, 3mm od, 25mm long, ss stainless steel (ferritic) 18 insulating washer, 4mm od. kapton polyimide/cirlex 19 insulating washer, 3mm od. kapton polyimide/cirlex ironwood electronics, inc. tele: (800) 404-0204 www.ironwoodelectronics.com tolerances: hole diameters 0.03mm [0.001"], pitches (from true position) 0.025mm [0.001"], substrate thickness tolerance 10%, all other tolerances 0.13mm [0.005"] unless stated otherwise. materials and specifications are subject to change without notice. description: socket, backing plate detail primary dimension units are millimeters, secondary dimension units are [inches], weight is in grams. status: released rev. a date: 07/15/2014 material: n/a finish: n/a weight: 71.13 CG-BGA-4021 drawing scale: 3:2 sheet: 4 of 4 eng: b. fedde file: CG-BGA-4021 dwg drawn by: m. raske


▲Up To Search▲   

 
Price & Availability of CG-BGA-4021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X