Part Number Hot Search : 
OPL7320 LD5000 PNZ150L AMP1009 NJM2123 78052 NJU7054D LA7668
Product Description
Full Text Search
 

To Download C4GADUC4500AA0K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 1 benefts ? self-healing ? l ow losses ? h igh ripple current ? h igh contact reliability ? su itable for high frequency applications ? p p metallized overview the c4g series is a polypropylene metallized flm with polyester tape wrapping flled with resin and tinned copper wires. applications typical applications include clamping, blocking, coupling/ decoupling, ac harmonic fltering and low power. printed circuit board mount power film capacitors c4g series, axial round, 250 C 850 vdc/160 C 450 vac part number system c4 g a d u b 4100 aa 4 j series type fire protection rated voltage (vdc) insulation lead diameter (mm) capacitance code (pf) packaging capacitor length (mm) tolerance c4 = mkp capacitors g = round body, switching application a = no fre retardant s = fire retardant (on request) d = 250 f = 400 h = 600 j = 700 m = 850 u = polyester tape & resin protection 0 = uninsulated (on request) b = 0.8 c = 1.0 d = 1.2 digits 2-4 indicate the frst three digits of the capacitance value. first digit indicates the number of zeros to be added. aa = bulk (bag) C straight leads see "dimensions table" 4 = 20.5 5 = 28 0 = 33 1 = 44 3 = 58 j = 5% k = 10% one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 2 dimensions C millimeters l d front view side view d ll ll d d maximum maximum nominal 5 11 20.5 0.8 40 9.5 28 0.8 40 10 C 13 33 0.8 40 13.5 C 20.5 33 1 40 18 C 22.5 44 1 40 23.5 C 33 44 1.2 40 28 C 35 58 1.2 40 qualifcation reference standards vde 0560, iec 61071, en 61071 application class (din 40040) gpe/ls vibration strength din 40040, table 6, class v power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 3 performance characteristics temperature range -40c to +85c maximum permissible ambient temperature +70c iec climatic category 40/85/56 according to iec 68C1 peak non-repetitive maximum current i pkr x 1.5 test voltage terminal to terminal (vtt) 2 v n for 10 seconds test voltage terminal to case (vtc) 3 k vdc 50 hz for 60 seconds insulation resistance test conditions temperature: +25c 5% voltage charge time: 1 minute test voltage: 100 vdc typical value (ris x c): 3,000 seconds dissipation factor (df) 5 x 10 -4 at 1 khz and 20c capacitance deviation in operating temperature range of -40c to +85c 1.5% maximum on capacitance value measured at +20c life expectancy 30,000 hours at v , 100,000 hours at v n failure quota 300/10 9 components per hour change of capacitance vs. operating time -3% after 30,000 hours at v rms or after 100,000 hours at v n protection polyester wrapping with epoxy resin fll standard execution: non-fame on request: fame retardant execution category c leads tinned copper (lead content = 5%) installation any position damp heat test test conditions relative humidity: 93% 2% temperature: +40c test duration: 56 days capacitance change: 5% df change: 50% of nominal value at 1 khz insulation resistance: 50% of limit value power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 4 table 1 C ratings & part number reference (1) a = no fre retardant; s = fre retardant (on request) (2) u = tape and resin protection; 0 = unprotected (on request) (3) k = 10%, j = 5% cap value (f) vdc vac peak vdc maximum dimensions (mm) ripple current peak current esr (maximum) dv/dt (v/ s) packaging quantity part number d l 100 khz 70c (a) (a) 100 khz (m) 1 250 160 400 11 20.5 6 60 6.7 60 500 c4g(1)d(2)b4100aa4(3) 2.2 250 160 400 11.5 33 6 66 10.9 30 300 c4g(1)d(2)b4220aa0(3) 2.5 250 160 400 12 33 7 75 9.8 30 300 c4g(1)d(2)b4250aa0(3) 3 250 160 400 13.5 33 8 90 8.2 30 250 c4g(1)d(2)c4300aa0(3) 3.3 250 160 400 14 33 9 99 7.5 30 250 c4g(1)d(2)c4330aa0(3) 4 250 160 400 15.5 33 9 120 6.4 30 200 c4g(1)d(2)c4400aa0(3) 5 250 160 400 17 33 9 150 5.4 30 150 c4g(1)d(2)c4500aa0(3) 6.8 250 160 400 19.5 33 9 204 4.4 30 100 c4g(1)d(2)c4680aa0(3) 10 250 160 400 20 44 9 200 5.3 20 100 c4g(1)d(2)c5100aa1(3) 15 250 160 400 24.5 44 12 300 3.9 20 50 c4g(1)d(2)d5150aa1(3) 20 250 160 400 28 44 12 400 3.4 20 50 c4g(1)d(2)d5200aa1(3) 25 250 160 400 31 44 12 500 3.1 20 50 c4g(1)d(2)d5250aa1(3) 30 250 160 400 29 58 12 450 4 15 30 c4g(1)d(2)d5300aa3(3) 40 250 160 400 33.5 58 12 600 3.5 15 30 c4g(1)d(2)d5400aa3(3) 0.47 400 250 600 9.5 28 6 28 11.1 60 600 c4g(1)f(2)b3470aa5(3) 0.68 400 250 600 10 33 6 31 11.7 45 400 c4g(1)f(2)b3680aa0(3) 1 400 250 600 12 33 7 45 8.3 45 300 c4g(1)f(2)b4100aa0(3) 1.5 400 250 600 14.5 33 9 68 5.8 45 200 c4g(1)f(2)c4150aa0(3) 2 400 250 600 16.5 33 9 90 4.7 45 200 c4g(1)f(2)c4200aa0(3) 2.2 400 250 600 17.5 33 9 99 4.4 45 150 c4g(1)f(2)c4220aa0(3) 2.5 400 250 600 18.5 33 9 113 4 45 150 c4g(1)f(2)c4250aa0(3) 3 400 250 600 20 33 9 135 3.6 45 100 c4g(1)f(2)c4300aa0(3) 3.3 400 250 600 18 44 9 99 5.2 30 100 c4g(1)f(2)c4330aa1(3) 4 400 250 600 19.5 44 9 120 4.6 30 100 c4g(1)f(2)c4400aa1(3) 4.7 400 250 600 21 44 9 141 4.1 30 100 c4g(1)f(2)c4470aa1(3) 5 400 250 600 21.5 44 9 150 4 30 100 c4g(1)f(2)c4500aa1(3) 6.8 400 250 600 25 44 12 204 3.2 30 50 c4g(1)f(2)d4680aa1(3) 10 400 250 600 30 44 12 300 2.7 30 50 c4g(1)f(2)d5100aa1(3) 15 400 250 600 31.5 58 12 300 4.8 20 30 c4g(1)f(2)d5150aa3(3) 20 400 250 600 35 58 12 400 4 20 30 c4g(1)f(2)d5200aa3(3) 0.47 600 330 800 11 33 6 28 13.1 60 300 c4g(1)h(2)b3470aa0(3) 0. 68 600 330 800 13 33 7 41 9.4 60 300 c4g(1)h(2)b3680aa0(3) 1 600 330 800 15.5 33 9 60 6.6 60 200 c4g(1)h(2)c4100aa0(3) 2 600 330 800 18.5 44 9 80 6.3 40 100 c4g(1)h(2)c4200aa1(3) 2.2 600 330 800 19.5 44 9 88 5.2 40 100 c4g(1)h(2)c4220aa1(3) 3 600 330 800 22.5 44 9 120 4.8 40 70 c4g(1)h(2)c4300aa1(3) 3.3 600 330 800 23.5 44 12 132 4.3 40 70 c4g(1)h(2)d4330aa1(3) 4 600 330 800 25.5 44 12 160 3.8 40 50 c4g(1)h(2)d4400aa1(3) 4.7 600 330 800 27.5 44 12 188 3.5 40 50 c4g(1)h(2)d4470aa1(3) 5 600 330 800 28.5 44 12 200 3.4 40 50 c4g(1)h(2)d4500aa1(3) 6.8 600 330 800 28.5 58 12 204 6.8 30 30 c4g(1)h(2)d4680aa3(3) 10 600 330 800 34.5 58 12 300 5.3 30 30 c4g(1)h(2)d5100aa3(3) 0.47 700 400 1000 14.5 33 8 38 9.5 80 200 c4g(1)j(2)c3470aa0(3) 0.68 700 400 1000 17 33 9 55 7 80 150 c4g(1)j(2)c3680aa0(3) 1 700 400 1000 20.5 33 9 80 5.2 80 100 c4g(1)j(2)c4100aa0(3) 1.5 700 400 1000 20.5 44 9 90 6.4 60 100 c4g(1)j(2)c4150aa1(3) 2 700 400 1000 23.5 44 12 120 5 60 70 c4g(1)j(2)d4200aa1(3) 2.2 700 400 1000 24.5 44 12 132 4.7 60 50 c4g(1)j(2)d4220aa1(3) 3 700 400 1000 28.5 44 12 180 3.9 60 50 c4g(1)j(2)d4300aa1(3) 3.3 700 400 1000 30 44 12 198 3.7 60 50 c4g(1)j(2)d4330aa1(3) 4 700 400 1000 33 44 12 240 3.5 60 50 c4g(1)j(2)d4400aa1(3) 4.7 700 400 1000 29.5 58 12 188 7.9 40 30 c4g(1)j(2)d4470aa3(3) 5 700 400 1000 30.5 58 12 200 7.5 40 30 c4g(1)j(2)d4500aa3(3) 6.8 700 400 1000 35 58 12 272 6.1 40 30 c4g(1)j(2)d4680aa3(3) capacitance value ( f) vdc vac d (mm) d (mm) l (mm) ripple current peak uu ( gg fjlj 4l upu power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 5 table 1 C ratings & part number reference cont'd (1) a = no fre retardant; s = fre retardant (on request) (2) u = tape and resin protection; 0 = unprotected (on request) (3) k = 10%, j = 5% environmental compliance as an environmentally conscious company, kemet is working continuously with improvements concerning the environmental effects of both our capacitors and the production of them. in europe (rohs directive) and in some other geographical areas like china, legislation has been put in place to prevent the use of some hazardous materials, like lead (pb), in electronic equipment. all products in this catalog are produced to help our customers' reoljdwlrqvwrjxdudqwhhwkhlusurgxfwvwrixooowkhvhohjlvodwlyhuhtxluhphqwv 7khrqopdwhuldorifrqfhuqlqrxusurgxfwvkdv ehhq/hdg3eklfkkdvehhquhpryhgiurpdooghvljqvwrixooowkhuhtxluhphqwrifrqwdlqlqjohvvwkdqri/hdglqdq homogeneous material. kemet will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed. some customer segments like medical, military and automotive electronics may still require the use of lead in electrode coatings. to clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for rohs compatible capacitors. because of customer requirements there may appear additional markings like lf = lead free or lfw = lead free wires on the label. cap value (f) vdc vac peak vdc maximum dimensions (mm) ripple current peak current esr (maximum) dv/dt (v/ s) packaging quantity part number d l 100 khz 70c (a) (a) 100 khz (m) 0.15 850 450 1200 10 33 5 32 14.5 210 400 c4g(1)m(2)b3150aa0(3) 0.22 850 450 1200 12 33 7 46 10.3 210 300 c4g(1)m(2)b3220aa0(3) 0.33 850 450 1200 14.5 33 9 69 7.1 210 200 c4g(1)m(2)c3330aa0(3) 0.47 850 450 1200 17 33 9 99 5.4 210 150 c4g(1)m(2)c3470aa0(3) 0.68 850 450 1200 20.5 33 9 143 4.2 210 100 c4g(1)m(2)c3680aa0(3) 1 850 450 1200 20.5 44 9 140 4.7 140 100 c4g(1)m(2)c4100aa1(3) 1.5 850 450 1200 24.5 44 12 210 3.5 140 70 c4g(1)m(2)d4150aa1(3) 2 850 450 1200 28.5 44 12 280 3.1 140 50 c4g(1)m(2)d4200aa1(3) 2.2 850 450 1200 29.5 44 12 308 3 140 50 c4g(1)m(2)d4220aa1(3) 2.5 850 450 1200 31.5 44 12 350 2.9 140 50 c4g(1)m(2)d4250aa1(3) 3 850 450 1200 28 58 12 270 3.6 90 30 c4g(1)m(2)d4300aa3(3) 3.3 850 450 1200 29.5 58 12 297 3.5 90 30 c4g(1)m(2)d4330aa3(3) 4 850 450 1200 32.5 58 12 360 3.2 90 30 c4g(1)m(2)d4400aa3(3) capacitance value ( f) vdc vac d (mm) d (mm) l (mm) ripple current peak uu ( gg fjlj 4l upu power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 6 materials & environment the selection of materials used by kemet for the production of capacitors is the result of extensive experience and constant attention to environmental protection. kemet selects its suppliers according to iso 9001 standards and carries out statistical analysis on the materials purchased before acceptance. all materials are, to the company's present knowledge, non-toxic and free from cadmium, mercury, chrome and compounds, pcb (polychlorine triphenyl), bromide and chlorine dioxins bromurate clorurate, cfc and hcfc and asbestos. green products all kemet power flm products are rohs compliant. insulation resistance when the capacitor temperature increases, the insulation resistance decreases. this is due to increased electron activity. low insulation resistance can also be the result of moisture trapped in the windings, caused by a prolonged exposure to excessive humidity. dissipation factor dissipation factor is a complex function involved with the ineffciency of the capacitor . the tg may change up and down with increased temperature. for more information, please refer to performance characteristics. sealing hermetically sealed capacitors when the temperature increases, the pressure inside the capacitor increases. if the internal pressure is high enough, it can cause a breach in the capacitor which can result in leakage, impregnation, flling fuid or moisture susceptibility . resin encased/wrap & fill capacitors the resin seals on resin encased and wrap and fll capacitors will withstand short-term exposure to high humidity environments without degradation. resins and plastic tapes will form a pseudo-impervious barrier to humidity and chemicals. these case materials are somewhat porous and through osmosis can cause contaminants to enter the capacitor. the second area of contaminated absorption is the lead-wire/resin interface. since resins cannot bond 100% to tinned wires, there can be a path formed up to the lead wire into the capacitor section. aqueous cleaning of circuit boards can aggravate this condition. barometric pressure the altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. as the barometric pressure decreases, the susceptibility to terminal arc-over increases. non-hermetic capacitors can be affected by internal stresses due to pressure changes. this can be in the form of capacitance changes or dielectric arc-over as well as low insulation resistance. heat transfer can also be affected by altitude operation. heat generated in operation cannot be dissipated properly and can result in high ri2 losses and eventual failure. radiation radiation capabilities of capacitors must be taken into consideration. electrical degradation in the form of dielectric embitterment can take place causing shorts or opens. power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 7 soldering process the implementation of the rohs directive has required the selection snagcu (sac) alloys or sncu alloys as primary solder. this has increased the liquidus temperature from that of 183oc for snpb eutectic alloy to 217oc C 221oc for the new alloys. as a result, the heat stress to components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. polypropylene capacitors are especially sensitive to heat (melting point of polypropylene is 160oc C 170oc). wave soldering can be destructive especially for mechanically small polypropylene capacitors (lead spacings 5 C 10 mm) and great care must be taken during soldering. the solder profles from kemet are highly recommended. you may also refer to the wave soldering curve from iec publication 61760 C 1 edition 2. please consult kemet with any questions. construction margin margin detailed cross section polyester tape wrapping single-sided metallized polypropylene film (first layer) single-sided metallized polypropylene film (second layer) thermosetting resin end-fill lead metal contact layer lead margin polyester tape wrapping thermosetting resin end-fill metal contact layer single-sided metallized polypropylene film film winding scheme options 1 section single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film 2 sections 3 sections 4 sections single-sided metallized polypropylene film polypropylene film dielectric 1 section double-sided metallized polyester film 3 sections double-sided metallized polyester carrier film polypropylene film dielectric double-sided metallized polyester carrier film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 4 sections polypropylene film dielectric double-sided metallized polyester carrier film polypropylene film dielectric 1 section polypropylene film/foil 2 sections metal foil metal foil single-sided metallized polypropylene film polypropylene film dielectric metallized polyphenylene sulfide film with vacuum-evaporated aluminum electrodes 1 section metallized polyphenylene sulfide film (smr) metallized impregnated paper 1 section metallized impregnated paper single-sided metallized polyester film 1 section single-sided metallized polyester film polypropylene film dielectric 1 section axial - polypropylene film/foil 2 sections metal foil single-sided metallized polypropylene film polypropylene film dielectric metal foil single-sided metallized polypropylene film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 1 section axial - single-sided metallized polypropylene film single-sided metallized polyester film 1 section axial - single-sided metallized polyester film axial - double-sided metallized polyester film winding scheme power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 8 marking capacitance voltage (vdc) approval mark self healing capacitance tolerance application class series dielectric code voltage (vac) operating temperature range power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 9 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 040_c4g_axial ? 4/20/2016 10 prototype sample disclaimer the customer acknowledges the following limitations of the prototype samples: (1) prototype samples are manufactured from preliminary designs and manufacturing processes; may not represent f nal designs; have not been released for commercial use and are not subject to the same quality control procedures applicable to released products. (2) prototype samples are not qualif ed parts and are provided as-is by kemet electronics corporation, which specif cally disclaims any and all warranties and guarantees, explicit or implied, including, without limitation, the warranties of merchantability and f tness for a particular purpose or use. (3) prototype samples are not intended for commercial use; are provided for engineering evaluation only and are not recommended for use in the customers production line. (4) the customer assumes the risk ofany and alluses that the customer makes of the prototype samples. general disclaimer all product specif cations, statements, information and data given herein are believed to be accurate and reliable, but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute C and we specif cally disclaim C any warranty concerning suitability for a specif c customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. kemets product warranty is set forth at www.kemet.com under terms and conditions of sale. power and ac film capacitors printed circuit board mount power film capacitors C c4g series, axial round, 250 C 850 vdc/160 C 450 vac


▲Up To Search▲   

 
Price & Availability of C4GADUC4500AA0K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X