Part Number Hot Search : 
AF82801 TMP88 D0Z14GN P50NE 2SA115 B12V114B GS1JE PE9104
Product Description
Full Text Search
 

To Download C-T2010033201000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/13) restricted to this drawing is a controlled document. te connectivity customer drawing t2010033201000 david wang 17mar2015 chris wang 17mar2015 xu xiang 17mar2015 2:1 1 1 b1 108-137045 114-137045 - - - mm - - - - - - ha-003-fs - 20 20 00779 by - - - a initial 17mar2015 dw cw b ecr-15-013750 19sep2015 dw cw b1 ecr-15-016224 05nov2015 dw cw 31.6 21 21 notes: 1. technical characteristics: insulation material: pc rated voltage: 400 v rated current: 10 a insulation resistance: >=400m^ rated impulse voltage: 6 kv pollution degree: 3 flammability: ul94v-0 mating cycles: 500 cycles operation temperature: -40-+125$c wire range: 0.5-2.5 mm2 (20-14 awg) contact finish: silver plated contact type: spring contact : 1. : : pc : 400v : 10a : >=400m^ : 6 kv : 3 : ul94v-0 : 500 : -40-+125$c : 0.5-2.5 mm2 (20-14 awg) : : m3 screw, recommended tightening torque 0.5nm


▲Up To Search▲   

 
Price & Availability of C-T2010033201000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X