bas16vv document number: ds35791 rev. 3 - 2 1 of 4 www.diodes.com june 2012 ? diodes incorporated bas16v v surface mount switching diode array features ? fast switching speed ? low forward voltage: maximum of 0.715v at 1ma ? fast reverse recovery: maximum of 4ns ? low capacitance: maximum of 1.5pf ? low leakage current ? ultra-small surface mount package ? thermally efficient copper alloy leadframe for high power dissipation ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) mechanical data ? case: sot563 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin fini sh annealed over copper alloy leadframe (lead free plating). solderable per mil-std-202, method 208 ? weight: 0.003 grams (approximate) ordering information (note 4) part number case packaging bas16v v - 7 sot563 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2012 2013 2014 2015 2016 2017 2018 code z a b c d e f month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view sot563 top view bottom view kjp = product type marking code ym = date code marking y = year (ex: z = 2012) m = month (ex: 9 = september) kjp ym
bas16vv document number: ds35791 rev. 3 - 2 2 of 4 www.diodes.com june 2012 ? diodes incorporated bas16v v maximum ratings (@t a = 25c unless otherwise specified.) characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v rms reverse voltage v r ( rms ) 71 v forward continuous current (note 5) i fm 200 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0ms @ t = 1.0s i fsm 4.0 1.0 0.5 a thermal characteristics characteristic symbol value unit power dissipation (note 5) p d 350 mw thermal resistance junction to ambient air (note 5) r ja 357 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics (@t a = 25c unless otherwise specified.) characteristic symbol min max unit test condition reverse breakdown voltage (note 6) v ( br ) r 100 ? v i r = 100 a forward voltage v f ? 0.715 v i f = 1.0ma ? 0.855 i f = 10ma ? 1.0 i f = 50ma ? 1.25 i f = 150ma leakage current (note 6) i r ? 0.5 a v r = 80v ? 50 a v r = 80v, t j = 150 c ? 30 a v r = 25v, t j = 150 c ? 30 na v r = 25v total capacitance c t ? 1.5 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 5. device mounted on fr-4 pcb, on minimum recommended, 2oz copper pad layout. 6. short duration pulse test used to minimize self-heating effect. 0 50 100 150 200 250 25 0 50 75 100 125 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature ( c) a fig. 1 power derating curve, total package 300 350 note 5 r = 357c/w ja 0 0.4 0.8 1.2 1.6 v , instantaneous forward voltage (v) fig. 2 typical forward characteristics, per element f 0.1 1 0.01 0.001 i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (a) f
bas16vv document number: ds35791 rev. 3 - 2 3 of 4 www.diodes.com june 2012 ? diodes incorporated bas16v v 0.1 1 10 100 1,000 10,000 i , ins t an t ane o u s r eve r se c u r r en t (na) r 100,000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) fig. 3 typical reverse characteristics, per element r 0 0.2 0.4 0.6 0.8 1.0 11 01 0 0 v , dc reverse voltage (v) fig. 4 total capacitance vs. reverse voltage, per element r c , t o t al c a p a c i t an c e (pf) t package outline dimensions suggested pad layout sot563 dim min max typ a 0.15 0.30 0.20 b 1.10 1.25 1.20 c 1.55 1.70 1.60 d - - 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 k 0.55 0.60 0.60 l 0.10 0.30 0.20 m 0.10 0.18 0.11 all dimensions in mm dimensions value (in mm) z 2.2 g 1.2 x 0.375 y 0.5 c1 1.7 c2 0.5 a m l b c h k g d x z y c1 c2 c2 g
bas16vv document number: ds35791 rev. 3 - 2 4 of 4 www.diodes.com june 2012 ? diodes incorporated bas16v v important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com
|