Part Number Hot Search : 
BC32716 1640CT SLLS690C NJU6343 UF4006G CHM1291 SLLS690C EDI8M
Product Description
Full Text Search
 

To Download B41858C7108M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors single-ended capacitors series/type: b41858 date: october 2015 ? epcos ag 2015. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
long-life grade capacitors applications automotive electronics for use in output circuits of switch-mode power supplies of compact design for professional industrial electronics, telecommunications and data processing equipment features low impedance at high frequency high reliability low esr high ripple current capability rohs-compatible construction radial leads charge-discharge proof, polar aluminum case with insulating sleeve minus pole marking on the insulating sleeve case with safety vent delivery mode terminal configurations and packing: bulk taped, ammo pack cut kinked papr (protection against polarity reversal): crimped leads, j leads, bent leads refer to chapter "single-ended capacitors  taping, packing and lead configurations" for further details. single-ended capacitors b41858 low impedance  105 c page 2 of 33 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. specifications and characteristics in brief rated voltage v r surge voltage v s 10 ... 100 v dc 1.15  v r rated capacitance c r capacitance tolerance 22 ... 10000 f 20%  m dissipation factor tan d (20 c, 120 hz) for capacitance higher than 1000 f add 0.02 for every increase of 1000 f. v r (v dc) 10 16 25 35 50 63 100 tan d (max.) 0.19 0.16 0.14 0.12 0.10 0.10 0.08 leakage current i leak (20 c, 5 min) self-inductance esl diameter (mm) 8 ... 12.5 16 18 esl (nh) 20 26 34 useful life 1) 105 c; v r ; i ac,r > 3000 h for d = 8 mm > 5000 h for d 3 10 mm requirements  d c/c  40% of initial value tan d 3 times initial specified limit i leak initial specified limit voltage endurance test 105 c; v r 3000 h for d = 8 mm 5000 h for d 3 10 mm post test requirements  d c/c  30% of initial value tan d 2 times initial specified limit i leak initial specified limit vibration resistance test to iec 60068-2-6, test fc: frequency range 10 hz ... 2 khz, displacement amplitude max. 1.5 mm, acceleration max. 20 g, duration 3 2 h. capacitor rigidly clamped by the aluminum case. iec climatic category to iec 60068-1: 55/105/56 (  55 c/+105 c/56 days damp heat test) sectional specification iec 60384-4, aec q200 b41858 low impedance  105 c page 3 of 33 please read cautions and warnings and important notes at the end of this document.
dimensional drawings with stand-off rubber seal diameters (mm): 10, 12.5, 16, 18 with flat rubber seal diameter (mm): 8 dimensions and weights dimensions (mm) approx. weight d +0.5 l a 0.5 b g 8 11.5 +1.5 3.5 0.60 0.05 1.0 10 12.5 +1.0 5.0 0.60 0.05 1.6 10 16 +1.0 5.0 0.60 0.05 1.9 10 20 +2.0 5.0 0.60 0.05 2.6 12.5 20 +2.0 5.0 0.60 0.05 3.6 12.5 25 +2.0 5.0 0.60 0.05 4.5 12.5 30 +2.0 5.0 0.80 0.05 5.3 12.5 40 +2.0 5.0 0.80 0.05 7.4 16 20 +2.0 7.5 0.80 0.05 5.5 16 25 +2.0 7.5 0.80 0.05 7.5 16 31.5 +2.0 7.5 0.80 0.05 7.8 16 35.5 +2.0 7.5 0.80 0.05 9.2 18 20 +2.0 7.5 0.80 0.1 8.0 18 25 +2.0 7.5 0.80 0.1 9.0 18 31.5 +2.0 7.5 0.80 0.1 11.0 18 35 +2.0 7.5 0.80 0.1 13.0 18 40 +2.0 7.5 0.80 0.1 16.0 b41858 low impedance  105 c page 4 of 33 please read cautions and warnings and important notes at the end of this document.
overview of available types v r (v dc) 10 16 25 35 case dimensions d l (mm) c r ( m f) 100 8 11.5 120 8 11.5 150 8 11.5 180 8 11.5 10 12.5 220 8 11.5 10 12.5 270 8 11.5 10 12.5 330 8 11.5 8 11.5 10 12.5 10 16 390 8 11.5 470 8 11.5 10 12.5 10 16 10 20 560 10 12.5 10 16 10 16 10 20 680 10 12.5 10 16 10 20 12.5 20 820 10 16 10 20 10 20 1000 10 16 10 20 12.5 20 12.5 25 16 20 1200 10 16 10 20 16 20 1500 10 20 12.5 20 12.5 25 12.5 40 16 25 1800 10 20 12.5 25 16 20 16 25 18 20 2200 12.5 20 12.5 25 12.5 40 16 25 18 20 18 25 2700 12.5 25 16 20 16 31.5 18 20 18 31.5 3300 12.5 25 16 20 12.5 40 16 25 18 25 16 35.5 18 31.5 3900 12.5 40 16 20 16 31.5 18 20 16 35.5 18 31.5 18 35 4700 18 20 18 25 18 31.5 18 40 5600 12.5 40 18 35 6800 16 31.5 18 31.5 18 40 8200 18 31.5 18 35 10000 18 35 18 40 b41858 low impedance  105 c page 5 of 33 please read cautions and warnings and important notes at the end of this document.
v r (v dc) 50 63 100 case dimensions d l (mm) c r ( m f) 22 8 11.5 33 10 16 47 10 20 68 8 11.5 100 8 11.5 10 12.5 12.5 20 120 10 12.5 10 16 12.5 25 150 10 12.5 10 16 180 10 16 10 20 12.5 30 16 20 220 10 16 10 20 16 25 270 12.5 20 12.5 40 18 20 330 10 20 12.5 20 16 31.5 18 25 390 12.5 25 18 31.5 470 12.5 20 12.5 25 16 20 18 35 560 12.5 25 18 35 680 12.5 30 12.5 40 16 25 18 20 18 40 820 12.5 40 16 20 16 31.5 18 25 1000 16 31.5 18 20 16 31.5 1200 18 20 18 31.5 1500 18 25 18 35 1800 16 35.5 18 31.5 18 40 2200 18 35 2700 18 40 other voltage and capacitance ratings are available upon request. b41858 low impedance  105 c page 6 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 10 v dc 330 8 11.5 2.195 0.274 0.246 436 b41858c3337m*** 390 8 11.5 2.195 0.274 0.246 436 b41858c3397m*** 470 8 11.5 2.195 0.274 0.246 436 b41858c3477m*** 560 10 12.5 1.035 0.129 0.113 746 b41858c3567m*** 680 10 12.5 1.035 0.129 0.113 746 b41858c3687m*** 820 10 16 0.946 0.118 0.105 846 b41858c3827m*** 1000 10 16 0.946 0.118 0.105 846 b41858c3108m*** 1200 10 16 0.944 0.118 0.105 846 b41858c3128m*** 1500 10 20 0.584 0.073 0.062 1202 b41858c3158m*** 1800 10 20 0.584 0.073 0.062 1202 b41858c3188m*** 2200 12.5 20 0.496 0.062 0.060 1396 b41858c3228m*** 2700 12.5 25 0.327 0.041 0.034 2028 b41858c3278m*** 3300 12.5 25 0.327 0.041 0.034 2028 b41858c3338m*** 3300 16 20 0.307 0.038 0.033 2146 b41858d3338m*** 3900 12.5 40 0.240 0.030 0.025 2858 b41858c3398m*** 3900 16 20 0.307 0.038 0.033 2146 b41858d3398m*** 4700 18 20 0.271 0.034 0.031 2381 b41858c3478m*** 5600 12.5 40 0.243 0.030 0.025 2858 b41858c3568m*** 6800 16 31.5 0.192 0.024 0.022 3122 b41858c3688m*** 8200 18 31.5 0.165 0.021 0.020 3539 b41858c3828m*** 10000 18 35 0.160 0.020 0.018 3864 b41858c3109m*** b41858 low impedance  105 c page 7 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 16 v dc 270 8 11.5 2.192 0.274 0.246 436 b41858d4277m*** 330 8 11.5 2.192 0.274 0.246 436 b41858d4337m*** 470 10 12.5 1.035 0.129 0.113 746 b41858c4477m*** 560 10 16 0.944 0.118 0.105 846 b41858c4567m*** 680 10 16 0.946 0.118 0.105 846 b41858c4687m*** 820 10 20 0.584 0.073 0.062 1202 b41858c4827m*** 1000 10 20 0.584 0.073 0.062 1202 b41858c4108m*** 1200 10 20 0.584 0.073 0.062 1202 b41858c4128m*** 1500 12.5 20 0.496 0.062 0.060 1396 b41858c4158m*** 1800 12.5 25 0.327 0.041 0.034 2028 b41858c4188m*** 2200 12.5 25 0.327 0.041 0.034 2028 b41858c4228m*** 2700 16 20 0.307 0.038 0.033 2146 b41858c4278m*** 3300 12.5 40 0.243 0.030 0.025 2858 b41858d4338m*** 3300 16 25 0.251 0.031 0.029 2483 b41858c4338m*** 3900 16 31.5 0.192 0.024 0.022 3122 b41858d4398m*** 3900 18 20 0.271 0.034 0.031 2381 b41858c4398m*** 4700 18 25 0.217 0.027 0.024 2941 b41858c4478m*** 6800 18 31.5 0.165 0.021 0.020 3539 b41858c4688m*** 8200 18 35 0.160 0.020 0.018 3864 b41858c4828m*** 10000 18 40 0.125 0.016 0.015 4467 b41858c4109m*** b41858 low impedance  105 c page 8 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 25 v dc 180 8 11.5 2.192 0.274 0.246 436 b41858d5187m*** 220 8 11.5 2.192 0.274 0.246 436 b41858d5227m*** 270 10 12.5 1.032 0.129 0.113 746 b41858c5277m*** 330 10 12.5 1.035 0.129 0.113 746 b41858c5337m*** 470 10 16 0.946 0.118 0.105 846 b41858c5477m*** 560 10 16 0.944 0.118 0.105 846 b41858c5567m*** 680 10 20 0.584 0.073 0.062 1202 b41858c5687m*** 820 10 20 0.584 0.073 0.062 1202 b41858c5827m*** 1000 12.5 20 0.496 0.062 0.060 1396 b41858c5108m*** 1500 12.5 25 0.327 0.041 0.034 2028 b41858c5158m*** 1800 16 20 0.307 0.038 0.033 2146 b41858c5188m*** 2200 12.5 40 0.243 0.030 0.025 2858 b41858d5228m*** 2200 16 25 0.251 0.031 0.029 2483 b41858c5228m*** 2200 18 20 0.248 0.031 0.031 2381 b41858e5228m*** 2700 16 31.5 0.192 0.024 0.022 3122 b41858d5278m*** 2700 18 20 0.271 0.034 0.031 2381 b41858c5278m*** 3300 18 25 0.217 0.027 0.024 2941 b41858c5338m*** 3900 16 35.5 0.168 0.021 0.019 3408 b41858d5398m*** 3900 18 31.5 0.165 0.021 0.020 3539 b41858c5398m*** 4700 18 31.5 0.165 0.021 0.020 3539 b41858d5478m*** 5600 18 35 0.160 0.020 0.018 3864 b41858d5568m*** 6800 18 40 0.128 0.016 0.015 4467 b41858c5688m*** b41858 low impedance  105 c page 9 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 35 v dc 100 8 11.5 2.192 0.274 0.246 436 b41858c7107m*** 120 8 11.5 2.192 0.274 0.246 436 b41858d7127m*** 150 8 11.5 2.192 0.274 0.246 436 b41858c7157m*** 180 10 12.5 1.035 0.129 0.113 746 b41858c7187m*** 220 10 12.5 1.035 0.129 0.113 746 b41858c7227m*** 330 10 16 0.946 0.118 0.105 846 b41858c7337m*** 470 10 20 0.584 0.073 0.062 1202 b41858c7477m*** 560 10 20 0.584 0.073 0.062 1202 b41858c7567m*** 680 12.5 20 0.496 0.062 0.060 1396 b41858c7687m*** 1000 12.5 25 0.327 0.041 0.034 2028 B41858C7108M*** 1000 16 20 0.304 0.038 0.033 2146 b41858d7108m*** 1200 16 20 0.307 0.038 0.033 2146 b41858c7128m*** 1500 12.5 40 0.243 0.030 0.025 2858 b41858d7158m*** 1500 16 25 0.251 0.031 0.029 2483 b41858c7158m*** 1800 16 25 0.248 0.031 0.029 2483 b41858e7188m*** 1800 18 20 0.271 0.034 0.031 2381 b41858c7188m*** 2200 18 25 0.217 0.027 0.024 2941 b41858c7228m*** 2700 18 31.5 0.165 0.021 0.020 3539 b41858c7278m*** 3300 16 35.5 0.168 0.021 0.019 3408 b41858e7338m*** 3300 18 31.5 0.165 0.021 0.020 3539 b41858d7338m*** 3900 18 35 0.160 0.020 0.018 3864 b41858c7398m*** 4700 18 40 0.125 0.016 0.015 4467 b41858c7478m*** b41858 low impedance  105 c page 10 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 50 v dc 100 8 11.5 5.168 0.646 0.573 340 b41858c6107m*** 120 10 12.5 2.984 0.373 0.336 555 b41858c6127m*** 150 10 12.5 2.984 0.373 0.336 555 b41858c6157m*** 180 10 16 1.400 0.175 0.160 778 b41858c6187m*** 220 10 16 1.400 0.175 0.160 778 b41858c6227m*** 330 10 20 1.000 0.125 0.118 1030 b41858c6337m*** 470 12.5 20 0.880 0.110 0.104 1300 b41858c6477m*** 560 12.5 25 0.712 0.089 0.082 1490 b41858c6567m*** 680 12.5 30 0.360 0.045 0.043 2140 b41858c6687m*** 820 12.5 40 0.269 0.034 0.032 2799 b41858c6827m*** 820 16 20 0.401 0.050 0.046 1820 b41858d6827m*** 1000 16 31.5 0.260 0.032 0.030 2653 b41858c6108m*** 1000 18 20 0.477 0.048 0.044 1997 b41858d6108m*** 1200 18 20 0.384 0.048 0.044 1997 b41858c6128m*** 1500 18 25 0.382 0.038 0.036 2417 b41858c6158m*** 1800 16 35.5 0.232 0.029 0.026 2896 b41858d6188m*** 1800 18 31.5 0.300 0.030 0.028 2989 b41858c6188m*** 2200 18 35 0.268 0.027 0.024 3320 b41858c6228m*** 2700 18 40 0.210 0.021 0.020 3871 b41858c6278m*** b41858 low impedance  105 c page 11 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 63 v dc 68 8 11.5 4.328 0.541 0.488 310 b41858c8686m*** 100 10 12.5 4.616 0.577 0.500 354 b41858c8107m*** 120 10 16 3.075 0.308 0.279 519 b41858c8127m*** 150 10 16 2.464 0.308 0.279 519 b41858c8157m*** 180 10 20 1.986 0.199 0.180 705 b41858c8187m*** 220 10 20 1.592 0.199 0.180 705 b41858c8227m*** 270 12.5 20 1.688 0.169 0.153 876 b41858c8277m*** 330 12.5 20 1.688 0.169 0.153 876 b41858c8337m*** 390 12.5 25 1.236 0.124 0.112 1118 b41858c8397m*** 470 12.5 25 0.992 0.124 0.112 1118 b41858e8477m*** 470 16 20 1.037 0.104 0.094 1272 b41858c8477m*** 680 12.5 40 0.717 0.072 0.065 1785 b41858c8687m*** 680 16 25 0.772 0.077 0.070 1600 b41858d8687m*** 680 18 20 0.960 0.096 0.087 1427 b41858e8687m*** 820 16 31.5 0.541 0.054 0.049 2092 b41858c8827m*** 820 18 25 0.761 0.076 0.069 1735 b41858d8827m*** 1000 16 31.5 0.540 0.054 0.049 2092 b41858c8108m*** 1200 18 31.5 0.518 0.052 0.047 2294 b41858c8128m*** 1500 18 35 0.441 0.044 0.040 2592 b41858c8158m*** 1800 18 40 0.375 0.038 0.034 2967 b41858c8188m*** b41858 low impedance  105 c page 12 of 33 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 mm ... 18 40 mm, excluding 12.5 30/40 mm) 002 = for cut leads, bulk (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 8 11.5 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for d l = 16 20 ... 16 31.5 mm and 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 100 v dc 22 8 11.5 12.219 1.222 1.114 205 b41858c9226m*** 33 10 16 6.542 0.654 0.589 357 b41858c9336m*** 47 10 20 3.688 0.461 0.423 460 b41858c9476m*** 100 12.5 20 3.048 0.305 0.281 647 b41858c9107m*** 120 12.5 25 2.038 0.204 0.188 864 b41858c9127m*** 180 12.5 30 1.732 0.173 0.159 1009 b41858c9187m*** 180 16 20 1.313 0.131 0.122 1119 b41858d9187m*** 220 16 25 0.985 0.099 0.091 1402 b41858c9227m*** 270 12.5 40 1.314 0.131 0.121 1309 b41858c9277m*** 270 18 20 1.260 0.126 0.119 1220 b41858d9277m*** 330 16 31.5 0.973 0.097 0.090 1546 b41858c9337m*** 330 18 25 1.008 0.101 0.095 1477 b41858d9337m*** 390 18 31.5 0.720 0.072 0.068 1907 b41858c9397m*** 470 18 35 0.679 0.068 0.063 2061 b41858c9477m*** 560 18 35 0.679 0.068 0.063 2061 b41858c9567m*** 680 18 40 0.438 0.044 0.042 2683 b41858c9687m*** b41858 low impedance  105 c page 13 of 33 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. useful life 1) depending on ambient temperature t a under ripple current operating conditions d = 8 mm useful life 1) depending on ambient temperature t a under ripple current operating conditions d 3 10 mm b41858 low impedance  105 c page 14 of 33 please read cautions and warnings and important notes at the end of this document.
frequency factor of permissible ripple current i ac versus frequency f b41858 low impedance  105 c page 15 of 33 please read cautions and warnings and important notes at the end of this document.
taping, packing and lead configurations taping single-ended capacitors are available taped in ammo pack from diameter 8 to 18 mm as follows: lead spacing f = 3.5 mm ( ? d = 8 mm) lead spacing f = 5.0 mm ( ? d = 8 ? 12.5 mm) lead spacing f = 7.5 mm ( ? d = 16 ... 18 mm). the dimensions for f, p 1 and 1 max. are specified with reference to the center of the terminal wires. lead spacing 3.5 mm ( ? d = 8 mm) last 3 digits of ordering code: 006 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d h d 0 8 3.5 18.5 18.0 9.5 9.0 3.0 12.7 12.7 4.6 1.0 0.7 1.0 4.0 toler- ance +0.8  0.2 1.0 0.5 min. 0.5 max. 1.0 0.3 0.6 max. 0.2 max. 0.2 leads can also run straight through the taping area. b41858 low impedance  105 c page 16 of 33 please read cautions and warnings and important notes at the end of this document.
lead spacing 5.0 mm ( ? d = 8 mm) last 3 digits of ordering code: 008 lead spacing 5.0 mm ( ? d = 10 ... 12.5 mm) last 3 digits of ordering code: 008 dimensions in mm ? d f h w w 0 w 1 w 2 h 0 p p 0 p 1 i 1 t d h d 0 8 20.0 9.5 16.0 12.7 12.7 3.85 10 5.0 19.0 18.0 9.5 9.0 1.5  12.7 12.7 3.85 1.0 0.6 1.0 4.0 12.5 19.0 11.5  15.0 15.0 5.0 toler- ance +0.8  0.2 0.75 0.5 min. 0.5 max. 0.5 1.0 0.2 0.5 max. +0.3  0.2 max. 0.2 taping is available up to dimensions d l = 12.5 25 mm. b41858 low impedance  105 c page 17 of 33 please read cautions and warnings and important notes at the end of this document.
lead spacing 7.5 mm ( ? d = 16 ...18 mm) last 3 digits of ordering code: 009 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d p d h d 0 16 7.5 18.5 18.0 12.5 9.0 1.5 30.0 15.0 3.75 1.0 0.7 0 0 4.0 18 toler- ance 0.8  0.5 +0.75 0.5 min. 0.5 max. 1.0 0.2 0.5 max. 0.2 1.0 1.0 0.2 taping is available up to dimensions d l = 16 31.5 mm and 18 31.5 mm. b41858 low impedance  105 c page 18 of 33 please read cautions and warnings and important notes at the end of this document.
cut or kinked leads single-ended capacitors are available with cut or kinked leads. other lead configurations also available upon request. cut leads last 3 digits of ordering code: 002 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 12.5 5.0 10 16 5.0 10 20 5.0 12.5 20 5.0 12.5 25 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 16 35.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 with flat rubber seal b41858 low impedance  105 c page 19 of 33 please read cautions and warnings and important notes at the end of this document.
kinked leads last 3 digits of ordering code: 001 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 20 5.0 12.5 20 5.0 12.5 25 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 16 35.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 with flat rubber seal b41858 low impedance  105 c page 20 of 33 please read cautions and warnings and important notes at the end of this document.
papr leads (protection against polarity reversal) these lead configurations ensure correct placement of the capacitor on the pcb with regard to polarity. papr leads are available for diameters from 10 mm up to 18 mm (excluding d l = 12.5 30/35/40 mm). there are three configurations available: crimped leads, j leads, bent 90 leads. crimped leads last 3 digits of ordering code: 003 with stand-off rubber seal with flat rubber seal suggestion for pcb hole diameter case size dimensions (mm) d l (mm) b 0.2 c 0.5 d 0.1 e 0.1 a 0.5 ? b 16 20 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 25 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 35.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 18 20 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 25 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 35 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 40 1.5 3.0 1.3 0.3 7.5 0.8 0.1 b41858 low impedance  105 c page 21 of 33 please read cautions and warnings and important notes at the end of this document.
j leads last 3 digits of ordering code: 004 suggestion for pcb hole diameter case size dimensions (mm) d l (mm) c 0.5 e 0.5 j 0.2 a 0.5 ? b 10 12.5 3.2 0.7 1.2 5.0 0.6 0.05 10 16 3.2 0.7 1.2 5.0 0.6 0.05 10 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 25 3.2 0.7 1.2 5.0 0.6 0.05 16 20 3.5 0.7 1.6 7.5 0.8 0.05 16 25 3.5 0.7 1.6 7.5 0.8 0.05 16 31.5 3.5 0.7 1.6 7.5 0.8 0.05 16 35.5 3.5 0.7 1.6 7.5 0.8 0.05 18 20 3.5 0.7 1.6 7.5 0.8 0.1 18 25 3.5 0.7 1.6 7.5 0.8 0.1 18 31.5 3.5 0.7 1.6 7.5 0.8 0.1 18 35 3.5 0.7 1.6 7.5 0.8 0.1 b41858 low impedance  105 c page 22 of 33 please read cautions and warnings and important notes at the end of this document.
bent 90 leads for horizontal mounting pinning last 3 digits of ordering code: 012 case size dimensions (mm) d l (mm) c 0.5 e 0.5 f 0.5 a 0.5 ? b 16 20 4.0 4.0 12.0 7.5 0.8 0.05 16 25 4.0 4.0 12.0 7.5 0.8 0.05 16 31.5 4.0 4.0 12.0 7.5 0.8 0.05 16 35.5 4.0 4.0 12.0 7.5 0.8 0.05 18 20 4.0 4.0 13.0 7.5 0.8 0.1 18 25 4.0 4.0 13.0 7.5 0.8 0.1 18 31.5 4.0 4.0 13.0 7.5 0.8 0.1 18 35 4.0 4.0 13.0 7.5 0.8 0.1 18 40 4.0 4.0 13.0 7.5 0.8 0.1 bent leads for diameter 12.5 mm available upon request. b41858 low impedance  105 c page 23 of 33 please read cautions and warnings and important notes at the end of this document.
packing units and box dimensions ammo pack case size d l dimensions (mm) packing units mm a max b max c max pcs. 8 11.5 345 60 240 1000 10 12.5 345 60 280 750 10 16 345 65 200 500 10 20 345 65 200 500 12.5 20 345 65 260 500 12.5 25 345 65 260 500 16 20 320 65 285 300 16 25 320 65 285 300 16 31.5 320 75 275 300 18 20 320 65 285 250 18 25 320 65 285 250 18 31.5 320 75 275 250 b41858 low impedance  105 c page 24 of 33 please read cautions and warnings and important notes at the end of this document.
1) available upon request overview of packing units and code numbers for case sizes 8 11.5 ... 16 35.5 papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads, blister j leads, blister bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 8 11.5 1000 1000     10 12.5 1000 750  1000  675 10 16 1000 500  1000  675 10 20 500 500 500 500  500 12.5 20 350 500 350 350  300 1) 12.5 25 250 500 500 500  225 1) 12.5 30 200      12.5 35 175      12.5 40 175      16 20 250 300 200 200 200 200 120 16 25 250 300 200 200 200 200 216 16 31.5 200 300 250 250 344 344 180 16 35.5 100  100 100 150 150 150 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 006 008 009 3.5 5 7.5 8 8...12.5 16...18 b41858 low impedance  105 c page 25 of 33 please read cautions and warnings and important notes at the end of this document.
overview of packing units and code numbers for case sizes 18 20 ... 18 40 papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads, blister j leads, blister bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 18 20 175 250 175 175 200 200 120 18 25 150 250 150 150 200 200 120 18 31.5 100 250 100 100 150 150 120 18 35 100  100 100 150 150 150 18 40 125  100 100 120  72 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 009 7.5 16...18 b41858 low impedance  105 c page 26 of 33 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have been optimized both with a view to the intended application and with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, some of the high-voltage electrolytes used by epcos are self-extinguishing. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no alternative materials are currently known. however, the amount of dangerous materials used in our products is limited to an absolute minimum. materials and chemicals used in epcos aluminum electrolytic capacitors are continuously adapted in compliance with the epcos corporate environmental policy and the latest eu regulations and guidelines such as rohs, reach/svhc, gadsl, and elv. mds (material data sheets) are available on the epcos website for all types listed in the data book. mds for customer specific capacitors are available upon request. msds (material safety data sheets) are available for all of our electrolytes upon request. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: no electrolyte should come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected areas immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid inhaling electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b41858 low impedance  105 c page 27 of 33 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages of opposite polarity should be prevented by connecting a diode. 3.1.6 "reverse voltage" mounting position of screw- terminal capacitors screw terminal capacitors must not be mounted with terminals facing down unless otherwise specified. 11.1. "mounting positions of capacitors with screw terminals" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2.5 nm m6: 4.0 nm 11.3 "mounting torques" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" passive flammability avoid external energy, e.g. fire. 8.1 "passive flammability" b41858 low impedance  105 c page 28 of 33 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" active flammability avoid overload of the capacitors. 8.2 "active flammability" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply excessive mechanical stress to the capacitor terminals when mounting. 10 "maintenance" storage do not store capacitors at high temperatures or high humidity. capacitors should be stored at +5 to +35 c and a relative humidity of 75%. 7.3 "shelf life and storage conditions" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. detailed information can be found on the internet under www.epcos.com/orderingcodes. b41858 low impedance  105 c page 29 of 33 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur d t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des geh?usebodens t time zeit d t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b41858 low impedance  105 c page 30 of 33 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan d dissipation factor verlustfaktor l failure rate ausfallrate e 0 absolute permittivity elektrische feldkonstante e r relative permittivity dielektrizit?tszahl w angular velocity; 2  p  f kreisfrequenz; 2  p  f note all dimensions are given in mm. b41858 low impedance  105 c page 31 of 33 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 32 of 33
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 33 of 33


▲Up To Search▲   

 
Price & Availability of B41858C7108M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X