Part Number Hot Search : 
3S1265R C1411EPA D125423D MC68HC90 AXX49SMD C3317 P0G10 DB154
Product Description
Full Text Search
 

To Download B32676T6275000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors metallized polypropylene film capacitors (mkp) series/type: b32674 ... b32678 date: june 2015 ? epcos ag 2015. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
recommended applications frequency converters industrial and high-end power supplies solar inverters climatic max. operating temperature: 105 c (case) climatic category (iec 60068-1): 40/105/56 construction dielectric: polypropylene (mkp) plastic case (ul 94 v-0) epoxy resin sealing (ul 94 v-0) features capacitance value up to 270 m f high cv product, compact good self-healing properties over -voltage capability low losses with high current capability high reliability long useful life terminals parallel wire leads, lead-free tinned 2-pin, 4-pin and 12-pin versions standard lead lengths: 6  1 mm marking manufacturer's logo and lot number, date code, rated capacitance (coded), capacitance tolerance (code letter), rated dc voltage delivery mode bulk (untaped, lead length 6  1 mm) metallized polypropylene film capacitors (mkp) b32674 ... b32678 mkp dc link  high power series page 2 of 40 please read cautions and warnings and important notes at the end of this document.
dimensional drawings dimensions in mm number of wires lead spacing 0.4 lead diameter d 1 0.05 type 2-pin 27.5 0.8 b32674d 2-pin 37.5 1.0 b32676t 4-pin 37.5 1.2 b32676g 4-pin 37.5 1.2 b32676t 4-pin 52.5 1.2 b32678g 4-pin 52.5 1.2 b32678t 12-pin 52.5 1.2 b32678j dimensional drawings 2-pin versions b32674d lead spacing 0.4: 27.5 lead diameter d 1 : 0.8 (dimensions in mm) b32676t (low profile) lead spacing 0.4: 37.5 lead diameter d 1 : 1.0 (dimensions in mm) b32674 ... b32678 mkp dc link  high power series page 3 of 40 please read cautions and warnings and important notes at the end of this document.
dimensional drawings 4-pin versions b32676g, b32678g b32676g b32678g lead spacing 0.4: 37.5 52.5 lead diameter d 1 : 1.2 1.2 (dimensions in mm) b32676t, b32678t (low profile) b32676t b32678t lead spacing 0.4: 37.5 52.5 lead diameter d 1 : 1.2 1.2 (dimensions in mm) dimensional drawing 12-pin version b32678j lead spacing 0.4: 52.5 lead diameter d 1 : 1.2 (dimensions in mm) b32674 ... b32678 mkp dc link  high power series page 4 of 40 please read cautions and warnings and important notes at the end of this document.
overview of available types lead spacing 27.5 mm 37.5 mm type b32674 b32676 page 7 9 v r (v dc) 300 450 630 750 875 300 450 630 750 875 c r ( m f) 0.47 0.68 1.0 1.5 2.0 2.2 2.7 3.0 3.3 3.5 4.0 4.7 5.0 5.6 6.0 6.2 6.8 7.5 8.0 8.2 9.0 10 12 13 14 15 20 22 25 30 35 b32674 ... b32678 mkp dc link  high power series page 5 of 40 please read cautions and warnings and important notes at the end of this document.
lead spacing 52.5 mm type b32678 page 11 v r (v dc) 300 450 630 750 875 c r ( m f) 7.0 9.0 13 15 20 22 24 25 28 30 35 38 40 45 47 60 65 80 85 100 120 180 270 b32674 ... b32678 mkp dc link  high power series page 6 of 40 please read cautions and warnings and important notes at the end of this document.
1) capacitance value measured at 1 khz 2) max. ripple current i rms at 70 c at 10 khz for a d t 20 c when d esr typ 5% 3) esl value measured at resonance frequency (see specific graphs of z vs freq) ordering codes and packing units (lead spacing 27.5 mm) c r 1) m f max. dimensions w h l mm p 1 mm ordering code (composition see below) i rms,max 2) 70 c 10 khz a esr typ 70 c 10 khz m w esl typ 3) nh tan d 1 khz 10 -3 tan d 10 khz 10 -3 moq pcs. moq = minimum order quantity, consisting of 4 packing units. intermediate capacitance values are available on request. composition of ordering code + = capacitance tolerance code: k = 10% j = 5% v r,85 c = 300 v dc, v op,70 c = 450 v dc 2.2 11.0 19.0 31.5  b32674d3225+000 5.0 18.1 16.0 0.7 4.1 1280 3.3 12.5 21.5 31.5  b32674d3335+000 7.0 12.2 19.0 0.7 4.1 1120 4.7 14.0 24.5 31.5  b32674d3475+000 8.5 8.9 21.0 0.7 4.2 1040 5.0 15.0 24.5 31.5  b32674d3505+000 9.0 8.4 21.0 0.7 4.2 960 6.8 18.0 27.5 31.5  b32674d3685+000 11.5 6.3 24.0 0.7 4.4 800 8.0 16.0 32.0 31.5  b32674d3805+000 12.5 5.6 27.0 0.7 4.5 880 8.2 18.0 33.0 31.5  b32674d3825+000 13.0 5.5 27.0 0.7 4.5 800 10.0 21.0 31.0 31.5  b32674d3106+000 14.5 4.6 27.0 0.8 4.6 720 12.0 22.0 36.5 31.5  b32674d3126+000 17.0 4.0 31.0 0.8 4.9 640 v r,85 c = 450 v dc, v op,70 c = 630 v dc 1.5 11.0 19.0 31.5  b32674d4155+000 4.5 22.1 16.0 0.6 3.3 1280 2.2 12.5 21.5 31.5  b32674d4225+000 6.0 14.9 19.0 0.6 3.3 1120 3.3 15.0 24.5 31.5  b32674d4335+000 8.0 10.3 22.0 0.6 3.4 960 4.7 18.0 27.5 31.5  b32674d4475+000 10.5 7.5 24.0 0.6 3.5 800 5.0 16.0 32.0 31.5  b32674d4505+000 11.0 7.1 28.0 0.7 3.6 880 5.6 18.0 33.0 31.5  b32674d4565+000 12.0 6.3 29.0 0.7 3.6 800 6.0 21.0 31.0 31.5  b32674d4605+000 13.0 5.9 28.0 0.7 3.6 720 6.8 22.0 36.5 31.5  b32674d4685+000 14.5 5.4 29.0 0.7 3.7 640 7.5 22.0 36.5 31.5  b32674d4755+000 15.0 5.0 32.0 0.7 3.8 640 v r,85 c = 630 v dc, v op,70 c = 800 v dc 1.0 11.0 19.0 31.5  b32674d6105+000 4.0 26.1 17.0 0.6 2.7 1280 1.5 12.5 21.5 31.5  b32674d6155+000 5.5 17.9 19.0 0.6 2.7 1120 2.2 15.0 24.5 31.5  b32674d6225+000 7.5 12.4 21.0 0.6 2.7 960 3.3 16.0 32.0 31.5  b32674d6335+000 10.0 8.5 28.0 0.6 2.8 880 4.7 22.0 36.5 31.5  b32674d6475+000 13.5 6.0 31.0 0.6 3.0 640 5.0 22.0 36.5 31.5  b32674d6505+000 14.5 5.8 31.0 0.6 3.0 640 b32674 mkp dc link  high power series page 7 of 40 please read cautions and warnings and important notes at the end of this document.
4) capacitance value measured at 1 khz 5) max. ripple current i rms at 70 c at 10 khz for a d t 20 c when d esr typ 5% 6) esl value measured at resonance frequency (see specific graphs of z vs freq) ordering codes and packing units (lead spacing 27.5 mm) c r 4) m f max. dimensions w h l mm p 1 mm ordering code (composition see below) i rms,max 5) 70 c 10 khz a esr typ 70 c 10 khz m w esl typ 6) nh tan d 1 khz 10 -3 tan d 10 khz 10 -3 moq pcs. moq = minimum order quantity, consisting of 4 packing units. intermediate capacitance values are available on request. composition of ordering code + = capacitance tolerance code: k = 10% j = 5% v r,85 c = 750 v dc, v op,70 c = 900 v dc 0.68 11.0 19.0 31.5  b32674d1684+000 3.5 34.7 17.0 0.5 2.4 1280 1.0 12.5 21.5 31.5  b32674d1105+000 4.5 24.2 18.0 0.5 2.5 1120 1.5 14.0 24.5 31.5  b32674d1155+000 6.5 16.3 22.0 0.6 2.5 1040 2.2 18.0 27.5 31.5  b32674d1225+000 8.5 11.3 24.0 0.6 2.5 800 3.3 21.0 31.0 31.5  b32674d1335+000 11.0 7.9 28.0 0.6 2.6 720 4.0 22.0 36.5 31.5  b32674d1405+000 13.0 6.7 32.0 0.6 2.7 640 v r,85 c = 875 v dc, v op,70 c = 1050 v dc 0.47 11.0 19.0 31.5  b32674d8474+000 3.0 45.2 16.0 0.5 2.2 1280 0.68 11.0 21.0 31.5  b32674d8684+000 4.0 31.5 19.0 0.5 2.2 1280 1.0 13.5 23.0 31.5  b32674d8105+000 5.0 22.2 20.0 0.5 2.2 1040 1.5 18.0 27.5 31.5  b32674d8155+000 7.5 14.7 23.0 0.5 2.2 800 2.2 18.0 33.0 31.5  b32674d8225+000 9.5 10.3 29.0 0.5 2.3 800 3.0 22.0 36.5 31.5  b32674d8305+000 12.0 7.8 31.0 0.5 2.4 640 b32674 mkp dc link  high power series page 8 of 40 please read cautions and warnings and important notes at the end of this document.
1) capacitance value measured at 1 khz 2) max. ripple current i rms at 70 c at 10 khz for a d t 20 c when d esr typ 5% 3) esl value measured at resonance frequency (see specific graphs of z vs freq) ordering codes and packing units (lead spacing 37.5 mm) c r 1) m f max. dimensions w h l mm p 1 mm ordering code (composition see below) i rms,max 2) 70 c 10 khz a esr typ 70 c 10 khz m w esl typ 3) nh tan d 1 khz 10 -3 tan d 10 khz 10 -3 moq pcs. moq = minimum order quantity, consisting of 4 packing units. intermediate capacitance values are available on request. composition of ordering code + = capacitance tolerance code: k = 10% j = 5% v r,85 c = 300 v dc, v op,70 c = 450 v dc 6.2 24.0 15.0 41.5  b32676t3625+000 8.0 12.6 18.0 1.1 8.2 1040 9.0 24.0 19.0 41.5  b32676t3905+000 10.0 9.1 19.0 1.1 8.3 780 15.0 20.0 39.5 42.0 10.2 b32676g3156+000 16.0 5.4 10.0 1.1 8.3 640 20.0 28.0 37.0 42.0 10.2 b32676g3206+000 20.0 4.0 11.0 1.1 8.4 440 20.0 43.0 22.0 41.5 20.3 b32676t3206k000 19.5 4.0 13.0 1.1 8.3 280 22.0 28.0 42.5 42.0 10.2 b32676g3226+000 21.5 3.8 11.0 1.2 8.5 440 25.0 28.0 42.5 42.0 10.2 b32676g3256+000 22.5 3.4 12.0 1.2 8.6 440 30.0 30.0 45.0 42.0 20.3 b32676g3306+000 26.0 2.8 12.0 1.2 8.7 400 35.0 33.0 48.0 42.0 20.3 b32676g3356+000 29.5 2.5 13.0 1.2 8.8 180 v r,85 c = 450 v dc, v op,70 c = 630 v dc 4.0 24.0 15.0 41.5  b32676t4405+000 7.0 15.5 19.0 1.0 6.6 1040 4.7 24.0 19.0 41.5  b32676t4475+000 8.0 13.2 18.0 1.0 6.6 780 8.2 20.0 39.5 42.0 10.2 b32676g4825+000 13.5 7.8 9.0 1.0 6.7 640 10.0 20.0 39.5 42.0 10.2 b32676g4106+000 14.5 6.4 11.0 1.0 6.7 640 13.0 43.0 22.0 41.5 20.3 b32676t4136k000 17.5 5.0 13.0 1.0 6.6 280 15.0 28.0 42.5 42.0 10.2 b32676g4156+000 20.0 4.4 11.0 1.0 6.8 440 20.0 30.0 45.0 42.0 20.3 b32676g4206k000 24.0 3.3 13.0 1.0 6.9 400 25.0 33.0 48.0 42.0 20.3 b32676g4256k000 28.0 2.8 14.0 1.0 7.1 180 v r,85 c = 630 v dc, v op,70 c = 800 v dc 2.7 24.0 15.0 41.5  b32676t6275+000 7.0 17.7 20.0 0.8 5.1 1040 3.5 24.0 19.0 41.5  b32676t6355+000 8.0 14.1 19.0 0.8 5.1 780 6.8 20.0 39.5 42.0 10.2 b32676g6685+000 13.5 7.4 10.0 0.8 5.2 640 7.5 20.0 39.5 42.0 10.2 b32676g6755+000 14.5 6.6 12.0 0.8 5.2 640 8.2 28.0 37.0 42.0 10.2 b32676g6825+000 16.0 6.1 11.0 0.8 5.2 440 9.0 43.0 22.0 41.5 20.3 b32676t6905k000 16.5 5.7 13.0 0.8 5.1 280 10.0 28.0 42.5 42.0 10.2 b32676g6106+000 18.5 5.1 11.0 0.8 5.2 440 12.0 28.0 42.5 42.0 10.2 b32676g6126+000 20.0 4.4 12.0 0.8 5.3 440 14.0 30.0 45.0 42.0 20.3 b32676g6146+000 23.0 3.7 14.0 0.8 5.3 400 15.0 33.0 48.0 42.0 20.3 b32676g6156+000 25.0 3.5 14.0 0.8 5.4 180 b32676 mkp dc link  high power series page 9 of 40 please read cautions and warnings and important notes at the end of this document.
4) capacitance value measured at 1 khz 5) max. ripple current i rms at 70 c at 10 khz for a d t 20 c when d esr typ 5% 6) esl value measured at resonance frequency (see specific graphs of z vs freq) ordering codes and packing units (lead spacing 37.5 mm) c r 4) m f max. dimensions w h l mm p 1 mm ordering code (composition see below) i rms,max 5) 70 c 10 khz a esr typ 70 c 10 khz m w esl typ 6) nh tan d 1 khz 10 -3 tan d 10 khz 10 -3 moq pcs. moq = minimum order quantity, consisting of 4 packing units. intermediate capacitance values are available on request. composition of ordering code + = capacitance tolerance code: k = 10% j = 5% v r,85 c = 750 v dc, v op,70 c = 900 v dc 2.0 24.0 15.0 41.5  b32676t1205+000 6.0 22.7 18.0 0.8 4.6 1040 2.7 24.0 19.0 41.5  b32676t1275+000 7.5 16.7 19.0 0.8 4.6 780 4.7 20.0 39.5 42.0 10.2 b32676g1475+000 12.0 9.5 10.0 0.8 4.6 640 5.6 20.0 39.5 42.0 10.2 b32676g1565+000 13.0 8.2 11.0 0.8 4.7 640 6.8 28.0 37.0 42.0 10.2 b32676g1685+000 15.5 6.7 11.0 0.8 4.7 440 9.0 30.0 45.0 42.0 20.3 b32676g1905+000 19.5 5.1 12.0 0.8 4.7 440 10.0 30.0 45.0 42.0 20.3 b32676g1106+000 20.5 4.7 13.0 0.8 4.8 400 12.0 33.0 48.0 42.0 20.3 b32676g1126+000 23.0 4.0 14.0 0.8 4.8 180 v r,85 c = 875 v dc, v op,70 c = 1050 v dc 1.5 24.0 15.0 41.5  b32676t8155+000 5.5 26.2 18.0 0.7 4.1 1040 2.0 24.0 19.0 41.5  b32676t8205+000 7.0 19.6 19.0 0.7 4.1 780 3.3 20.0 39.5 42.0 10.2 b32676g8335+000 10.5 12.0 9.0 0.7 4.1 640 4.0 20.0 39.5 42.0 10.2 b32676g8405+000 12.0 9.9 11.0 0.7 4.1 640 4.7 28.0 37.0 42.0 10.2 b32676g8475+000 13.5 8.6 10.0 0.7 4.1 440 6.8 28.0 42.5 42.0 10.2 b32676g8685+000 17.0 6.0 12.0 0.7 4.2 440 7.5 30.0 45.0 42.0 20.3 b32676g8755+000 19.0 5.4 13.0 0.7 4.2 400 10.0 33.0 48.0 42.0 20.3 b32676g8106k000 22.5 4.3 14.0 0.7 4.3 180 b32676 mkp dc link  high power series page 10 of 40 please read cautions and warnings and important notes at the end of this document.
1) capacitance value measured at 1 khz 2) max. ripple current i rms at 70 c at 10 khz for a d t 20 c when d esr typ 5% 3) esl value measured at resonance frequency (see specific graphs of z vs freq) ordering codes and packing units (lead spacing 52.5 mm) c r 1) m f max. dimensions w h l mm p 1 mm ordering code (composition see below) i rms,max 2) 70 c 10 khz a esr typ 70 c 10 khz m w esl typ 3) nh tan d 1 khz 10 -3 tan d 10 khz 10 -3 moq pcs. moq = minimum order quantity, consisting of 4 packing units. intermediate capacitance values are available on request. composition of ordering code + = capacitance tolerance code: k = 10% j = 5% v r,85 c = 300 v dc, v op,70 c = 450 v dc 30.0 43.0 24.0 57.5 20.3 b32678t3306k000 22.5 3.9 13.0 1.5 11.8 420 40.0 30.0 45.0 57.5 20.3 b32678g3406+000 28.0 3.0 12.0 1.5 12.3 280 47.0 35.0 50.0 57.5 20.3 b32678g3476+000 33.0 2.6 13.0 1.5 12.5 108 60.0 35.0 50.0 57.5 20.3 b32678g3606k000 37.0 2.1 15.0 1.6 12.9 108 80.0 45.0 57.0 57.5 20.3 b32678g3806+000 47.0 1.6 18.0 1.6 13.5 140 80.0 130.0 24.0 57.5 20.3 b32678j3806k000 51.0 1.4 4.0 1.5 11.7 80 100.0 60.0 45.0 57.5 20.3 b32678g3107+000 48.0 1.4 19.0 1.6 13.5 200 270.0 130.0 58.0 57.5 20.3 b32678j3277k000 108.0 0.5 6.0 1.6 13.8 40 v r,85 c = 450 v dc, v op,70 c = 630 v dc 20.0 43.0 24.0 57.5 20.3 b32678t4206k000 20.0 4.9 13.0 1.3 9.8 420 30.0 35.0 50.0 57.5 20.3 b32678g4306+000 28.0 3.2 14.0 1.3 9.9 108 35.0 35.0 50.0 57.5 20.3 b32678g4356+000 31.5 2.8 14.0 1.3 10.0 108 40.0 35.0 50.0 57.5 20.3 b32678g4406k000 34.0 2.5 15.0 1.3 10.2 108 60.0 45.0 57.0 57.5 20.3 b32678g4606+000 45.0 1.8 18.0 1.4 11.2 140 60.0 130.0 24.0 57.5 20.3 b32678j4606k000 49.5 1.6 4.0 1.2 9.5 80 65.0 60.0 45.0 57.5 20.3 b32678g4656+000 48.0 1.6 19.0 1.3 10.6 200 180.0 130.0 58.0 57.5 20.3 b32678j4187k000 97.5 0.6 6.0 1.4 11.2 40 v r,85 c = 630 v dc, v op,70 c = 800 v dc 13.0 43.0 24.0 57.5 20.3 b32678t6136k000 18.0 5.9 13.0 1.1 7.9 420 20.0 35.0 50.0 57.5 20.3 b32678g6206+000 26.5 4.0 13.0 1.1 8.2 108 25.0 35.0 50.0 57.5 20.3 b32678g6256+000 29.5 3.3 15.0 1.1 8.3 108 38.0 130.0 24.0 57.5 20.3 b32678j6386k000 43.5 2.1 4.0 1.1 7.9 80 40.0 45.0 57.0 57.5 20.3 b32678g6406+000 41.0 2.1 18.0 1.2 8.8 140 45.0 60.0 45.0 57.5 20.3 b32678g6456+000 43.0 1.9 19.0 1.2 8.7 200 120.0 130.0 58.0 57.5 20.3 b32678j6127k000 90.0 0.7 6.0 1.2 8.8 40 b32678 mkp dc link  high power series page 11 of 40 please read cautions and warnings and important notes at the end of this document.
4) capacitance value measured at 1 khz 5) max. ripple current i rms at 70 c at 10 khz for a d t 20 c when d esr typ 5% 6) esl value measured at resonance frequency (see specific graphs of z vs freq) ordering codes and packing units (lead spacing 52.5 mm) c r 4) m f max. dimensions w h l mm p 1 mm ordering code (composition see below) i rms,max 5) 70 c 10 khz a esr typ 70 c 10 khz m w esl typ 6) nh tan d 1 khz 10 -3 tan d 10 khz 10 -3 moq pcs. moq = minimum order quantity, consisting of 4 packing units. intermediate capacitance values are available on request. composition of ordering code + = capacitance tolerance code: k = 10% j = 5% v r,85 c = 750 v dc, v op,70 c = 900 v dc 9.0 43.0 24.0 57.5 20.3 b32678t1905k000 16.5 7.2 13.0 1.0 6.8 420 15.0 30.0 45.0 57.5 20.3 b32678g1156k000 23.0 4.5 14.0 1.0 7.0 280 20.0 35.0 50.0 57.5 20.3 b32678g1206k000 28.0 3.5 15.0 1.0 7.2 108 28.0 45.0 57.0 57.5 20.3 b32678g1286+000 37.5 2.5 18.0 1.0 7.4 140 30.0 60.0 45.0 57.5 20.3 b32678g1306+000 39.5 2.4 19.0 1.0 7.3 200 30.0 130.0 24.0 57.5 20.3 b32678j1306k000 40.5 2.3 4.0 1.0 6.8 80 85.0 130.0 58.0 57.5 20.3 b32678j1856k000 82.5 0.9 6.0 1.0 7.4 40 v r,85 c = 875 v dc, v op,70 c = 1050 v dc 7.0 43.0 24.0 57.5 20.3 b32678t8705k000 15.5 8.2 13.0 0.9 6.0 420 15.0 35.0 50.0 57.5 20.3 b32678g8156k000 26.5 4.0 15.0 0.9 6.3 108 22.0 45.0 57.0 57.5 20.3 b32678g8226+000 35.0 2.9 17.0 1.0 6.5 140 22.0 130.0 24.0 57.5 20.3 b32678j8226k000 39.0 2.6 5.0 0.9 6.0 80 24.0 60.0 45.0 57.5 20.3 b32678g8246+000 38.0 2.6 19.0 0.9 6.4 200 65.0 130.0 58.0 57.5 20.3 b32678j8656k000 78.0 1.0 6.0 1.0 6.5 40 b32678 mkp dc link  high power series page 12 of 40 please read cautions and warnings and important notes at the end of this document.
technical data reference standard: iec 61071. all data given at t = 20 c, unless otherwise specified. operating temperature range (case) max. operating temperature, t op,max upper category temperature t max lower category temperature t min +105 c +105 c  40 c insulation resistance r ins given as time constant t = c r  r ins , rel. humidity 65% (minimum as-delivered values) t > 10000 s (after 1 min) for v r 3 500 v measured at 500 v for v r < 500 v measured at v r dc voltage test between terminals (10 s) 1.5  v r voltage test terminal to case (10 s) 2110 v ac, 50 hz pulse handling capability (v/ m s) i p (a) / c ( m f) damp heat test limit values after damp heat test 56 days/40 c/93% relative humidity capacitance change | d c/c| 5% dissipation factor change d tan d 0.005 (at 1 khz) insulation resistance r ins 3 50% of minimum as-delivered values reliability: failure rate l 1 fit ( 1  10 -9 /h) at 0.5  v r , 40 c service life t sl 200 000 h at v r , 85 c for conversion to other operating conditions and temperatures, refer to chapter "quality, 2 reliability". v r (v dc) 300 450 630 750 875 450 630 800 900 1050 300 450 630 750 875 continuous operation voltage v op (v dc) at 70 c continuous operation voltage v op (v dc) at 85 c for temperatures between 85 c and 100 c 1.2%/ c of v op de-rating compared to v op at 85 c b32674 ... b32678 mkp dc link  high power series page 13 of 40 please read cautions and warnings and important notes at the end of this document.
typical waveforms restrictions: v r : maximum operating peak voltage of either polarity but of a non-reversing waveform, for which the capacitor has been designed for continuous operation. ? ac 0.2  v r v p, max : overvoltage maximum duration within one day observation 1.1  v r 1.15  v r 1.2  v r 1.3  v r 30% of on-load duration 30 min. 5 min. 1 min. system regulation system regulation system regulation system regulation note 1 an overvoltage equal to 1.5  v r for 30 ms is permitted 1000 times during the life of the capacitor. the amplitudes of the overvoltages that may be tolerated without significant reduction in the life time of the capacitor depend on their duration, the number of application and the capacitor temperature. in addition these values assume that the overvoltages may appear when the internal temperature of the capacitor is less than 0 c but within the temperature category. note 2 the average applied voltage must not be higher than the specified voltage. pulse handling capability "dv/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in v/ m s. note: the values of dv/dt and k 0 provided below must not be exceeded in order to avoid damaging the capacitor. these parameters are given for isolated pulses in such a way that the heat generated by one pulse will be completely dissipated before applying the next pulse. for a train of pulses, please refer to the curves of permissible ac voltage-current versus frequency. dv/dt values lead spacing 27.5 mm 37.5 mm 52.5 mm type b32674 b32676 b32678 v r (v dc) 300 450 630 750 875 300 450 630 750 875 300 450 630 750 875 dv/dt in v/s 40 75 100 125 150 22 54 73 85 100 15 35 50 60 70 b32674 ... b32678 mkp dc link  high power series page 14 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves additional technical information can be found under "design support" on www.epcos.com impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 27.5 mm / b32674d3x / 300 v dc lead spacing 27.5 mm / b32674d3x / 300 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 27.5 mm / b32674d4x / 450 v dc lead spacing 27.5 mm / b32674d4x / 450 v dc b32674 ... b32678 mkp dc link  high power series page 15 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 27.5 mm / b32674d6x / 630 v dc lead spacing 27.5 mm / b32674d6x / 630 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 27.5 mm / b32674d1x / 750 v dc lead spacing 27.5 mm / b32674d1x / 750 v dc b32674 ... b32678 mkp dc link  high power series page 16 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 27.5 mm / b32674d8x / 875 v dc lead spacing 27.5 mm / b32674d8x / 875 vdc b32674 ... b32678 mkp dc link  high power series page 17 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 37.5 mm / b32676g/t3x / 300 v dc lead spacing 37.5 mm / b32676g/t3x / 300 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 37.5 mm / b32676g/t4x / 450 v dc lead spacing 37.5 mm / b32676g/t4x / 450 v dc b32674 ... b32678 mkp dc link  high power series page 18 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 37.5 mm / b32676g/t6x / 630 v dc lead spacing 37.5 mm / b32676g/t6x / 630 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 37.5 mm / b32676g/t1x / 750 v dc lead spacing 37.5 mm / b32676g/t1x / 750 v dc b32674 ... b32678 mkp dc link  high power series page 19 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 37.5 mm / b32676g/t8x / 875 v dc lead spacing 37.5 mm / b32676g/t8x / 875 v dc b32674 ... b32678 mkp dc link  high power series page 20 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 52.5 mm / b32678g/t3x / 300 v dc lead spacing 52.5 mm / b32678g/t3x / 300 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 52.5 mm / b32678g/t4x / 450 v dc lead spacing 52.5 mm / b32678g/t4x / 450 v dc b32674 ... b32678 mkp dc link  high power series page 21 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 52.5 mm / b32678g/t6x / 630 v dc lead spacing 52.5 mm / b32678g/t6x / 630 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 52.5 mm / b32678g/t1x / 750 v dc lead spacing 52.5 mm / b32678g/t1x / 750 v dc b32674 ... b32678 mkp dc link  high power series page 22 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 52.5 mm / b32678g/t8x / 875 v dc lead spacing 52.5 mm / b32678g/t8x / 875 v dc impedance z versus frequency f (typical values) esr versus frequency f (typical values) lead spacing 52.5 mm / b32678jx / 300 v dc, 450 v dc, 630 v dc, 750 v dc, 875 v dc lead spacing 52.5 mm / b32678jx / 300 v dc, 450 v dc, 630 v dc, 750 v dc, 875 v dc b32674 ... b32678 mkp dc link  high power series page 23 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves permissible current i rms versus frequency f at 70 c lead spacing 27.5 mm b32674-dx permissible current i rms versus frequency f at 70 c lead spacing 37.5 mm b32676-g/tx b32674 ... b32678 mkp dc link  high power series page 24 of 40 please read cautions and warnings and important notes at the end of this document.
characteristics curves permissible current i rms versus frequency f at 70 c lead spacing 52.5 mm b32678-g/tx permissible current i rms versus frequency f at 70 c lead spacing 52.5 mm b32678-jx b32674 ... b32678 mkp dc link  high power series page 25 of 40 please read cautions and warnings and important notes at the end of this document.
curves characteristics (i rms derating vs temperature) maximum i rms current as function of the ambient temperature: i rms (t amb ) = factor x i rms (70 oc) b32674 ... b32678 mkp dc link  high power series page 26 of 40 please read cautions and warnings and important notes at the end of this document.
heat transference for self heating calculation figure 1 (2-pin, 4-pin) figure 2 (12-pin) box dimensions equivalent heat coefficient w (mm) h (mm) l (mm) g (mw/ c) 11.0 19.0 31.5 25 11.0 21.0 31.5 28 12.5 21.5 31.5 30 13.5 23.0 31.5 32 14.0 24.5 31.5 35 15.0 24.5 31.5 36 16.0 32.0 31.5 45 18.0 27.5 31.5 44 18.0 33.0 31.5 48 19.0 30.0 31.5 48 20.0 11.0 31.5 65 21.0 31.0 31.5 51 22.0 36.5 31.5 58 12.0 22.0 41.5 70 14.0 25.0 41.5 43 16.0 28.5 41.5 50 18.0 32.5 41.5 59 20.0 39.5 41.5 72 24.0 19.0 41.5 50 24.0 15.0 41.5 44 28.0 37.0 42.0 83 28.0 42.5 41.5 90 30.0 45.0 42.0 100 33.0 48.0 42.0 110 43.0 22.0 41.5 80 30.0 45.0 57.5 125 35.0 50.0 57.5 145 43.0 22.0 57.5 103 45.0 57.0 57.5 185 60.0 45.0 57.5 192 130.0 22.0 57.5 200 130.0 58.0 57.5 300 the equivalent heat coefficient "g (mw/oc)" is given for measuring the temperature on the lateral surface of the plastic box as figure 1 shows. by using a thermocouple and avoiding effect of radia- tion and convection the temperature measured during operation conditions should be a result of the dissipated power divided by the equivalent heat coefficient. b32674 ... b32678 mkp dc link  high power series page 27 of 40 please read cautions and warnings and important notes at the end of this document.
self heating by power dissipation and equivalent heat coefficient the i rms and consequently the power dissipation must be limited during operation in order to not exceed the maximum limit of d t allowed for this series. d t max given for this series is equal or low- er than 20 c at rated temperature (70 c), for higher ambient temperatures d t max (t) will have the same derating factor than i rms vs temperature and then an equivalent derating as per: d t max (t) = (factor) 2 x d t (70 c). for any particular i rms the d t may be calculated by: d t ( c) = p dis (mw) / g(mw/ c) where d t ( c) is the difference between the temperature measured on the box (see figure 1) and the ambient temperature when capacitor is working during normal operation; d t ( c) = t op ( c)  t amb ( c). it represents the increasing of temperature provoked by the i rms during operation. g (mw/ c) is the equivalent heat coefficient described above and p dis (mw) is the dissipated power defined by: p dis (mw) = esr typ (m w ) i rms 2 (a rms ). example for thermal calculation: we will take as reference b32678g8156k (15 m f/875 v) type for thermal calculation. considering the following load and capacitor characteristics: i rms : 15 a rms at 20 khz t amb : 85 oc 35 50 57.5 box g (mw/oc): 145 then we have to find the esr typ at 20 khz what is approximately 4.0 m w . so according to p dis (mw) = esr typ (m w ) i rms 2 (a rms ) we have the following: p dis (mw) = 4.0 m w 15 a rms 2 = 900 mw. and as per d t ( c) = p dis (mw) / g (mw/ c) we have the following: d t ( c) = 900 (mw) / 145 (mw/ c) = 6.2 c. what is below of the d t max (85 c) = (factor) 2 x d t (70 c) = (0.7) 2 20 c = 9.8 c. on the other hand we may confirm that max i rms at 20 khz at 70 c = 26.5 a rms . and then max i rms for 85 c of ambient temperature is defined as follows: i rms (85 c) = factor x i rms (70 c) = 0.7 26.5 a rms = 18.55 a rms what confirms once again that i rms (15 a rms at 20 khz at 85 c) is below the max specified for such frequency and ambient temperature. b32674 ... b32678 mkp dc link  high power series page 28 of 40 please read cautions and warnings and important notes at the end of this document.
life time expectancy - typical curve (300 v dc / 450 v dc / 630 v dc / 750 v dc / 875 v dc / b3267x-3/4/6/1/8) note: confidence level of 98% b32674 ... b32678 mkp dc link  high power series page 29 of 40 please read cautions and warnings and important notes at the end of this document.
testing and standards test reference conditions of test performance requirements electrical parameters (routine test) iec 61071-11 voltage between terminals, 1.5 v r , during 10 s insulation resistance, r ins at v r if v r < 500 v or 500 v if v r 3 500 v capacitance, c at 1 khz (room temperature) dissipation factor, tan d at 1/10 khz (room temperature) within specified limits robustness of terminations (type test) iec 60068-2-21 tensile strength (test ua1) capacitance and tan d within specified limits wire diameter tensile force 0.5 < d 1 0.8 mm 0.8 < d 1 1.25 mm 10 n 20 n resistance to soldering heat (type test) iec 60068-2-20, test tb, method 1a solder bath temperature at 260 5 c, immersion for 10 seconds  d c/c 0  2% i d tan d l 0.002 rapid change of temperature (type test) iec 60384-16 t a = lower category temperature t b = upper category temperature five cycles, duration t = 30 min. i d c/c 0 i 2% i d tan d i 0.002 r ins 3 50% of initial limit vibration (type test) iec 60384-16 test f c : vibration sinusoidal displacement: 0.75 mm accleration: 98 m/s 2 frequency: 10 hz ... 500 hz test duration: 3 orthogonal axes, 2 hours each axe no visible damage bump (type test) iec 60384-16 test eb: total 4000 bumps with 390 m/s 2 mounted on pcb 6 ms duration no visible damage i d c/c 0 i 2% i d tan d i 0.002 r ins 3 50% of initial limit climatic sequence (type test) iec 60384-16 dry heat tb / 16 h. damp heat cyclic, 1st cycle + 55 c / 24h / 95% ... 100% rh cold ta / 2h damp heat cyclic, 5 cycles + 55 c / 24h / 95% ... 100% rh no visible damage i d c/c 0 i 3% i d tan d i 0.001 r ins 3 50% of initial limit damp heat steady state (type test) iec 60384-16 test ca 40 c / 93% rh / 56 days no visible damage i d c/c 0 i 5% i d tan d i 0.005 r ins 3 50% of initial limit b32674 ... b32678 mkp dc link  high power series page 30 of 40 please read cautions and warnings and important notes at the end of this document.
test reference conditions of test performance requirements endurance (type test) iec 61071-11 70 c / 1.4 v r / 250 hours or t op / 1.4 v op / 250 hours + 1000 discharges at 1.4 i r + 70 c / 1.4 v r / 250 hours or t op / 1.4 v op / 250 hours no visible damage i d c/c 0 i 3% at 1 khz i d tan d i 0.015 at 10 khz endurance (type test) iec 60384-16 70 c / 1.25 v r / 1000 hours or 85 c / 1.25 v op / 1000 hours or 100 c / 1.25 v op / 1000 hours no visible damage i d c/c 0 i 5% at 1 khz i d tan d i 0.005 r ins 3 50% of initial limit mounting guidelines 1 soldering 1.1 solderability of leads the solderability of terminal leads is tested to iec 60068-2-20, test ta, method 1. before a solderability test is carried out, terminals are subjected to accelerated ageing (to iec 60068-2-2, test ba: 4 h exposure to dry heat at 155 c). since the ageing temperature is far higher than the upper category temperature of the capacitors, the terminal wires should be cut off from the capacitor before the ageing procedure to prevent the solderability being impaired by the products of any capacitor decomposition that might occur. solder bath temperature 235 5 c soldering time 2.0 0.5 s immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane evaluation criteria: visual inspection wetting of wire surface by new solder 3 90%, free-flowing solder b32674 ... b32678 mkp dc link  high power series page 31 of 40 please read cautions and warnings and important notes at the end of this document.
1.2 resistance to soldering heat resistance to soldering heat is tested to iec 60068-2-20, test tb, method 1a. conditions: series solder bath temperature soldering time mkt boxed (except 2.5 6.5 7.2 mm) coated uncoated (lead spacing > 10 mm) 260 5 c 10 1 s mfp mkp (lead spacing > 7.5 mm) mkt boxed (case 2.5 6.5 7.2 mm) 5 1 s mkp mkt (lead spacing 7.5 mm) uncoated (lead spacing 10 mm) insulated (b32559) < 4 s recommended soldering profile for mkt uncoated (lead spacing 10 mm) and insulated (b32559) immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane shield heat-absorbing board, (1.5 0.5) mm thick, between capacitor body and liquid solder evaluation criteria: visual inspection no visible damage d c/c 0 2% for mkt/mkp/mfp 5% for emi suppression capacitors tan d as specified in sectional specification b32674 ... b32678 mkp dc link  high power series page 32 of 40 please read cautions and warnings and important notes at the end of this document.
1.3 general notes on soldering permissible heat exposure loads on film capacitors are primarily characterized by the upper cate- gory temperature t max . long exposure to temperatures above this type-related temperature limit can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical characteristics. for short exposures (as in practical soldering processes) the heat load (and thus the possible effects on a capacitor) will also depend on other factors like: pre-heating temperature and time forced cooling immediately after soldering terminal characteristics: diameter, length, thermal resistance, special configurations (e.g. crimping) height of capacitor above solder bath shadowing by neighboring components additional heating due to heat dissipation by neighboring components use of solder-resist coatings the overheating associated with some of these factors can usually be reduced by suitable coun- termeasures. for example, if a pre-heating step cannot be avoided, an additional or reinforced cooling process may possibly have to be included. epcos recommends the following conditions: pre-heating with a maximum temperature of 110 c temperature inside the capacitor should not exceed the following limits:  mkp/mfp 110 c  mkt 160 c when smd components are used together with leaded ones, the leaded film capacitors should not pass into the smd adhesive curing oven. the leaded components should be assembled af- ter the smd curing step. leaded film capacitors are not suitable for reflow soldering. uncoated capacitors for uncoated mkt capacitors with lead spacings 10 mm (b32560/b32561) the following mea- sures are recommended: pre-heating to not more than 110 c in the preheater phase rapid cooling after soldering b32674 ... b32678 mkp dc link  high power series page 33 of 40 please read cautions and warnings and important notes at the end of this document.
cautions and warnings do not exceed the upper category temperature (uct). do not apply any mechanical stress to the capacitor terminals. avoid any compressive, tensile or flexural stress. do not move the capacitor after it has been soldered to the pc board. do not pick up the pc board by the soldered capacitor. do not place the capacitor on a pc board whose pth hole spacing differs from the specified lead spacing. do not exceed the specified time or temperature limits during soldering. avoid external energy inputs, such as fire or electricity. avoid overload of the capacitors. the table below summarizes the safety instructions that must always be observed. a detailed de- scription can be found in the relevant sections of the chapters "general technical information" and "mounting guidelines". topic safety information reference chapter "general technical information" storage conditions make sure that capacitors are stored within the specified range of time, temperature and humidity conditions. 4.5 "storage conditions" flammability avoid external energy, such as fire or electricity (passive flammability), avoid overload of the capacitors (active flammability) and consider the flammability of materials. 5.3 "flammability" b32674 ... b32678 mkp dc link  high power series page 34 of 40 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "mounting guidelines" resistance to vibration do not exceed the tested ability to withstand vibration. the capacitors are tested to iec 60068-2-6. epcos offers film capacitors specially designed for operation under more severe vibration regimes such as those found in automotive applications. consult our catalog "film capacitors for automotive electronics". 5.2 "resistance to vibration" soldering do not exceed the specified time or temperature limits during soldering. 1 "soldering" cleaning use only suitable solvents for cleaning capacitors. 2 "cleaning" embedding of capacitors in finished assemblies when embedding finished circuit assemblies in plastic resins, chemical and thermal influences must be taken into account. caution: consult us first, if you also wish to embed other uncoated component types! 3 "embedding of capacitors in finished assemblies" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the or- dering codes are due to different processes employed and do not affect the specifications of the respective products . detailed information can be found on the internet under www.epcos.com/orderingcodes. b32674 ... b32678 mkp dc link  high power series page 35 of 40 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german a heat transfer coefficient w?rmebergangszahl a c temperature coefficient of capacitance temperaturkoeffizient der kapazit?t a capacitor surface area kondensatoroberfl?che b c humidity coefficient of capacitance feuchtekoeffizient der kapazit?t c capacitance kapazit?t c r rated capacitance nennkapazit?t d c absolute capacitance change absolute kapazit?ts?nderung d c/c relative capacitance change (relative deviation of actual value) relative kapazit?ts?nderung (relative abweichung vom ist-wert) d c/c r capacitance tolerance (relative deviation from rated capacitance) kapazit?tstoleranz (relative abweichung vom nennwert) dt time differential differentielle zeit d t time interval zeitintervall d t absolute temperature change (self-heating) absolute temperatur?nderung (selbsterw?rmung) d tan d absolute change of dissipation factor absolute ?nderung des verlustfaktors d v absolute voltage change absolute spannungs?nderung dv/dt time differential of voltage function (rate of voltage rise) differentielle spannungs?nderung (spannungsflankensteilheit) d v/ d t voltage change per time interval spannungs?nderung pro zeitintervall e activation energy for diffusion aktivierungsenergie zur diffusion esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatz-serienwiderstand f frequency frequenz f 1 frequency limit for reducing permissible ac voltage due to thermal limits grenzfrequenz fr thermisch bedingte reduzierung der zul?ssigen wechselspannung f 2 frequency limit for reducing permissible ac voltage due to current limit grenzfrequenz fr strombedingte reduzierung der zul?ssigen wechselspannung f r resonant frequency resonanzfrequenz f d thermal acceleration factor for diffusion therm. beschleunigungsfaktor zur diffusion f t derating factor deratingfaktor i current (peak) stromspitze i c category current (max. continuous current) kategoriestrom (max. dauerstrom) b32674 ... b32678 mkp dc link  high power series page 36 of 40 please read cautions and warnings and important notes at the end of this document.
symbol english german i rms (sinusoidal) alternating current, root-mean-square value (sinusf?rmiger) wechselstrom i z capacitance drift inkonstanz der kapazit?t k 0 pulse characteristic impulskennwert l s series inductance serieninduktivit?t l failure rate ausfallrate l 0 constant failure rate during useful service life konstante ausfallrate in der nutzungsphase l test failure rate, determined by tests experimentell ermittelte ausfallrate p diss dissipated power abgegebene verlustleistung p gen generated power erzeugte verlustleistung q heat energy w?rmeenergie r density of water vapor in air dichte von wasserdampf in luft r universal molar constant for gases allg. molarkonstante fr gas r ohmic resistance of discharge circuit ohmscher widerstand des entladekreises r i internal resistance innenwiderstand r ins insulation resistance isolationswiderstand r p parallel resistance parallelwiderstand r s series resistance serienwiderstand s severity (humidity test) sch?rfegrad (feuchtetest) t time zeit t temperature temperatur t time constant zeitkonstante tan d dissipation factor verlustfaktor tan d d dielectric component of dissipation factor dielektrischer anteil des verlustfaktors tan d p parallel component of dissipation factor parallelanteil des verlfustfaktors tan d s series component of dissipation factor serienanteil des verlustfaktors t a temperature of the air surrounding the component temperatur der luft, die das bauteil umgibt t max upper category temperature obere kategorietemperatur t min lower category temperature untere kategorietemperatur t ol operating life at operating temperature and voltage betriebszeit bei betriebstemperatur und -spannung t op operating temperature beriebstemperatur t r rated temperature nenntemperatur t ref reference temperature referenztemperatur t sl reference service life referenz-lebensdauer b32674 ... b32678 mkp dc link  high power series page 37 of 40 please read cautions and warnings and important notes at the end of this document.
symbol english german v ac ac voltage wechselspannung v c category voltage kategoriespannung v c,rms category ac voltage (sinusf?rmige) kategorie-wechselspannung v cd corona-discharge onset voltage teilentlade-einsatzspannung v ch charging voltage ladespannung v dc dc voltage gleichspannung v fb fly-back capacitor voltage spannung (flyback) v i input voltage eingangsspannung v o output voltage ausgangssspannung v op operating voltage betriebsspannung v p peak pulse voltage impuls-spitzenspannung v pp peak-to-peak voltage impedance spannungshub v r rated voltage nennspannung r amplitude of rated ac voltage amplitude der nenn-wechselspannung v rms (sinusoidal) alternating voltage, root-mean-square value (sinusf?rmige) wechselspannung v sc s-correction voltage spannung bei anwendung "s-correction" v sn snubber capacitor voltage spannung bei anwendung "beschaltung" z impedance scheinwiderstand lead spacing rasterma? b32674 ... b32678 mkp dc link  high power series page 38 of 40 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 39 of 40
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 40 of 40


▲Up To Search▲   

 
Price & Availability of B32676T6275000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X