Part Number Hot Search : 
ISF1209A 1N4001FH BCW70 30P03 3EBXXX AD779 MA4E199 LEUWE3B
Product Description
Full Text Search
 

To Download AUIRFZ44NSTRR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  auirfz44ns auirfz44nl hexfet ? power mosfet  www.irf.com 1 s d g automotive grade advanced planar technology low on-resistance dynamic dv/dt rating 175c operating temperature fast switching fully avalanche rated repetitive avalanche allowed up to tjmax lead-free, rohs compliant automotive qualified * features description absolute maximum ratingsstresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ gds gate drain source v (br)dss 55v r ds(on) max. 17.5m i d 49a d 2 pak auirfz44ns to-262 auirfz44nl s d g d d s g specifically designed for automotive applications, thisstripe planar design of hexfet? power mosfets utilizes the latest processing techniques to achieve low on-resistance per silicon area. this benefit combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in automotive and a wide variety of other applications. parameter units i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t a = 25c power dissipation p d @t c = 25c power dissipation linear derating factor w/c v gs gate-to-source voltage v e as (thermally limited) single pulse avalanche energy  e as (tested) single pulse avalanche energy tested value  i ar avalanche current  a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case CCC 1.5 r ja junction-to-ambient CCC 40 mj 530 9.4 300 (1.6mm from case ) 3.8 25 -55 to + 175 150 w c/w 94 max. 4935 160 0.63 20 5.0 pd-96391a downloaded from: http:///

2 www.irf.com s d g  repetitive rating; pulse width limited by max. junction temperature. (see fig. 11)  starting t j = 25c, l = 0.48mh, r g = 25 , i as = 25a. (see figure 12)  i sd  25a  di/d
  230a/ s, v dd   v (br)dss , t j 175c  pulse width 400 s; duty cycle 2%.  this is a typical value at device destruction and represents operation outside rated limits.  this is a calculated value limited to t j = 175c .  s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 55 CCC CCC v v (br)dss / t j breakdown voltage temp. coefficient CCC 0.058 CCC v/c r ds(on) static drain-to-source on-resistance CCC CCC 17.5 m v gs(th) gate threshold voltage 2.0 CCC 4.0 v gfs forward transconductance 19 CCC CCC s i dss drain-to-source leakage current CCC CCC 25 a CCC CCC 250 i gss gate-to-source forward leakage CCC CCC 100 na gate-to-source reverse leakage CCC CCC -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge CCC CCC 63 q gs gate-to-source charge CCC CCC 14 nc q gd gate-to-drain ("miller") charge CCC CCC 23 t d(on) turn-on delay time CCC 12 CCC t r r i s e t i m e C C C6 0C C C t d(off) turn-off delay time CCC 44 CCC ns t f f a l l t i m e C C C4 5C C C l d internal drain inductance between lead, nh 6mm (0.25in.) l s internal source inductance from package and center of die contact c iss input capacitance CCC 1470 CCC c oss output capacitance CCC 360 CCC c rss reverse transfer capacitance CCC 88 CCC diode characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage CCC CCC 1.3 v t rr reverse recovery time CCC 63 95 ns q rr reverse recovery charge CCC 170 260 n c t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) 49 160 a CCC CCC CCC CCC CCC CCC 4.5 7.5 i d = 25a r g = 12 CCC CCC t j = 25c, i s = 25a, v gs = 0v  t j = 25c, i f = 25a di/dt = 100a/ s  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 25a  v ds = v gs , i d = 250 a v ds =55v, v gs = 0v v ds = 44v, v gs = 0v, t j = 150c mosfet symbol showing the integral reverse p-n junction diode. conditions v gs = 10v , see fig.10  v gs = 0v v ds = 25v ? = 1.0mhz, see fig.5 pf v ds = 25v, i d = 25a  i d = 25a v ds = 44v v gs = 20v v gs = -20v v gs = 10v,see fig 6 and 13 v dd = 28v downloaded from: http:///

www.irf.com 3 ? qualification standards can be found at international rectifiers web site: http//www.irf.com/ ?? exceptions (if any) to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage qualification information ? moisture sensitivity level 3l-d2 pak msl1 3l-to-262 n/a human body model class h1b(+/- 1000v ) ??? (per aec-q101-001) qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. charged device model class c5(+/- 2000v ) ??? (per aec-q101-005) rohs compliant yes esd machine model class m3(+/- 400v ) ??? (per aec-q101-002) downloaded from: http:///

4 www.irf.com   
              
     1 10 100 1000 4567891 0 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) a v = 25v 20 s pulse width ds t = 175c j 0.0 0.5 1.0 1.5 2.0 2.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 41a d 
  
     1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20 s pulse width t = 25c c a 4.5v     1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v a 4.5v 20 s pulse width t = 175c c     downloaded from: http:///

www.irf.com 5         !           !   "# 
 !$   %  !  %    ! 0 500 1000 1500 2000 2500 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 4 8 12 16 20 0 1 02 03 04 05 06 07 0 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 v = 44v v = 28v dsds i = 25a d 1 10 100 1000 0.5 1.0 1.5 2.0 2.5 3.0 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10 s 100 s 1ms 10ms a t = 25c t = 175c single pulse cj downloaded from: http:///

6 www.irf.com fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature    !       !&'   
  1   0.1 %           + -   v ds 90%10% v gs t d(on) t r t d(off) t f 25 50 75 100 125 150 175 0 10 20 30 40 50 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) downloaded from: http:///

www.irf.com 7 d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  %  !     (%  !&' 
 ) *  '&' 
 ) *  '    
 "# $' +!   r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v t p v (br)dss i as q g q gs q gd v g charge   0 100 200 300 400 500 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as i top 10a 18a bottom 25a a starting t , junction temperature (c) v = 25v d dd downloaded from: http:///

8 www.irf.com   for n-channel  hexfet ? power mosfets 
  

  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -        ? 

  ?  
!
"#
$$ ?  %& '

, &!&
(#!
'&#
&' ? ()*
# !
#  ? +!,#  ? ()(#-#. !
#  !
 #'/0  , ',#&
/ /,%1#    -. ,,,     /(.&(#2&&'  downloaded from: http:///

www.irf.com 9    
 
      
  
          
          
      /     0  1 */!     232 &&3&4&4 $3$  '5/ downloaded from: http:///

10 www.irf.com to-262 part marking information to-262 package outline ( dimensions are shown in millimeters (inches))  
          
      /     0  1 */!     232 &&3&4&4 $3$  '5/ downloaded from: http:///

www.irf.com 11    ! "# 
 dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. downloaded from: http:///

12 www.irf.com ordering information base part package type standard pack complete part number form quantity auirfz44nl to-262 tube 50 auirfz44nl auirfz44ns d2pak tube 50 auirfz44ns tape and reel left 800 auirfz44nstrl tape and reel right 800 AUIRFZ44NSTRR downloaded from: http:///

www.irf.com 13  
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir)reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyers own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRFZ44NSTRR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X