Part Number Hot Search : 
1057091 WP57EYW RT917208 VCH16245 SFT66781 SD1144 05H6L 16VWQ
Product Description
Full Text Search
 

To Download ASVMX-25000MHZ-5ABA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  asvmx-25.000mhz-5aba ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified high performance pb rohs/rohs ii compliant part identification key electrical specification s 7.0 x 5.0 x 1.4mm features: applications:  25mhz lvpecl  typical phase noise: 100fs (integration range: 1.875mhz-20mhz)  50ppm total frequency stability over -40c to +85c temperature range  industry standard 6-pin 7 x 5mm lga package  communications  backplane reference clock  serdes reference clock  fpga moisture sensitivity level ? msl 3 2 faraday, suite# b | irvine | ca 92618 revised: 05.01.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc esd sensitive item minimum maxim u m unit co ndition suppl y voltage -0.3 +3.6 v storage temp. -55 +125 c lead tem p.(sol d e r ing, 10s) + 2 6 0 c esd (hbm) 2 kv ultra-low phase jitter lvpecl smd clock oscillator vd d = 2.375 - 3. 6 3v , t a = - 4 0c to +85c , outputs term i nated wi th 5 0 o h m s to v d d - 2 . (1) notes: 1 . gu aran teed aft er th e rm al equilib riu m 2 . incl usive of ini tial accuracy, t e m perature dri ft, a ging, s hoc k , v ibr ation fro m - 40 c to +85 c. paramete rs minimum typical maxim u m units notes z h m 0 0 0 . 5 2 y c n e u q e r f operating tem p erature (t a ) -40 + 85 c overall frequency stabilit y (2) -5 0 +50 ppm suppl y voltage (v d d ) +2.375 +3.63 v suppl y current (i d d ) 120 m a output logic level v o h v d d -1.35 v d d -1.01 v d d -0.8 v v o l v d d -2.0 v d d -1.78 v d d -1.6 v peak t o peak out put swi ng (v s win g ) 0.65 0 .77 0.95 v single ended s m 0 2 e m i t p u - t r a t s 0 5 3 5 8 ) r t ( e m i t e s i r ps rl=50? , cl=0pf 20% to 80% 0 5 3 5 8 ) f t ( e m i t l l a f % 5 5 5 4 e l c y c y t u d phase noise integration r a nge: 12khz to 20mhz 220 fsrms integration r a nge: 1.87 5mhz to 20mhz 100 asvmx-25.000mhz -5aba - pa ck in g blank: b u l k o r t u b e t: tape & ree l (1k/reel)
asvmp ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified low jitter high performance pb rohs/rohs ii compliant description: 2 faraday, suite# b | irvine | ca 92618 revised: 05.01.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc 7.0 x 5.0 x 1.4mm recommended land pattern dimensions: mm outline dimension asvmx-25.000mhz-5aba ref. min. nom. max. a 1.260 1.330 1.400 a 1 0 . 1 90 0 . 2 30 0 . 2 70 a 2 1 . 0 70 1 . 1 00 1 . 1 30 d 4.900 5.000 5.100 d1 3 .700 bsc e 6.900 7.000 7.100 e1 5 .080 bsc b 1.050 1.100 1.150 c 1.350 1.400 1.450 e 2.54 0 bsc f 0.050 0.100 0.150 k 0.210 0.260 0.310 m 1.090 1.140 1.190 n 3 6 dimen s ional tolerance aaa 0.100 bbb 0.070 ultra-low phase jitter lvpecl smd clock oscillator
asvmp ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified low jitter high performance pb rohs/rohs ii compliant description: 2 faraday, suite# b | irvine | ca 92618 revised: 05.01.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc 7.0 x 5.0 x 1.4mm pin configuration reflow profile par a meters specifications a v e r a g e r am p - u p r ate 3 c / s econ d max . p r e-h eat tem p 1 5 0 ? 200 c 6 0 ? 180 s econd tem p > 217 c 6 0 ? 150 s econd t i m e @ peak tem p e r atu r e 2 0 ? 40 second peak tem perature 2 6 0 c + 0 c / -5 c r a m p - d o w n r at e - 6 c / s eco n d max . tim e 2 5 c to peak tem p. 8 m i nut es m ax. asvmx-25.000mhz-5aba ultra-low phase jitter lvpecl smd clock oscillator pin # pin name pin type pin level pin func tion 1 oe i, se lvc m os outp ut enable, dis ables o u t put t o tri - s tate. 0 = di s a bl e d, 1 = e n a bl ed , 5 0 k ? p ull- up 2 d nc m a ke no c o nnect i o n, leav e f l o a t ing 3 gnd pwr pow er s uppl y ground 4 q o lvpecl c lock ou t pu t 5 /q o l vpecl com pli m entary clo ck output 6 vdd pwr power s uppl y
a tten t i o n : a b r aco n c orpo r ation ? s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applica- tio n s . abraco n ? s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and author ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. asvmp ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified low jitter high performance pb rohs/rohs ii compliant description: 2 faraday, suite# b | irvine | ca 92618 revised: 05.01.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc 7.0 x 5.0 x 1.4mm tape & reel asvmx-25.000mhz-5aba t= tape & reel, 1000pcs/reel. reel si z e = 7-inch reel msl-3 packaging applies to ?t op tion. blank = bulk or tube (43pcs/tube) msl-3 packaging applies to moq=43 units (tube) 3 1 3 . 7 5 ~ 3 1 6 . 2 5 5 . 5 00 . 2 0 6 . 5 0 r ef. 1 . 80+ 0 . 2 0 / - 0 . 10 2 . 8 0 r ef. 0 . 5 00 . 1 0 a ll s i d es ultra-low phase jitter lvpecl smd clock oscillator dimensions: mm


▲Up To Search▲   

 
Price & Availability of ASVMX-25000MHZ-5ABA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X