Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download ABS250K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abs125k, ABS250K ab s125k, ab s250k protectifiers ? C lowv f bridge rectifier with overvoltage protection protectifiers ? C lowv f -brckengleichrichter mit berspannungsschutz version 2014-0 8 -2 2 dimensions - ma?e [mm] nominal current C nennstrom 1. 5 a alternating input voltage eingangswechselspannung 125v, 250 v plastic case kunststoffgeh?use abs weight approx. gewicht ca. 0.1 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled green molding standard lieferform gegurtet auf rolle halogen-free features vorteile low v f for reduced power losses high inrush surge capability i fsm high reverse robustness e rsm highest esd rating class 3b ul recognized product C file e175067 niedriges v f fr reduzierte verluste hoher einschalt-stromsto? i fsm hohe sperrseitige robustheit e rsm h?chste esd-klasse 3b ul-anerkanntes produkt C file nr. e175067 maximum ratings and charactistics (t j = 25c) grenz- und kennwerte (t j = 25c) type typ alternating input voltage eingangswechselspannung max. rev. current max. sperrstrom 1 ) breakdown voltage abbruch-spannung forward voltage fluss-spannung 1 ) v vrms [v] i d [a] @ v wm [v] v br [v] @ i t [ma] v f [v] @ i f [a] ab s125k < 140 < 5 190 > 210 1 < 0.95 1. 5 abs 250k < 280 < 5 380 > 400 1 < 0.95 1. 5 max. average forward rectified current dauergrenzstrom t a = 50c i fav 1. 5 a 2 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 15 a peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 59 / 6 5 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 17 . 4 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 60 k/w 1 ) 1 valid per diode C gltig pro diode 2 mounted on p.c. board with 25 mm 2 copper pads at each terminal montage auf leiterplatte mit 25 mm 2 kupferbelag (l?tpad) an jedem anschluss ? diotec semiconductor ag http://www.diotec.com/ 1 6.2 +0.2 1 . 4 0 . 1 0.6 0.1 4.0 0.2 4 . 4 0 . 2 5.0 0.2 + ~ ~ 0.2 0.1 1 . 5 0 . 1 type typ
abs125k, ABS250K characteristics kennwerte esd rating according to jesd22-a114 / contact discharge esd-festigkeit gem?? jesd22-a114 / kontaktentladung c = 100pf r = 1.5k 3b 8 kv non-repetitive peak reverse avalanche energy einmalige impulsenergie in sperr-richtung i rsm = 1 ma t a = 25c e rsm 20 mj max. forward peak pulse current 10/1000s pulse 1 ) max. impuls-strom in fluss-richtung t a = 25c i fpm 75 a 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature zul. richtstrom in abh. von der umgebungstemp. i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 10/1000s - pulse waveform 10/1000s - impulsform i pp p pp 100 80 60 40 20 0 0 t 1 2 3 4 [ms] [%] t p i /2 ppm p /2 ppm t = 10 s r 10 10 1 10 10 2 -1 -2 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 t = 25c j t = 125c j 55a-(1.5a-0.9v)


▲Up To Search▲   

 
Price & Availability of ABS250K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X