Part Number Hot Search : 
MAX478 CXA1571 RT9903B LM358DT LB1976 HEF4021B CNY174M W041K1
Product Description
Full Text Search
 

To Download ABS25-32768KHZ-6-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||| | | ||||| | | | abs25 standard specifications: 8 .0 x 3.8 x 2.5 mm applications: ? wide range in communication & measuring equipment ? commercial & industrial applications ? computer clock ? suitable for rohs compliant reflow ? extended temperature -40c to +85c for industrial applicatio ns features: ? plastic molded smd ? 2.5mm height ideal for high density circuit boards options and part identification: (left blank if standard) 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 05.31.11 visit www.abracon.com for terms & conditions of sale rohs compliant pb in hig h t empe r ature solder (e x empt per rohs 2002/95/ec annex (7)) abracon is ce r tified abracon is iso9001:2008 ce r tified paramete rs m i ni mu m t y pi c a l m a x i m u m units notes z h k - - - - - 8 6 7 . 2 3 - - - - - y c n e u q e r f l a n i m o n z h k 0 0 1 - - - - - 0 3 e g n a r y c n e u q e r f operating tem p erature -40 ----- +85 o c t u rnove r t e m p e ratu re + 2 0 + 2 5 + 3 0 o c 5 5 - e r u t a r e p m e t e g a r o t s ----- +125 o c frequency t o lerance @+2 5 c -20 ----- +20 p p m 3 2. 7 68k hz -30 ----- +30 ot he r fre que nc i e s see optio n s capacitance ratio (c0/c1) ----- 450 ----- 32.768khz ----- 425 t o 800 ----- other frequencies frequen c y c o e fficient (?) -0. 0 4 0 -0.0 3 4 -0.0 2 8 p p m / t 2 equivalent series resi stance (r1) ----- ----- 50 k ? shunt capacitance (c0) ----- 1.35 ----- pf 32.768khz 0.8 t o 1 . 7 p f othe r frequencie s load capacitance (cl) ----- 12.5 ----- pf see options w 1 - - - - - - - - - - l e v e l e v i r d aging -3 ----- +3 p p m @ 2 5 c 3 c first y ear -5 ----- +5 m - - - - - - - - - - 0 0 5 e c n a t s i s e r n o i t a l u s n i ? @ 100 vd c 1 5 v abs25 - - - - frequenc y in khz load capacitance (pf ) freq. t o lerance p a c k a g i n g please speci fy the fr e q u e n c y i n k h z . e . g . 3 2 . 7 6 8 k h z please speci fy load ca p. i n p f ( ex. 6 p f ) 1 : 1 0 p p m bla n k : b u l k 5 : 1 5 p p m t: tape and r eel 2 * : 2 0 p p m 3 : 2 5 p p m 4 * * : 3 0 p p m * s td for 3 2 .7 6 8 kh z. please l e a ve t h i s blank i f f i s 3 2 .768 kh z. * * s td for oth e r frequencies. plea s e l ea v e t h i s bl ank i f f i s n ot 3 2 .7 68kh z. 3 2 . 768 k hz low fr equ e ncy s m d cryst a l
|||||| | |||||| | | abs25 8 .0 x 3.8 x 2.5 mm ce r tified rohs compliant pb in hig h t empe r ature solder (e x empt per rohs 2002/95/ec annex (7)) dimensions: (inches) mm outline drawing: tape & reel: t = tape and reel 3,000pcs/reel dimensions: mm e lec tr ade a r r angemen t p in 2 and 3 ar e not c onnec t ed t o the gnd (f loa ting) reflow profile a t ten t i o n : a b r a c o n c o rp o r a tio n ? s p r o d u c t s a r e c o t s ? c omme r c i a l - o ff- t h e - s h e l f p r o d u c t s ; s u i t a b l e f o r c o m m e r cial , ind u s t r i a l a n d , w h e r e d e s i g n a t e d , a u t o m o - t i v e a p p l i c a t i o n s . a b r a c o n ? s p r o d u c t s a r e n o t s p ecif i c ally des ign e d f o r m i l ita r y , a v i a tio n , a e r o s p a c e , l i f e - d e p e n d a n t m e d i c a l a p p l i c a t i o n s o r a n y a pplic a t i o n r e qui r - i n g h i g h r e l i a bili t y w h e r e c o m p one n t f ailu r e c o u l d r e s ult i n l oss o f l i f e a n d /or p r o p e r t y . f o r a p p l i c a t i o n s r e q u i r i n g h i g h r e l i a b i l i t y and / o r p r e s e n t i n g a n e x t r eme o p e r a t i n g e n v i r o n m e n t , w r i t t en c o n s e n t and auth o r i z a tion f r om a b r a c o n c o r p o r a t i o n i s r e q u i r e d . p l e a s e c o n t a c t a b r a c o n c o r p o r a t i o n f o r m o r e i n f o rm a t i o n . abracon is ce r tified abracon is iso9001:2008 ce r tified 303 3 2 e s p e r anz a , r a n c h o s a n t a m a r g a r i t a , cal i f o r n i a 9 2 6 8 8 t e l 949 - 546 - 8 0 0 0 | f a x 949 - 546 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 05.31.11 visit www.abracon.com for terms & conditions of sale 3 2 . 768 k hz low fr equ e ncy s m d cryst a l


▲Up To Search▲   

 
Price & Availability of ABS25-32768KHZ-6-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X