Part Number Hot Search : 
90N04 2SC3198O HT45F4N 2SK868 SMB13 NDT451 ARSL256 XMXXX
Product Description
Full Text Search
 

To Download 82XXG-X-AF5-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 82xx preliminary linear integrated circuit www.unisonic.com.tw 1 of 7 copyright ? 2014 unisonic technologies co., ltd qw-r502-326.f monolithic ic 82xx series ? description the normal operation of the utc 82xx is that while the power is turned on or interrupted, detect po wer supply voltage and then reset the system accurately. the internal circuits of the utc 82xx include a built-in fixed delay time generating circuit. with a counter timer using an analog/digital hybrid circuit, the utc 82xx as new low reset type system reset ics expands the delay time series. these ics can be used in a vari ety of cpu systems and other logic systems. ? features * internal fixed delay time setting by counter timer * grate delay time temperatur e characteristics:800ppm/c * operating limit voltage as 0.65v(typ.) * hysteresis voltage provided: 50mv(typ.) * circuit current while on i ccl =300a(typ.) * circuit current while off i cch =200a(typ.) ? ordering information ordering number package packing 82XXG-X-AF5-R sot-25 tape reel notes: xx: output voltage, refer to marki ng information. x : delay time, refer to electrical characteristics of "h" transport delay time (1) r: tape reel (2) af5: sot-25 (3) x: refer to electrical charactreistics of "h" transport (3) delay time (4) g: halogen free and lead free (5) xx: refer to marking information 82xx g -x -af5 -r (1) packing type (2) package type (3) delay time (4) green package (5) output voltage code
82xx preliminary linear integrated circuit unisonic technologies co., ltd 2 of 7 www.unisonic.com.tw qw-r502-326.f ? marking information package voltage code marking sot-25 25:2.5v 27:2.7v 2k:2.93v ? pin configuration ? pin description pin no. pin name description 1 v out output pin 2 nc connected nothing 3 reset reset control pin 4 v cc supply voltage 5 gnd ground ? block diagram 47k 47k
82xx preliminary linear integrated circuit unisonic technologies co., ltd 3 of 7 www.unisonic.com.tw qw-r502-326.f ? absolute maximum rating (t a =25c, unless otherwise specified) parameter symbol ratings unit power supply voltage v cc -0.3~+10 v manual reset input voltage v reset -0.3~+10 v power dissipation p d 400 mw operating temperature t opr -20~+75 c storage temperature t stg -40~+125 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25c, unless otherwise specified) v s =2.5v~2.93v parameter symbol test conditions min typ max unit detection voltage v s v ol 0.4v, v cc =h l, r l =470 ? (see test circuit 1) v s -0.15v v s v s +0.15v v low-level output voltage v ol v cc =v s(min) -0.05v, r l =470 ? (see test circuit 1) 0.1 0.4 v operating power supply voltage v opl r l =4.7k ? , v ol 0.4v 0.65 0.85 v hysteresis voltage ? v s v cc =l h l , r l =470 ? (see test circuit 1) 30 50 100 mv detection voltage temperature coefficient t ? s v r l =470 ? , t a =-20c~+75c (see test circuit 1) 0.01 %/c output leakage current i oh v cc =10v (see test circuit 1) 0.1 a circuit current (see test circuit 1) on i ccl v cc = v s ( min ) -0.05v, r l = 300 600 a off i cch v cc =v s ( typ ) /0.85v, r l = 200 350 a "h" transport delay time t plh r l =4.7k ? , c l =100pf (note 1) (see test circuit 2) p 30 50 75 ms q 60 100 150 ms r 120 200 300 ms s 240 400 600 ms t 480 800 1200 ms "l" transport delay time t phl r l =4.7k ? , c l =100pf (note 1) (see test circuit 2) 10 s output current while on 1 i ol1 v cc =vs min.-0.05v, r l =0 ? (see test circuit 1) 8 ma output current while on 2 i ol2 t a =-20c ~+75c, r l =0 ? (note 2) (see test circuit 1) 6 ma manual reset pin input high voltage v resh 2.0 v input high current i resh v reset =2v 80 a input low voltage v resl 0.8 v notes: 1. t plh : v cc = (v s(typ) -0.4v) ? (v s(typ) +0.4v) t phl : v cc = (v s(typ) +0.4v) ? (v s(typ) -0.4v) 2. v cc =v s(min) -0.15v 3. v out pin is low when manual reset pin is high. v out pin is high when manual reset pin is low.
82xx preliminary linear integrated circuit unisonic technologies co., ltd 4 of 7 www.unisonic.com.tw qw-r502-326.f ? test circuits a1 a2 v1 10f/10v r l v cc v out gnd manual reset v cc v2 test circuit 1 a: dc ammeter v: dc voltmeter crt: oscilloscope r l =4.7k (2)input pulse input pulse c l= 100pf 10f/10v 5.0v 0v v s 0.8v 4.9 4.1 note input model is an example for 82xx 0.2f/10v v out gnd manual reset v cc crt test circuit 2
82xx preliminary linear integrated circuit unisonic technologies co., ltd 5 of 7 www.unisonic.com.tw qw-r502-326.f ? timing chart v cc/ v out (v)
82xx preliminary linear integrated circuit unisonic technologies co., ltd 6 of 7 www.unisonic.com.tw qw-r502-326.f ? typical application circuits to v cc 1. normal hard reset note: connect a capacitor between ic v cc and gnd pins if v cc line impedance is high. r l to cpu reset pin v out gnd manual reset v cc to v cc r l to cpu reset pin manual sw 2. manual reset v out pin low for manual switch on. v out pin high for manual switch off. note: connect a capacitor between ic v cc and gnd pins if v cc line impedance is high. v out gnd manual reset v cc to v cc 3. mute circuit r l to mute circuit note: connect a capacitor between ic v cc and gnd pins if v cc line impedance is high. v out gnd manual reset v cc
82xx preliminary linear integrated circuit unisonic technologies co., ltd 7 of 7 www.unisonic.com.tw qw-r502-326.f utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 82XXG-X-AF5-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X