Part Number Hot Search : 
TC9271FS 253FF AP300 W503YDT IN74HC1 C4104A CP592 H16S7
Product Description
Full Text Search
 

To Download 2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n2221a 2N2222A silicon npn transistors description: the central semiconductor 2n2221a and 2N2222A are silicon npn epitaxial planar transistors designed for small signal, general purpose switching applications. marking: full part number maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 75 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6.0 v continuous collector current i c 800 ma power dissipation p d 500 mw power dissipation (t c =25c) p d 1.8 w operating and storage junction temperature t j , t stg -65 to +200 c thermal resistance ja 350 c/w thermal resistance jc 97 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =60v 10 na i cbo v cb =60v, t a =150c 10 a i cev v ce =60v, v eb =3.0v 10 na i ebo v eb =3.0v 10 na bv cbo i c =10a 75 v bv ceo i c =10ma 40 v bv ebo i e =10a 6.0 v v ce(sat) i c =150ma, i b =15ma 0.3 v v ce(sat) i c =500ma, i b =50ma 1.0 v v be(sat) i c =150ma, i b =15ma 0.6 1.2 v v be(sat) i c =500ma, i b =50ma 2.0 v 2n2221a 2N2222A min max min max h fe v ce =10v, i c =0.1ma 20 - 35 - h fe v ce =10v, i c =1.0ma 25 - 50 - h fe v ce =10v, i c =10ma 35 - 75 - h fe v ce =10v, i c =10ma, t a =-55c 15 - 35 - h fe v ce =10v, i c =150ma 40 120 100 300 h fe v ce =1.0v, i c =150ma 20 - 50 - h fe v ce =10v, i c =500ma 25 - 40 - to-18 case r5 (5-december 2013) www.centralsemi.com
2n2221a 2N2222A silicon npn transistors to-18 case - mechanical outline lead code: 1) emitter 2) base 3) collector marking: full part number electrical characteristics - continued: (t a =25c) 2n2221a 2N2222A symbol test conditions min max min max units f t v ce =20v, i c =20ma, f=100mhz 250 - 300 - mhz c ob v cb =10v, i e =0, f=100khz - 8.0 - 8.0 pf c ib v eb =0.5v, i c =0, f=100khz - 25 - 25 pf h ie v ce =10v, i c =1.0ma, f=1.0khz 1.0 3.5 2.0 8.0 k h ie v ce =10v, i c =10ma, f=1.0khz 0.2 1.0 0.25 1.25 k h re v ce =10v, i c =1.0ma, f=1.0khz - 5.0 - 8.0 x10 -4 h re v ce =10v, i c =10ma, f=1.0khz - 2.5 - 4.0 x10 -4 h fe v ce =10v, i c =1.0ma, f=1.0khz 30 150 50 300 h fe v ce =10v, i c =10ma, f=1.0khz 50 300 75 375 h oe v ce =10v, i c =1.0ma, f=1.0khz 3.0 15 5.0 35 s h oe v ce =10v, i c =10ma, f=1.0khz 10 100 25 200 s rbc c v cb =10v, i e =20ma, f=31.8mhz - 150 - 150 ps nf v ce =10v, i c =100a, r s =1.0k, f=1.0khz - - - 4.0 db t d v cc =30v, v be =0.5v, i c =150ma, i b1 =15ma - 10 - 10 ns t r v cc =30v, v be =0.5v, i c =150ma, i b1 =15ma - 25 - 25 ns t s v cc =30v, i c =150ma, i b1 =i b2 =15ma - 225 - 225 ns t f v cc =30v, i c =150ma, i b1 =i b2 =15ma - 60 - 60 ns www.centralsemi.com r5 (5-december 2013)


▲Up To Search▲   

 
Price & Availability of 2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X