Part Number Hot Search : 
BP5319X MGFS39 N208C H8S2169 NL27WZ14 ON1538 FDMC6679 H8S2169
Product Description
Full Text Search
 

To Download 170005020L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  05-7 pico-imx6 pico-itx fanless board with freescale? arm cortex-a9 i . mx6 soc optional accessories ? pico-imx6 ? dvd ? 170204010s power cable ? 1701090152 uart cable packing list ? 1700100129 audio cable ? 1701090152 uart cable ? 170005020L internal usb lvds lvds pwr usb x 2 debug port sata can bus dio audio com lan mini card sim usb mini hdmi micro sd power freescale? i.mx6 quad automotive/duallite commercial processor onboard ddr3 memory 1 gb gigabit ethernet x 1 18-bit single-channel lvds, mini hdmi high definition audio interface sata x 1, microsd slot, emmc (optional, up to 16gb) usb2.0 up to 4, usb otg x 1, mini-pcie x 1, canbus +12v power input system form factor pico-itx processor freescale? i.mx6 quad/dual lite system memory ddr3 1 gb chipset freescale i.mx6 quad/dual lite i/o chipset ethernet ar8033, gigabit ethernet controller, rj-45 x 1 watchdog timer h/w status monitoring yes expansion interface mini-card slot with sim (option) power requirement +12v, at or atx power consumption (typical) quad: 0.6a@12v, full load board size 3.94" x 2.75" (100mm x 72mm) gross weight 0.88 lb (0.4 kg) operation temperature 32of ~ 140of (0oc ~ 60oc) storage temperature -40of ~ 176of (-40oc ~ 80oc) operation humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) display chipset freescale i.mx6 memory shared memory: 512 mb/ dvmt 5.0 resolution hdmi: 1920 x 1080 lcd up to 1024 x 768 lcd interface 18-bit single channel lvds lcd 2015/07/20 i/o storage sata (optional), onboard emmc (optional) serial port 4-wire uart x 2 (one for debug port) usb usb 2.0 x 1 (up to 4), usb otg x 1 digital i/o 8-bit digital i/o (programmable) audio mic-in, speaker-out can bus section can bus x 1 www.aaeon.com 05 features pico-itx boards specifications
05-8 pico-imx6 ordering information part number form factor cpu memory display lvds storage lan usb uart expansion power temp. others pico- imx6-a10-0001 pico itx freescale i.mx6 quad automotive grade onboard 1gb ddr3l minihdmi 18b 1ch sata x 1, 4gb onboard emmc, micro sd card gbe x1 usb2.0 x 4 usb otg x 1 4-wire x 2 minicard slot x 1 12v 0c ~ 60c can bus x1, gpio x 8, i2c x 1 pico- imx6-a10-0002 pico itx freescale i.mx6 dual lite consumer grade onboard 1gb ddr3l minihdmi 18b 1ch micro sd card gbe x1 usb2.0 x 1 usb otg x 1 4-wire x 2 12v 0c ~ 60c can bus x1, gpio x 8, i2c x 1 m in i h d m i h dmi 1.4 l v d s x 1 l v ds 18 - b it m ic r o sd fr eesc a l e i . m x 6 q u a d / d u a l l i t e sdi o s a t a s a t a i i e m m c 4 g b sdi o 8 x gp i o g p i o i 2c r t c u ar t ( d b 9 ) u ar t i 2 c ddr 3 m e m o r y do w n w m 8 9 6 2 b a u d i o c o de c a r 8 0 3 3 l a n ch i p u s b hu b i 2s r g mi i u sb u s b 2.0 u s b 2.0 u s b 2.0 p c i e u sb 2 . 0 * 2 u sb 2 . 0 * 2 ( t y p e - a ) m in i c ar d u ar t u sb o t g c an i 2c u a r t / d e b u g p o r t m ic r o u sb c a n b u s x 1 g ig a l an e t h e r n e t 1 0 / 1 0 0 / 1 0 0 0 mi c in / s p k o u t a u d io www.aaeon.com note: all specifications are subject to change without notice. block diagram dimension unit: mm


▲Up To Search▲   

 
Price & Availability of 170005020L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X