03-1 packing list ? 1700050207 usb cable, length 20cm ? 1701090150 com port cable, length 15cm ? 1709100254 audio cable, length 25cm ? 1702150155 power cable for 2.5 sata hard disk, length 15cm ? 1709070500 sata cable, length 50cm ? 1700060157 keyboard/mouse cable ? 17592qm774 cpu cooler 47w fan + heatsink, 60 x 60 x 25 mm (1u) optional accessories ? 170204010r power cable ? product dvd ? gene-qm87 with active cooler gene-qm87 3.5 subcompact board with onboard intel? 4th generation core? i5-4402e mobile processor usb3.0 lan dvi crt com lvds x 2 backlight x 2 sata x 2 dio usb x 6 com x 3 audio touch screen control hdmi sata 3 system form factor 3.5" processor onboard intel? 4th generation core? i5-4402e processor system memory 204-pin ddr3l 1333/1600 mhz sodimm x 1, up to 8 gb chipset intel? qm87 i/o chipset fintek f81866d ethernet intel? i211at & i217lm, 10/100/1000base-tx, rj-45 x 2 bios ami bios - 16 mb spi flash wake on lan yes watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages and temperature monitoring expansion interface mini-card x 1, lpc trusted platform module (tpm) infineon slb 9635tt 1.2 battery lithium battery power requirement +12v, at/atx power consumption (typical) intel? core? i5-4402e 1.6 ghz, ddr3l 1600 8gb 2.73a@+12v board size 5.75" x 4" (146mm x 101.6mm) gross weight 0.88 lb (0.4 kg) operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -40f ~ 176f (-40c ~ 80c) operating humidity 0% ~ 90% r/h, non-condensing mtbf (hours) 105,000 display supports crt/lcd, hdmi/lcd simultaneous/ dual view displays chipset intel? cpu integrated memory shared system memory up to 512 mb resolutions up to 2048 x 1536 for crt, up to 1920 x 1200 for lcd, hdmi, dvi lcd interface up to 24-bit dual-channel lvds x 2 hdmi hdmi x 1 dvi dvi x 1 i/o storage sata 6.0 gb/s x 2, cfast? x 1 serial port rs-232 x 3, rs-232/422/485 (auto flow) x 1 usb usb3.0 x 2, usb2.0 x 6 ps/2 port keyboard x 1, mouse x 1 digital i/o supports 8-bit (programmable) audio line-in, line-out, mic-in touch screen supports 4/5/8-wire resistive touch screen onboard intel? 4th generation core? i5-4402e processor intel? qm87 ddr3l 1333/1600 mhz sodimm x 1, up to 8 gb gigabit ethernet, rj-45 x 2 crt, dvi, 18/24-bit dual-channel lvds lcd x 2, hdmi 2ch hd audio sata 6.0 gb/s x 2 (optional raid), cfast? x 1 usb3.0 x 2, usb2.0 x 6, com x 4, 8-bit digital i/o mini-card x 1 +12v only operation supports iamt with intel? qm87 onboard 4/5/8-wire resistive touch screen controller msata x 1 (optional, would replace mini-pcie with jumper setting) ieee 1588 compatible ? note: all specifications are subject to change without notice. www.aaeon.com 03 features subcompact boards specifications
03-2 gene-qm87 part number cpu chipset fan/fanless display lvds storage lan usb rs-232 rs-232/422/485 expansion slot power power temp others gene-qm87-a10-01 intel?i5-4402e intel? qm87 fan crt + lvds lvds + hdmi lvds + hdmi 1st 18/24b, 2ch sata x 2 gbe x 2 usb3.0 x 2 ubs2.0 x 6 3 1 mini-card x 1 +12v, at/atx 0c ~ 60c sim, dio x 8 gene-qm87-a10 intel?i5-4402e intel? qm87 fan crt + lvds crt+ dvi crt + hdmi dvi + lvds dvi + hdmi lvds + hdmi lvds + lvds 1st 18/24b, 2ch 2nd 18/24b. 2ch sata x 2 cfast? x 1 gbe x 2 usb3.0 x 2 ubs2.0 x 6 3 1 mini-card x 1 +12v, at/atx 0c ~ 60c tpm, sim, touch controller, dio x 8 ordering information pcie [x1] intel? pch/qm87 intergrated clock 4 th generation intel? core i3/i5/i7 processors channel a dmi vga fdi sata iii * 2, cfast usb 2.0 * 6, touch spi rj - 45 usb 3.0 * 2 fintek super i/o f81866d dvi - i hdmi ddi port d ddi port c ddi port b cpu fan kb/ms com1 ~ 4 (com2 supports rs232/485/422) hw monitor dio 8 - bit rgb usb 3.0 usb 2.0 sata rj - 45 mini - card, w/ sim hd audio intel gbe phy i217lm realtek audio codec alc892,+ 2w amp audio intel gbe i211at tpm (option) pcie [x1] ddr3l so - dimm 18/24 - bit 2ch lvds edp lpc pcie/sata/usb bios nxp dp to lvds ptn3460 nxp dp to lvds ptn3460 18/24 - bit 2ch lvds www.aaeon.com note: all specifications are subject to change without notice. block diagram dimension unit: mm
|