Part Number Hot Search : 
245AD 2SK12 245AD DMMT3906 GBJ4A SM104 GSIB840 FM24C128
Product Description
Full Text Search
 

To Download 15MQ030NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage range: 30 - 60v 15MQ030NPBF - 15mq060npbf 15mq060npbf 15mq040npbf 15MQ030NPBF = 3.0a v case: sma(do-214ac), molded plastic current: 3.0 a 80 50 10 1.0 3.0 a  maximum ratings and electrical characteristics @t a =25c unless otherwise specified peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rms reverse voltage v r(rms) average rectified output current @t l = 105c i o non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm forward voltage @i f fm peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 20 ma typical thermal resistance (note 1) r  jl r  ja c/w operating temperature range t j -65 to +125 c storage temperature range t stg -65 to +150 c note: 1. mounted on p.c. board with 8.0mm 2 copper pad area. surface mount schottky barrier diodes characteristic symbol unit 30 40 60 v 21 28 42 v a features for surface mounted applications high temperature metallurgically bonded contacts plastic material - ul flammability classification 94v-0 high reliability high current capability and low vf submersible temperature of 265  c for 10 seconds in solder bath mechanical data terminals: solderable per mil-std-202, method 208 polarity: cathode band mounting position: any 1 of 2 www.sunmate.tw weight: 0.064 grams (approx.) 0.50 0.70 v a b c d g h e j dim minmax a 2.29 2.92 b 4.00 4.60 c 1.27 1.63 d 0.15 0.31 e 4.80 5.59 g 0.10 0.20 h 0.76 1.52 j 2.01 2.62 all dimensions in mm sma(do-214ac) ! ! ! ! ! ! ! ! ! ! !
2 of 2 fi g . 5 - t y p i c a l r eve r se ch a r a c t e r i s t i cs pe rc e n t r a t e d peak r eve r se v o l t a g e , ( %) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m a ) 100 10 1 .0 0 .1 0 . 01 0 . 001 0 20 40 60 80 100 120 140 t j = 125 t j = 25 t j = 100 l ea d t e m pe r a t ur e fi g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve a v e r a g e f o r w a r d c u r r e n t a m p e r e s 25 50 75 100 125 150 175 4 .0 1 .0 0 5 .0 3 .0 2 .0 s i n g l e p h ase h a l f w ave 60 hz r es i s t i ve o r i nduc t i ve l o ad c a p a c i t a n c e p f r eve r se v o l t a g e , v o l ts fi g . 4 - t y p i c a l j unc t i o n c apa c i t a nce 0 .1 1000 100 10 1 .0 4 .0 10 .0 100 t j = 25 f= 1 mh z fi g . 2 - m a x i m u m n o n - r epe t i t i ve s ur g e curr e nt p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s nu m be r o f c y c l es a t 60 hz 1 2 5 10 20 50 100 120 20 0 80 100 60 40 p u l se w i d t h 8 . 3 ms s i n g l e h a l f- s i n e - w ave ( j e d e c m e t h o d) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fi g . 3 - t y p i c a l f o r w a rd ch a r a c t e r i s t i cs i n s t a n t a n e o u s f o r w a rd v o l t a g e , (v o l t s) 1 .0 0 .1 10 0 .1 0 .3 0 .9 0 .5 1 .1 1 .7 0 0 .7 1 .3 1 .5 20 15MQ030NPBF 15mq040npbf 15mq060npbf www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of 15MQ030NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X