Part Number Hot Search : 
0831019 74AUP2 SMAJ12 FDB8878 LA2000M 30090 EC3597 LM2902W
Product Description
Full Text Search
 

To Download VS-MBRB3030CTLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94309 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 23-mar-10 1 schottky rectifier, 2 x 15 a VS-MBRB3030CTLPBF vishay high power products features ? 150 c t j operation ? center tap configuration ? very low forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified description this center tap schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. the proprietary barrier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary i f(av) 2 x 15 a v r 30 v anode 2 1 3 ba s e common cathode 2 anode 1 2 common cathode d 2 pak major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 30 a v rrm 30 v i fsm t p = 5 s sine 1100 a v f 15 apk, t j = 125 c (per leg) 0.34 v t j range - 55 to 150 c voltage ratings parameter symbol VS-MBRB3030CTLPBF units maximum dc reverse voltage v r 30 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 per leg i f(av) 50 % duty cycle at t c = 121 c rectangular waveform 15 a per device 30 maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 1100 10 ms sine or 6 ms rect. pulse 360 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 3 a, l = 2.9 mh 13 mj repetitive avalanche current per leg i ar current decaying linearly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 3a
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94309 2 revision: 23-mar-10 VS-MBRB3030CTLPBF vishay high power products schottky rectifier, 2 x 15 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop per leg see fig. 1 v fm (1) 15 a t j = 25 c 0.47 v 30 a 0.55 15 a t j = 125 c 0.34 30 a 0.45 maximum reverse leakage current per leg see fig. 2 i rm (1) t j = 25 c v r = rated v r 2 ma t j = 125 c 183 threshold voltage v f(to) t j = t j maximum 0.22 v forward slope resistance r t 6.76 m maximum junction ca pacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c 2840 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 150 c maximum thermal resistance, junction to case per leg r thjc dc operation 2.0 c/w per package 1.0 typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 approximate weight 2g 0.07 oz. mounting torque minimum 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style d 2 pak mbrb3030ctl
document number: 94309 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 23-mar-10 3 VS-MBRB3030CTLPBF schottky rectifier, 2 x 15 a vishay high power products fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 1 100 10 1000 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.2 0.4 0.6 0.8 1.2 1.0 1.4 1.6 1.8 0 t j = 150 c t j = 125 c t j = 25 c 0.01 1 10 100 0.1 1000 i r - reverse current (ma) v r - reverse voltage (v) 10 51520 30 25 0 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 100 1000 10 000 c t - junction capacitance (pf) v r - reverse voltage (v) 10 5 152025 35 30 0 t j = 25 c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 100 10 single pulse (thermal resistance) d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94309 4 revision: 23-mar-10 VS-MBRB3030CTLPBF vishay high power products schottky rectifier, 2 x 15 a fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power loss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) fig. 8 - unclamped in ductive test circuit note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 10 v 100 110 120 130 140 150 allowable case temperature (c) i f(av) - average forward current (a) 10 5 15 20 30 25 0 dc see note (1) square wave (d = 0.50) 80 % rated v r applied 0 12 8 4 16 average power loss (w) i f(av) - average forward current (a) 10 51520 30 25 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 100 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and with rated v rrm applied following surge c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
document number: 94309 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 23-mar-10 5 VS-MBRB3030CTLPBF schottky rectifier, 2 x 15 a vishay high power products ordering information table 6 - ct = center tap (dual) 7 8 - trl = tape and reel (left oriented - for d 2 pak only) none = tube (50 pieces) trr = tape and reel (right oriented - for d 2 pak only) 9 - - l = low v f p = lead (pb)-free (for d 2 pak trr and trl) pbf = lead (pb)-free (for d 2 pak tube) 2 - schottky mbr series 1 - hpp prod u ct s u ffix 3 - b = d 2 pak 4 - current rating (30 = 30 a) 5 - voltage rating (30 = 30 v) device code 5 1 3 24 6789 vs- mbr b 30 30 ct l trl pbf links to related documents dimensions www.vishay.com/doc?95046 part marking information www.vishay.com/doc?95054 packaging information www.vishay.com/doc?95032
document number: 95046 for technical questions within your region, please contact one of the following: www.vishay.com revision: 31-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 d 2 pak outline dimensions vishay semiconductors dimensions in millimeters and inches notes (1) dimensioning and toleranc ing per asme y14.5 m-1994 (2) dimension d and e do not include mold flash. mold flash sh all not exceed 0.127 mm (0.005") per side. these dimens ions are measu red at the outmost extremes of the plastic body (3) thermal pad contour optional with in dimension e, l1, d1 and e1 (4) dimension b1 and c1 a pply to base metal only (5) datum a and b to be determined at datum plane h (6) controlling dimension: inch (7) outline conforms to jedec outline to-263ab symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 8.00 0.270 0.315 3 a1 0.00 0.254 0.000 0.010 e 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 e1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 l2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.51 9.65 0.335 0.380 2 l4 4.78 5.28 0.188 0.208 c b detail a c2 a a a 0.004 b m a lead tip (3) (3) view a - a (e) (d1) e1 b h a1 detail ?a? rotated 90 cw scale: 8 :1 l gauge plane 0 to 8 l3 l4 seating plane section b - b and c - c scale: none (4) (4) ( b , b 2) b 1, b 3 (c) c1 base metal plating conforms to jedec outline d 2 pak (smd-220) 13 2 d c a l2 e (2)(3) (2) 4 h bb 2 x b 2 x b 2 l1 0.010 a b mm (3) e 2 x pad layout min. 11.00 (0.43) min. 9.65 (0.3 8 ) min. 3. 8 1 (0.15) min. 2.32 (0.0 8 ) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) lead assignments diodes 1. - anode (two die)/open (one die) 2., 4. - cathode 3. - anode
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? vs-mbrb3030ctltrlp? VS-MBRB3030CTLPBF? mbrb3030ctl? mbrb3030ctltrl? mbrb3030ctltrr? vs- mbrb3030ctltrrp


▲Up To Search▲   

 
Price & Availability of VS-MBRB3030CTLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X