Part Number Hot Search : 
NJU6053 5MF500 500T010E SMAZ5V6 RGP20B CSP20C04 WK090600 TXN20K
Product Description
Full Text Search
 

To Download TC74LVX273FW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74lvx273f/fw/ft 2002-01-16 1 toshiba cmos digital integrated circuit silicon monolithic tc74lvx273f,TC74LVX273FW,tc74lvx273ft octal d-type flip-flop with clear the tc74lvx273f/ fw/ ft is a high-speed cmos octal d-flip flop fabricated with silicon gate cmos technology. designed for use in 3-v systems, it achieves high-speed operation while maintaining the cmos low power dissipation. this device is suitable for low-voltage and battery operated systems. information signals applied to d inputs are transferred to the q outputs on the positive going edge of the clock pulse. when the clr input is held low, the q outputs are in the low logic level independent of the other inputs. an input protection circuit ensures that 0 to 5.5v can be applied to the input pins without regard to the supply voltage. this device can be used to interface 5v to 3v systems and two supply systems such as battery back up. this circuit prevents device destruction due to mismatched supply and input voltages. features  high-speed: f max = 150 mhz (typ.) (v cc = 3 v)  low power dissipation: i cc = 4 a (max) (ta = 25c)  input voltage level: v il = 0.8 v (max) (v cc = 3 v) v ih = 2.0 v (min) (v cc = 3 v)  power-down protection provided on all inputs  balanced propagation delays: t plh t phl  low niose: v olp = 0.8 v (max)  pin and function compatible with 74hc273 note: xxxf (jedec sop) is not available in japan. tc74lvx273f TC74LVX273FW tc74lvx273ft weight sop20-p-300-1.27: 0.22 g (typ.) sol20-p-300-1.27: 0.46 g (typ.) tssop20-p-0044-0.65: 0.08 g (typ.)
tc74lvx273f/fw/ft 2002-01-16 2 pin assignment (top view) iec logic symbol truth table inputs outputs clr d ck q function l x x l clear h l l  h h h  h x qn no change x: don?t care system diagram v cc 20 q8 d8 d7 q7 q6 19 18 17 16 15 14 clr 1 2 3 4 5 6 7 q1 d1 d2 q2 q3 d3 d6 8 9 10 d4 q4 gnd 13 12 11 d5 q5 ck clr ck q1 1 11 3 2 q2 4 5 q3 7 6 q4 8 9 q5 13 12 q6 14 15 q7 17 16 q8 18 19 r ck q d r ck q d r ck q d r ck q d r ck q d r ck q d r ck q d r ck q d d1 d2 d3 d4 d5 d6 d7 d8 (1) (11) (3) (4) (7) (8) (13) (14) (17) (18) (2) (5) (6) (9) (12) (15) (16) (19) q1 q2 q3 q4 q5 q6 q7 q8 d1 d2 d3 d4 d5 d6 d7 d8 1d ck clr r c1
tc74lvx273f/fw/ft 2002-01-16 3 maximum ratings characteristics symbol rating unit supply voltage range v cc  0.5 to 7.0 v dc input voltage v in  0.5 to 7.0 v dc output voltage v out  0.5 to v cc  0.5 v input diode current i ik  20 ma output diode current i ok  20 ma dc output current i out  25 ma dc v cc /ground current i cc  75 ma power dissipation p d 180 mw storage temperature t stg  65 to 150 c recommended operating conditions characteristics symbol rating unit supply voltage v cc 2.0 to 3.6 v input voltage v in 0 to 5.5 v output voltage v out 0 to v cc v operating temperature t opr  40 to 85 c input rise and fall time dt/dv 0 to 100 ns/v electrical characteristics dc characteristics ta  25c ta   40 to 85c characteristics sym- bol test condition v cc (v) min typ. max min max unit 2.0 1.5   1.5  3.0 2.0   2.0  h-level v ih  3.6 2.4   2.4  2.0   0.5  0.5 3.0   0.8  0.8 input voltage l-level v il  3.6   0.8  0.8 v i oh   50  a 2.0 1.9 2.0  1.9  i oh   50  a 3.0 2.9 3.0  2.9  h-level v oh v in  v ih or v il i oh   4 ma 3.0 2.58   2.48  i ol  50  a 2.0  0 0.1  0.1 i ol  50  a 3.0  0 0.1  0.1 output voltage l-level v ol v in  v ih or v il i ol  4 ma 3.0   0.36  0.44 v input leakage current i in v in  5.5 v or gnd 3.6    0.1   1.0  a quiescent supply current i cc v in  v cc or gnd 3.6   4.0  40.0  a
tc74lvx273f/fw/ft 2002-01-16 4 timing requirements (input: t r     t f     3 ns) ta  25c ta   40 to 85c characteristics symbol test condition v cc (v) limit limit unit 2.7 8.0 9.5 minimum pulse width (ck) t w (l) t w (h)  3.3  0.3 5.5 6.5 ns 2.7 7.5 8.5 minimum pulse width ( clr ) t w (l)  3.3  0.3 5.0 6.0 ns 2.7 8.0 9.5 minimum set-up time t s  3.3  0.3 5.5 6.5 ns 2.7 1.0 1.0 minimum hold time t h  3.3  0.3 1.0 1.0 ns 2.7 4.0 4.0 minimum removal time ( clr ) t rem  3.3  0.3 2.5 2.5 ns ac characteristics (input: t r     t f     3 ns) ta  25c ta   40 to 85c characteristics symbol test condition v cc (v) c l (pf) min typ. max min max unit 15  9.0 16.9 1.0 20.5 t plh 2.7 50  11.5 20.4 1.0 24.0 15  7.1 11.0 1.0 13.0 propagation delay time (ck-q) t phl  3.3  0.3 50  9.6 14.5 1.0 16.5 ns 15  9.3 17.6 1.0 20.5 2.7 50  11.8 21.1 1.0 24.0 15  7.3 11.5 1.0 13.5 propagation delay time ( clr -q) t phl  3.3  0.3 50  9.8 15.0 1.0 17.0 ns 15 55 110  45  2.7 50 45 60  40  15 95 150  80  maximum clock frequency f max  3.3  0.3 50 60 90  50  mhz 2.7 50   1.5  1.5 output to output skew t oslh t oshl (note 1) 3.3  0.3 50   1.5  1.5 ns input capacitance c in (note 2)  4 10  10 pf power dissipation capacitance c pd (note 3)  31    pf note 1: parameter guaranteed by design. (t oslh  |t plhm  t plhn |, t oshl  |t phlm  t phln |) note 2: parameter guaranteed by design. note 3: c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption. average operating current can be obtained by the equation: i cc (opr)  c pd ? v cc ? f in  i cc /8 (per f/f) and the total c pd when n pcs. of f/f operate can be gained by the following equation: c pd (total)  22  9 ? n
tc74lvx273f/fw/ft 2002-01-16 5 noise characteristics (ta     25c, input: t r     t f     3 ns, c l     50 pf) characteristics symbol test condition v cc (v) typ. limit unit quiet output maximum dynamic v ol v olp  3.3 0.5 0.8 v quiet output minimum dynamic v ol v olv  3.3  0.5  0.8 v minimum high level dynamic input voltage v ih v ihd  3.3  2.0 v maximum low level dynamic input voltage v il v ild  3.3  0.8 v input equivalent circuit input
tc74lvx273f/fw/ft 2002-01-16 6 package dimensions weight: 0.22 g (typ.)
tc74lvx273f/fw/ft 2002-01-16 7 package dimensions weight: 0.46 g (typ.)
tc74lvx273f/fw/ft 2002-01-16 8 package dimensions weight: 0.08 g (typ.)
tc74lvx273f/fw/ft 2002-01-16 9  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TC74LVX273FW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X