Part Number Hot Search : 
AN5337K TD6102 AOT11N70 2SK31 S10K2 S6003L CDSS355 M13252DH
Product Description
Full Text Search
 

To Download S-2000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1"3 polyarylate  t s-12 ?? a/22 ?? a only  features 3p)4dpnqmjbou  1spufdujpobhbjotuevtuboexipmfdmfbojohbgufs tpmefsjohjtqpttjcmf 1jodpnqbujcmfxjuidpowfoujpobm%*1txjudift  5sbotmvdfoulopcxjuigmbohfuzqf 4 "" tfsjft
w%jtujohvjtifewjtjcjmjuzxjuiusbotmvdfougmbohf w4fuubcmfxjuigjohfstpstdsfxesjwfs part name ? ? ? ? ? ? ? insert rotor translucent knob with flange base housing contact o ring terminal pin material flammability ul94hb ul94hb ul94v-2 polybutyleneterephthalate silicone rubber polybutyleneterephthalate copper alloy, gold-plated rotor : polyoxymethylene pattern : copper alloy, gold-plated  part number designation internal structure s-1000a / 2000a series s - 1 0 1 0 a w no. of positions shape of rotor 0  without knob 1  with knob (with extended shaft) 2  translucent knob with flange (black housing) form of packaging code format w  tray packaging blank  bulk in plastic bag setting position 0  top setting 1  side setting 1  real code 3  complementary code t please refer to the list of part numbers when placing orders. 1  16 positions 2  10 positions s-1000a / 2000a rotary coded switches ? ? ? ? ? ? ? rohs compliant
1 s-1000a / 2000a rotary coded switches  list of part numbers shape form of packging binary coded decimal binary coded hexadecimal real code complementary code real code complementary code top setting side setting s-2010aw s-2030aw s-1010aw s-1030aw s-2010a s-2030a s-1010a s-1030a s-2110aw s-2130aw s-1110aw s-1130aw s-2110a s-2130a s-1110a s-1130a s-2210aw s-2230aw s-1210aw s-1230aw s-2210a s-2230a s-1210a s-1230a s-2011aw s-2031aw s-1011aw s-1031aw s-2011a s-2031a s-1011a s-1031a s-2111aw s-2131aw s-1111aw s-1131aw s-2111a s-2131a s-1111a s-1131a s-2211aw s-2231aw s-1211aw s-1231aw s-2211a s-2231a s-1211a s-1231a pieces in package 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack t verify the above part numbers when placing orders. tray version can be supplied only in tray units. without knob tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag with knob translucent knob with flange with knob translucent knob with flange without knob  terminal connection / p.c.b. through hole dimensions (unit: mm) terminal pin layout (bottom view) p.c.b. dimensions (bottom view) top setting side setting 2.540.1 5 C 0.8 hole 7.620.1 2.540.1 s C 1000a/2000a case 2.540.1 5.080.1 2.540.1 s C 1000a/2000a case operating face 5 C 0.8 hole 8 4 2 1 c real code 8 4 21 complementary code 842 1 842 1 c cc operating face of real code operating face of complementary code  code format no. of positions s-1000a series (16 positions) S-2000A series (10 positions) position 0 1 2 3 4 5 6 7 8 9 a b c d e f code real code 8 4 2 1 8 4 2 complemen- tary code ?contact closed
 standard specifications  mechanical characteristics  environmental characteristics  electrical characteristics { } : reference only circuit type operating temperature range storage temperature range sealing net weight bcd (real code, complementary code) bch (real code, complementary code) ? 40 ~ 85 c washable by o ring tplease refer to page 150,151 approx. 0.87 g (s-1010a, s-1030a, s-2010a, s-2030a) approx. 1.13 g (s-1011a, s-1031a, s-2011a, s-2031a) approx. 0.97 g (s-1110a, s-1130a, s-2110a, s-2130a) approx. 1.23 g (s-1111a, s-1131a, s-2111a, s-2131a) approx. 1.02 g (s-1210a, s-1230a, s-2210a, s-2230a) approx. 1.28 g (s-1211a, s-1231a, s-2211a, s-2231a) contact rating non-switching switching minimum contact resistance insulation resistance dielectric strength dc50 v 100 ma dc5 v 100 ma dc20 mv 1 a 1000 m (dc100 v) minimum 100 m maximum ac300 v, 60 s no. of positions adjustment torque stepping angle terminal strength solderability 16 (s-1000a), 10 (S-2000A) 13 mnm {133 gfcm} minimum 22.5 (s-1000a), 36 (S-2000A) 245 3 c, 2 ~ 3 s 15 n {1.53 kgf} minimum flow : 260 3 c as the temperature in a pot of molten solder, immer sion from head of terminal to backside of board, 5 ~ 6 s, two times maximum soldering heat manual soldering  380 10 c, 3 ~ 4 s shock load life humidity (steady state) high temperature exposure low temperature exposure thermal shock (amplitude) 1.5 mm or (acceleration) 98 m/s 2 , 10-500-10 hz, 3 directions for 2 h each 490 m/s 2 , 11 ms 6 directions for 3 times each 10000 steps dc5 v, 100 ma 85 c, 1000 h resistance load dc50v 100ma 60 c, relative humidity 90 ~ 95 %, 1000 h ? 40 c, 96 h ? 40 (0.5 h) ~ 85 c ( 0.5 h ), 5 cycles vibration s-1000a / 2000a rotary coded switches
s-1000a / 2000a rotary coded switches  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) 4"tfsjft
s-1010a s-1030a top setting  s-1011a s-1031a side setting  s-1110a  s-1130a top setting  s-1111a  s-1131a side setting 8 7 6 5 4 3 2 1 0 f e d c b a 9 10 0.2 7 10 0.2 0.6 w 2.6 l 1.7 d part no. & production date code 4.5 0.5 2.54 2.54 2.54 5C0.5 0.1 t = 0.2 7.62 c 8 4 2 1 8 7 6 5 4 3 2 1 0 f e d c b a 9 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 11.5 6 5.08 3.5 0.5 2.54 10 0.2 2.54 8 4 2 1 c 0.6 w 2.6 l 1.7 d part no. & production date code 7 0.5 4.5 0.5 2.54 2.54 2.54 5C0.5 0.1 t = 0.2 6.6 0 f e d c b a 9 8 7 6 5 4 3 2 1 10 0.2 10 0.2 0.7 w 1 d part no. & production date code 7.62 c 8 4 2 1 3.9 8 7 6 5 4 3 2 1 0 f e d c b a 9 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 11.5 6.6 6 5.08 3.5 0.5 2.54 10 0.2 2.54 8 4 2 1 c 0.7 w 1 d part no. & production date code 3.9
 outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) 4"tfsjft
s-2010a s-2030a top setting  s-2011a s-2031a side setting  s-2110a s-2130a top setting  s-2111a s-2131a side setting 0 10 0.2 10 0.2 0.6 w 2.6 l 1.7 d part no. & production date code 9 8 7 6 5 4 3 2 1 7 4.5 0.5 2.54 2.54 2.54 5C0.5 0.1 t = 0.2 7.62 c 8 4 2 1 5 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 11.5 6 5.08 3.5 0.5 2.54 10 0.2 2.54 8 4 2 1 c 0.6 w 2.6 l 1.7 d part no. & production date code 4 3 2 1 0 9 8 7 6 s-1000a / 2000a rotary coded switches 0 9 8 7 6 5 4 3 2 1 10 0.2 10 0.2 0.7 w 1 d part no. & production date code 7.62 c 8 4 2 1 7 0.5 4.5 0.5 2.54 2.54 2.54 5 C 0.5 0.1 t = 0.2 3.9 m = 0.2 straight knurl 6.6 0 9 8 7 6 5 4 3 2 1 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 18.1 12.6 5.08 3.5 0.5 2.54 3.9 2.54 8 4 2 1 0.7 w 1 d part no. & production date code 6.6 10 0.2 m = 0.2 straight knurl 6.5 c
s-1000a / 2000a rotary coded switches  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) 4""tfsjft
s-1210a s-1230a top setting  s-1211a s-1231a side setting s-2210a s-2230a top setting  s-2211a s-2231a side setting 4 3 2 1 0 f e d c b a 9 7 6 5 100.2 12 7.62 c 8 4 2 1 4.50.5 0.7 w 1 d 100.2 2.54 2.54 2.54 5 C 0.50.1 t = 0.2 part no. & production date code 4 3 2 1 0 f e d c b a 9 7 6 5 100.2 5 11.5 c 8421 0.7 w 1 d 100.2 3.50.5 2.54 2.54 2.54 5 C 0.50.1 t = 0.2 6 5.08 part no. & production date code 0 9 8 7 6 4 3 2 1 100.2 12 7.62 (e ? ? ? ? 4.50.5 0.7 w 1 d 100.2 2.54 2.54 2.54 5 C 0.50.1 t = 0.2 part no. & production date code 0 9 8 7 6 4 3 2 1 100.2 5 11.5 $ ???? 0.7 w 1 d 100.2 3.50.5 2.54 2.54 2.54 5 C 0.50.1 t = 0.2 part no. & production date code 6 5.08
 switches with knob as extended shaft (unit: mm)  snap-in terminal pin with translucent knob with flange (made to order basis)  s-1200ak and s-2200ak 10 0.7 5.5 9.5 1 t knob cant be dettached due to being fixed. simple knob cant be sold. the large knob is common to s-1000a, S-2000A, sa-5000 and ss-10 series.  packaging specifications  5iftnbmmftuvojupgcvmlqbdljobqmbtujdcbhjtqdt qfsqbdl 0sefstxjmmcfbddfqufegpsvojupgnjojnvnqdt jf    qdt fud  #pyjohpgcvmljobqmbtujdcbhjtqfsgpsnfexjuiqdt tuboebseqdt
qfscpy  5sbzwfstjpojtqbdlbhfejoqdtqfsuzbz0sefstxjmm cfbddfqufegpsvojutpgqdt jf   qdt fud 5sbzwfstjpojtcpyfexjuiusbzt s-1000a / 2000a rotary coded switches


▲Up To Search▲   

 
Price & Availability of S-2000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X