Part Number Hot Search : 
MG1101A DG442 120910NK 40100 MAX9500 MM3053A G40N60 RDM30006
Product Description
Full Text Search
 

To Download PXFC191507FCV1R250XTMA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all published data at t case = 25c unless otherwise indicated esd: electrostatic discharge sensitive deviceobserve handling precautions! data sheet 1 of 8 rev. 02.1, 2016-06-22 pxfc191507fc thermally-enhanced high power rf ldmos fet 150 w, 28 v, 1805 C 1990 mhz description the pxfc191507fc is a 150-watt ldmos fet intended for use in multi-standard cellular power amplifer applications in the 1805 to 1990 mhz frequency band. features include input and output matching, high gain and thermally-enhanced package with earless fanges. manufactured with infneon's advanced ldmos process, this device provides excellent thermal performance and superior reliability. pxfc191507fc package h-37248g-4/2 rf characteristics two-carrier wcdma specifcations (tested in infneon production test fxture) v dd = 28 v, i dq = 960 ma, p out = 32 w avg, ? 1 = 1980 mhz, ? 2 = 1990 mhz, 3gpp signal, channel bandwidth = 3.84 mhz, peak/average = 8 db @ 0.01% ccdf characteristic symbol min typ max unit gain g ps 19 20.5 db drain effciency h d 29 31 % intermodulation distortion imd C33 C31 dbc features ? broadband internal input and output matching ? typical pulsed cw performance, 1990 mhz, 28 v, 10 s pulse width, 10% duty cycle, class ab test - output power at p 1db = 140 w - effciency = 54% - gain = 19.5 db ? typical single-carrier wcdma performance, 1990 mhz, 28 v, 10 db par @ 0.01% ccdf, test model 1 with 16dpch - output power = 32 w avg - effciency = 34% - gain = 20 db - acpr = C31 dbc@ 5 mhz ? capable of handling 10:1 vswr @28 v, 150 w (cw) output power ? integrated esd protection : human body model, class 1c (per jesd22-a114) ? low thermal resistance ? pb-free and rohs compliant 0 10 20 30 40 50 60 16 17 18 19 20 21 22 29 33 37 41 45 49 53 efficiency (%) gain (db) output power (dbm) two - carrier wcdma drive - up v dd = 28 v, i dq = 960 ma, v gs = 2.65 v, ? = 1990 mhz, 3gpp wcdma signal, par = 8 db, 10 mhz carrier spacing, bw 3.84 mhz gain efficiency c191507fc_g1
data sheet 2 of 8 rev. 02.1, 2016-06-22 pxfc191507fc dc characteristics (each side) characteristic conditions symbol min typ max unit drain-source breakdown voltage v gs = 0 v, i ds = 10 ma v( br)dss 65 v drain leakage current v ds = 28 v, v gs = 0 v i dss 0.05 1 a v ds = 63 v, v gs = 0 v i dss 10 a on-state resistance v gs = 10 v, v ds = 0.1 v r ds(on) 0.05 w operating gate voltage v ds = 26 v, i dq = 960 ma v gs 2.3 2.6 2.9 v gate leakage current v gs = 10 v, v ds = 0 v i gss 1 a maximum ratings parameter symbol value unit drain-source voltage v dss 65 v gate-source voltage v gs C6 to +10 v operating voltage v dd 0 to +32 v junction temperature t j 225 c storage temperature range t stg C65 to +150 c thermal resistance (t case = 70c, 140 w cw) r qjc 0.43 c/w ordering information type and version order code package description shipping pxfc191507fc v1 r0 pxfc191507fcv1r0xtma1 h-37248g-4/2, earless fange tape & reel, 50 pcs pxfc191507fc v1 r250 PXFC191507FCV1R250XTMA1 h-37248g-4/2, earless fange tape & reel, 250 pcs
pxfc191507fc data sheet 3 of 8 rev. 02.1, 2016-06-22 typical performance (data taken in a production test fxture) 0 10 20 30 40 50 60 -65 -55 -45 -35 -25 -15 -5 29 33 37 41 45 49 53 efficiency (%) imd & acpr (dbc) output power (dbm) two - carrier wcdma drive - up v dd = 28 v, i dq = 960 ma, v gs = 2.65 v, ? = 1990 mhz, 3gpp wcdma signal, par = 8 db, 10 mhz carrier spacing, bw 3.84 mhz imd low imd up acpr efficiency c191507fc_g2 -60 -50 -40 -30 -20 -10 29 33 37 41 45 49 53 imd (dbc) output power (dbm) two - carrier wcdma drive - up v dd = 28 v, i dq = 960 ma, v gs = 2.65v, 3gpp wcdma signal, par = 8 db, 10 mhz carrier spacing, bw 3.84 mhz 1930 imdl 1930 imdu 1960 imdl 1960 imdu 1990 imdl c191507fc_g3 0 10 20 30 40 50 60 16 17 18 19 20 21 22 30 35 40 45 50 55 efficiency (%) gain (db) output power (dbm) pulsed cw performance v dd = 28 v, i dq = 960 ma 1930 gain 1960 gain 1990 gain 1930 eff 1960 eff 1990 eff gain efficiency c191507fc_g4 0 10 20 30 40 50 60 16 17 18 19 20 21 22 27 32 37 42 47 52 57 efficiency (%) gain (db) output power (dbm) pulsed cw performance at various v dd i dq = 960 ma, ? = 1990 mhz gain efficiency c191507fc_g5 v dd = 24 v gain v dd = 28 v gain v dd = 32 v gain v dd = 24 v eff v dd = 28 v eff v dd = 32 v eff
data sheet 4 of 8 rev. 02.1, 2016-06-22 pxfc191507fc typical performance (cont.) broadband circuit impedance z source z load g s d load pull performance main side load pull performance C pulsed cw signal: 100 s, 10% duty cycle, v dd = 28 v, i dq = 960 ma p 1db max output power max pae freq [mhz] zs [ w] zl [w] gain [db] p out [dbm] p out [w] pae [%] zl [w] gain [db] p out [dbm] p out [w] pae [%] 1805 1.00 C j3.39 1.36 C j2.81 18.2 52.30 170 58.1 2.82 C j2.46 20.4 50.40 110 65.7 1880 1.38 C j3.80 1.26 C j3.35 17.8 52.10 164 54.7 2.48 C j2.33 20.2 50.50 112 64.8 1930 1.88 C j4.65 1.14 C j3.38 17.6 52.10 162 52.1 2.25 C j2.06 20.1 50.20 104 63.7 1990 2.85 C j4.62 1.31 C j3.40 18.4 52.00 157 56.4 1.81 C j2.40 19.9 50.60 116 62.8 freq [mhz] z source w z load w r jx r jx 1930 1.34 C4.30 1.55 C3.14 1960 1.28 C4.15 1.54 C2.99 1990 1.25 C4.04 1.52 C2.86 -25 -20 -15 -10 -5 0 17 18 19 20 21 22 1800 1850 1900 1950 2000 2050 2100 input return loss (db) gain (db) frequency (mhz) small signal cw performance gain & input return loss v dd = 28 v, i dq = 960 ma irl gain c191507fc_g6
pxfc191507fc data sheet 5 of 8 rev. 02.1, 2016-06-22 reference circuit , 1930 C 1990 mhz reference circuit assembly diagram (not to scale) + pxfc191507 fc_in_01 c102 rf_in ro4350, .020 rf_out s 1 s 3 s 2 v dd c 1 9 1 5 0 7 f c _ c d _ 0 8 - 2 6 - 2 0 1 4 c101 c103 c105 c104 c106 r 102 r 101 c205 c204 c206 c208 c207 c209 r 802 r 801 r 803 r 805 r 804 c202 c201 c203 ro4350, .020 (61 ) c210 c211 pxfc191507fc_out_01 (61) c801 c803 c802 c213 c214 c 212 v dd
data sheet 6 of 8 rev. 02.1, 2016-06-22 pxfc191507fc reference circuit (cont.) reference circuit assembly dut pxfc191507fc v1 test fixture part no. ltn/pxfc191507fc v1 pcb rogers 4350, 0.508 mm [0.020] thick, 2 oz. copper, r = 3.66, ? = 1930 C 1990 mhz find gerber fles for this test fxture on the infneon web site at http://www.infneon.com/rfpower components information component description suggested manufacturer p/n input c101, c104, c105, capacitor, 33 pf atc atc800a330jt250 c102, c106 capacitor, 10 f taiyo yuden umk325c7106mm-t c103 capacitor, 1.0 pf atc atc800a1r0bt250 c801, c802, c803 capacitor, 1000 pf panasonic electronic components ecj-1vb1h102k r101, r102, r805 capacitor, 10 ohms panasonic electronic components erj-8geyj100v r801 resistor, 1200 ohm panasonic electronic components erj-3geyj122v r802 resistor, 1300 ohm panasonic electronic components erj-3geyj132v r803, r804 capacitor, 100 ohms panasonic electronic components erj-8geyj101v s1 transistor infneon technologies bcp56 s2 potentiometer, 2k w bourns inc. 3224w-1-202e s3 voltage regulator texas instruments lm7805 output c201, c202, c203, c204, c205, c206, c207, c208 capacitor, 10 f taiyo yuden umk325c7106mm-t c209, c210 capacitor, 220 f panasonic electronic components eee-fp1v221ap c211, c212, c213 capacitor, 0.3 pf atc atc800a0r3bt250 c214 capacitor, 33 pf atc atc800a330jt250
pxfc191507fc data sheet 7 of 8 rev. 02.1, 2016-06-22 package outline specifcations package h-37248g-4/2 find the latest and most complete information about products and packaging at the infneon internet page http://www.infneon.com/rfpower h - 37248 g - 4 / 2 _sl _01 _04 - 17 - 2013 s ( 16. 76 [. 660 ]) 9.78 [.385] 2x 15 . 72 [. 619 ] 1. 02 [. 040 ] 20 . 57 [. 810 ] sph 1.57 [.062 ] 3.760.25 [.148.010] 4x r0.51 +0.38 -0.13 [ r.020 +.015 -.005 ] 4x 3.490.20 [.138.008] 19. 81 0.20 [. 780 . 008 ] 21 . 72 [. 855 ] 2x 50 2x 2 . 29 [. 090 ] 3. 00 [. 118 ] c l c l c l c l c l c l c l g d v v c l 45 x 0.64 [.025 ] d diagram notesunless otherwise specifed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [.005] unless specifed otherwise. 4. pins: d C drain; g C gate; s C source; v C v dd . 5. lead thickness: 0.10 + 0.051/-0.025 mm [.004 +0.002/-0.001 inch]. 6. gold plating thickness: 1.14 0.38 micron [45 15 microinch].


▲Up To Search▲   

 
Price & Availability of PXFC191507FCV1R250XTMA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X