Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download PG-35H-354R-NPR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pg-35h pressure gauges  for high pressure  for corrosive gases and liquids compatible with sus316l stainless steel diaphragm   low consumption by nondisplay mode   features ? ? ? ? ? ? ? ? ? ? part name material adaptor push cable sensor holder diaphragm m4 screw push nut plug fitting shield case 1 2 3 6 7 8 9 5 4 ! 0 pbt (polybutyleneterephthalate) vinyl chlorid resin aluminum sus316l sus316l sus303 (r2 only) spring steel (r2 only) sus303 (r2 only) 3 iron, nickel ( sus316 panel sheet polyester internal structure (r 1/4)  model number designation p g - 3 5 h - 1 0 4 r - n r 2 series name pressure range 104  ? 0.1 ~ 10 mpa 354  ? 0.1 ~ 35 mpa pressure reference r  compound pressure (negative pressure ~ positive pressure) fitting r2  r 1/4 g3  g 3/8 switch output interface n  npn open collector p  pnp open collector  list of model numbers fitting switch output interface rated pressure range pressure reference gauge ? 0.1 ~ 10 mpa ? 0.1 ~ 35 mpa pg-35h-104r-nr2 pg-35h-354r-nr2 a pg-35h-104r-pr2 a pg-35h-354r-pr2 pg-35h-104r-ng3 pg-35h-354r-ng3 a pg-35h-104r-pg3 a pg-35h-354r-pg3 r2 (r 1/4) g3 (g 3/8) npn pnp npn pnp t verify the above model numbers when placing orders. marked a is manufactured upon receipt of order basis.
permissible change pg-35h pg-35h pressure gauges general specifications display switch output analog output item model number 104r 354r  standard specifications pressure reference gauge corrosive hydraulic oil compatible with iron or nickel corrosive gases/liquids compatible with sus 316 and sus 316l ? 0.1 ~ 10 ? 0.1 ~ 35 20 50 40 50 ? 10 ~ 50 0 ~ 50 35 ~ 85  no condensation  ip65 r 1/4, g 3/8 sus 316l approx.   including 2 m cable  3 %f.s. (0 ~ 50 c) 100 m minimum 500 v ac 1 minute 10.8 ~ 30 v dc  including ripple percentage  50 ma maximum full 3-digit led ? 0.10 ~ 9.99 ? 00.1 ~ 35.0 max. 11 settings approx. 4 times/s C led is on 2 % 2-point output (transistor, open collector output) separate mode / window comparator mode 30 v dc 100 ma maximum 1.2 v maximum (npn), 2.2 v maximum (pnp) output 1 (green led), y output 2 (red led) y lighted when output is on. 0 ~ 300 counts y adjustable 0.2 %f.s. 1 count approx. 5, 25, 250, 2500 ms y adjustable 3 modes 10 k 1/204 1 ~ 5 v r mode 104r-zero : 1.04 0.2 v, span : 3.96 0.2 v, 354r-zero : 1.01 0.2v, span : 3.99 0.2 v g mode zero : 1 0.2 v, span : 4 0.2 v t the accuracy at v mode is not guaranteed. npn/pnp pressure medium rated pressure range maximum pressure mpa mpa r2 g3 break-down pressure operating temp. range compensated temp. range operating humidity protection grade type of mounting material of pressure port attachment net weight g thermal error insulation resistance dielectric strength input voltage consumption current display element rated display range mpa multiplier settings display cycle negative pressure display display accuracy output status output mode switching capacity residual voltage state indication switch hysteresis repeatability response output mode output voltage v zero : pin=0, v span : pin=0 ? pin (h) impedance resolution ( ) mpa c c %rh  unless otherwise specified, the specs are defined at an ambient temperature of 255 c and excitation voltage of 12 v dc.  environmental characteristics test item test conditions pressure indication,switch operating points and analog output variation : 2 %f.s. maximum each after test vibration 10 ~ 500 hz, 98.1 m/s 2 or 1.5 mm p-p, 3 directions for 2 hours each 490 m/s 2 , 3 directions for 3 times each 0 ~ rated pressure z 10 6 cycles 40 c, 90 ~ 95 %rh, 240 hrs. shock pressure cycling moisture resistance
display multiplier selection code 1 1 0.0102 10.2 7.501 102 0.01 10 0.145 0.000145 0.001 0.2953 2 3 4 5 6 7 8 9 a b pressure range  1s ? 1s  the last digit/letter represents the selection code : blinking red led indicates negative pressure. 104r 354r C 1.0 ~ 99.9 C 1 ~ 350 C 1.0 ~ 99.9 C 1 ~ 350 C 0.01 ~ 1.45 C 0.01 ~ 5.07 C 0.10 ~ 9.99 C 00.1 ~ 35.0 1 r mode 2 g mode display a.output shield load s.output1 main circuit power b sensor common s.output2 load 2 !y indicator 1 led pressure indication pressure a.output shield pressure indication sensor s.output1 s.output2 load pressure power b 1 2 led common load !y indicator main circuit  internal electrical schematics  selection of display multiplier  analog output mode  switch output mode 0vuqvu .pef 0qfsbujpo pressure setting (operating point) 4fuujoh 4fuujoh -pxfsmjnju
4fuujoh 6qqfsmjnju
4fuujoh -pxfsmjnju
4fuujoh 6qqfsmjnju
4fuujoh 48 48 separate mode window comparator mode 4   4   4   4   $   $   $   $   4fqbsbuf 8joepxdpnqbsbups 4fqbsbuf 8joepxdpnqbsbups )* -0 " # )* -0 " #  hi operation   lo operation   a operation   b operation  p1: sw1 p2: sw2 p1 p2 p1 p2 off on on on on -pr off off off pr -pr pr -pr pr hh p1: sw1 p2: sw2 off on -pr pr hh hh hh ) switch hysteresis z 11 setting 1 z1  1 setting 2 p1 ? p2 or p1 ? p2 p1 ? p2C2h diagonal column: display multiplier cannot be selected due to resolution and number of digits. (selection code is not indicated either.) selection code is set at a prior to shipment. selection code is set at g prior to shipment. note 1. in the separate mode, setting 1 corresponds to sw1, and setting 2 corresponds to sw2. note 2. in the window comparator mode, the minimum value for sw1 and sw2 corresponds to setting 1 and the maximum value corresponds to setting 2. pressure range 1 v 5 v 1 v 5 v ? pr 0 pr  npn  pnp pg-35h pressure gauges
pg-35h pressure gauges  outline dimensions unless otherwise specified tolerance : 0.5 (unit: mm)  fitting r2 (r 1/4)  fitting g3 (g 3/8) pressure port 4 315 yy 4 (73.2) 30 30 37 10.5 16 iron, ni-plated 7.7 5 16 depth 5 2 C m4 l = 2000 100 awg26 5 wire shield cable copal electronics (1' sus316 yy 4 5 (79.2) 30 30 37 10.5 16 7.7 5 3 16 depth 5 2 C m4 l = 2000 100 awg26 5 wire shield cable copal electronics wire color brown gray black white blue shield connection power b analog output switch output 1 switch output 2 common fitting t accessories (sold separately) are available for common use with pg-30, pg-35, pg-75 series. (p.173)


▲Up To Search▲   

 
Price & Availability of PG-35H-354R-NPR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X