Part Number Hot Search : 
NJM2146 GI01N60 SMD05 IW1692 SMA220CA UNH0115 SMD05 A2300
Product Description
Full Text Search
 

To Download MTN10N65BE3-0-UB-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 1/10 mtn10n65be3 cystek product specification n-channel enhancement mode power mosfet mtn10n65be3 bv dss 650v i d @ v gs =10v, t c =25 c 10a r dson(typ) @ v gs =10v, i d =6a 0.54 description the mtn10n65be3 is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness. the to-220 package is universally preferred for all commercial-industrial applications features ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? rohs compliant package applications ? open framed power supply ? adapter ? stb ordering information device package shipping MTN10N65BE3-0-UB-X to-220 (rohs compliant package) 50 pcs/tube, 20 tubes/box, 4 boxes / carton environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, ub : 50 pcs / tube, 20 tubes/box product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 2/10 mtn10n65be3 cystek product specification symbol outline mtn10n65be3 to-220 g d s g gate d drain ssource absolute maximum ratings (t c =25c) parameter symbol limits unit drain-source voltage v ds 650 gate-source voltage v gs 30 v continuous drain current @v gs =10v, t c =25 c 10* continuous drain current @v gs =10v, t c =100 c i d 6.3* pulsed drain current @ v gs =10v (note 1) i dm 40* avalanche current (note 1) i as 10 a single pulse avalanche energy (note 2) e as 215 repetitive avalanche energy (note 1) e ar 6 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns maximum temperature for soldering @ lead at 0.125 in(0.318mm) from case for 10 seconds t l 300 c w total power dissipation (t c =25 ) linear derating factor p d 185 1.48 w/ c operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature * 100% uis testing in condition of v d =50v, l=4.3mh, v g =10v, i l =10a, rated v ds =650v note : 1 . repetitive rating; pulse width limited by maximum junction temperature. 2 . i as =10a, v dd =50v, l=4.3mh, r g =25 , starting t j =+25 . 3 . i sd 10a, di/dt 100a/ s, v dd bv dss , starting t j =+25 .
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 3/10 mtn10n65be3 cystek product specification thermal data parameter symbol value unit thermal resistance, junction-to-case, max r jc 0.68 thermal resistance, junction-to-ambient, max r ja 62.5 c/w characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 650 - - v v gs =0v, i d =250 a, tj=25 ? bv dss / ? tj - 0.6 - v/ c reference to 25 c, i d =250 a v gs(th) 2.0 - 4.0 v v ds = v gs , i d =250 a *g fs - 16 - s v ds =15v, i d =6a i gss - - 100 na v gs = 30v - - 1 v ds =650v, v gs =0v i dss - - 10 a v ds =520v, v gs =0v, tj=125 c *r ds(on) - 0.54 0.75 v gs =10v, i d =6a dynamic *qg - 54.2 - *qgs - 9.6 - *qgd - 22.2 - nc i d =10a, v dd =520v, v gs =10v *t d(on) - 21.2 - *tr - 18.2 - *t d(off) - 81.8 - *t f - 25.8 - ns v dd =325v, i d =10a, v gs =10v, r g =9.1 ciss - 1920 - coss - 178 - crss - 24 - pf v gs =0v, v ds =25v, f=1mhz rg - 2 - f=1mhz source-drain diode *v sd - 0.78 1.5 v i s =6a, v gs =0v *i s - - 10 *i sm - - 40 a *trr - 411 - ns *qrr - 3.3 - c v gs =0v, i f =10a, di f /dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 4/10 mtn10n65be3 cystek product specification typical characteristics typical output characteristics 0 4 8 12 16 20 24 28 32 36 40 0 10203040 50 brekdown voltage vs ambient temperature 0.6 0.8 1.0 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 t a , ambient temperature(c) bv dss , normalized drain-source breakdown voltage v ds , drain-source voltage(v) i d , drain current(a) 10v,9v,8v,7v 6v 5.5 v i d =250 a, v gs =0v 5v v gs =4.5v static drain-source on-state resistance vs drain current 0 100 200 300 400 500 600 700 800 900 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on- state resistance(m) v gs =10v drain current vs gate-source voltage 0 5 10 15 20 25 30 35 0246810 v gs , gate-source voltage(v) i d , drain current(a) v ds =30v ta=25c v ds =10v static drain-source on-state resistance vs gate-source voltage 0 200 400 600 800 1000 1200 1400 1600 1800 2000 024681 v gs , gate-source voltage(v) r ds(on) , static drain-source on-state resistance(m) 0 i d =6a ta=25c forward drain current vs source-drain voltage 0.001 0.01 0.1 1 10 100 00.20.40.60.811.21.4 v sd , source drain voltage(v) i f , forward current(a) v gs =0v ta=150c ta=25c
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 5/10 mtn10n65be3 cystek product specification typical characteristics(cont.) capacitance vs reverse voltage 10 100 1000 10000 0 5 10 15 20 25 30 v ds , drain-to-source voltage(v) capacitance(pf) ciss coss crss f=1mhz static drain-source on-resistance vs ambient temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -75 -50 -25 0 25 50 75 100 125 150 175 t a , ambient temperature(c) r ds(on) , normalized static drain-source on-state resistance i d =6a, v gs =10v r ds( on) @tj=25c:0.54 typ. maximum safe operating area 0.01 0.1 1 10 100 1 10 100 1000 v ds , drain-source voltage(v) i d , drain current(a) r ds( on) limited dc 10 s t c =25c, tj(max)=150c v gs =10v, r jc =0.68c/w single pulse 100ms 10ms 1ms 100 s gate charge characteristics 0 2 4 6 8 10 0 6 12 18 24 30 36 42 48 54 60 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =10a v ds =130v v ds =325v v ds =520v maximum drain current vs case temperature 0 2 4 6 8 10 12 25 50 75 100 125 150 175 t c , case temperature(c) i d , maximum drain current(a) v gs =10v, r jc =0.68c/w threshold voltage vs junction tempearture 0.2 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a i d =1ma
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 6/10 mtn10n65be3 cystek product specification typical characteristics(cont.) single pulse power rating, junction to case 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 0.0001 0.001 0.01 0.1 1 10 pulse width(s) power (w) t j(max) =150c t c =25c r jc =0.68c/w forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =15v transient thermal response curves 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r jc (t)=r(t)*r jc 2.duty factor, d=t 1 /t 2 3.t jm -t c =p dm *r jc (t) 4.r jc =0.68 c/w
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 7/10 mtn10n65be3 cystek product specification test circuits and waveforms
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 8/10 mtn10n65be3 cystek product specification test circuits and waveforms(cont.)
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 9/10 mtn10n65be3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c114e3 issued date : 2016.03.21 revised date : page no. : 10/10 mtn10n65be3 cystek product specification to-220 dimension marking: 4 style: pin 1.gate 2.drain 3.source 4.drain 3-lead to-220 plastic package cystek package code: e3 device name date code 1 2 3 cys 10n65b *: typical millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 4.400 4.600 0.173 0. 181 e 2.540* 0.100* a1 2.250 2.550 0.089 0.100 e1 4.980 5.180 0.196 0.204 b 0.710 0.910 0.028 0.036 f 2.650 2.950 0.104 0.116 b1 1.170 1.370 0.046 0.054 h 7.900 8.100 0.311 0.319 c 0.330 0.650 0.013 0.026 h 0.000 0.300 0.000 0.012 c1 1.200 1.400 0.047 0.055 l 12.900 13.400 0.508 0.528 d 9.910 10.250 0.390 0.404 l1 2.850 3.250 0.112 0.128 e 8.950 9.750 0.352 0.384 v 7/500 ref 0.295 ref e1 12.650 12.950 0.498 0.510 3.400 3.800 0.134 0.150 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTN10N65BE3-0-UB-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X